Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA9984A Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części TDA9984A
Szczegółowy opis  HDMI 1.3 transmitter with 1080p upscaler embedded
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9984A Arkusz danych(HTML) 1 Page - NXP Semiconductors

  TDA9984A Datasheet HTML 1Page - NXP Semiconductors TDA9984A Datasheet HTML 2Page - NXP Semiconductors TDA9984A Datasheet HTML 3Page - NXP Semiconductors TDA9984A Datasheet HTML 4Page - NXP Semiconductors TDA9984A Datasheet HTML 5Page - NXP Semiconductors TDA9984A Datasheet HTML 6Page - NXP Semiconductors TDA9984A Datasheet HTML 7Page - NXP Semiconductors TDA9984A Datasheet HTML 8Page - NXP Semiconductors TDA9984A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1.
General description
The TDA9984A is a High-Definition Multimedia Interface (HDMI) v. 1.3 transmitter with
embedded 1080p upscaling functionality. It is backward compatible DVI 1.0 and can be
connected to any DVI 1.0 and HDMI sink. It allows mixing a 3
× 8-bit RGB or YCbCr video
stream with a pixel rate up to 150 MHz together with up to 4
× I2S-bus or one S/PDIF
audio streams with an audio sampling rate up to 192 kHz. It supports Gamut boundary
description (xvYCC), as well as HD audio, both HDMI 1.3 features.
A programmable upscaling block allows creating a 1080p output from a standard definition
input. An intrafield deinterlacer is included in the scaler.
In order to be compatible with most applications, and thanks to the integration of a fully
programmable input formatter and color space conversion block, the video input formats
accepted also include YCbCr 4 :4:4 (up to 3
× 8-bit), YCbCr 4:2:2 semi-planar (up to
2
× 12-bit) and YCbCr 4 :2:2 compliant with ITU656 (up to 1 × 12-bit). In case of
ITU656-like format, the input pixel clock can be made active on both edges.
The TDA9984A includes a HDCP 1.2 compliant cipher block. The HDCP key are stored
internally in a non-volatile OTP memory for maximum security.
The TDA9984A includes a true I2C-bus master interface for DDC-bus communication for
EDID purpose and HDCP purpose.
The TDA9984A can be controlled by an I2C-bus interface.
2.
Features
I 3 × 8-bit video data input buses; CMOS and LV-TTL compatible
I Horizontal synchronization, vertical synchronization and data enable inputs or VREF,
HREF and FREF inputs which can be used for synchronization
I Pixel rate clock input can be made active on one or both edges; selectable via I2C-bus
I 4 × I2S-bus audio input channels, one S/PDIF channel; audio data rate up to 192 kHz
per input for both standards
I Dolby-True HD and DTS-HD High bit rate audio support through the use of the HBR
interface
I 250 MHz to 1.50 GHz TMDS transmitter operation
I Programmable input formatter and upsampler/interpolator allows input of any of the
4:4:4 or 4:2:2 semi-planar and 4 :2:2 ITU656-like formats
TDA9984A
HDMI 1.3 transmitter with 1080p upscaler embedded
Rev. 04 — 15 January 2009
Product data sheet


Podobny numer części - TDA9984A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9984A NXP-TDA9984A Datasheet
204Kb / 40P
   HDMI 1.3 transmitter with 1080p upscaler embedded
Rev. 04-15 January 2009
TDA9984AHW NXP-TDA9984AHW Datasheet
204Kb / 40P
   HDMI 1.3 transmitter with 1080p upscaler embedded
Rev. 04-15 January 2009
More results

Podobny opis - TDA9984A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9984A NXP-TDA9984A Datasheet
204Kb / 40P
   HDMI 1.3 transmitter with 1080p upscaler embedded
Rev. 04-15 January 2009
logo
Analog Devices
ADV7510BSTZ-P AD-ADV7510BSTZ-P Datasheet
60Kb / 2P
   Deep Color HDMI 1.3 Transmitter with CEC
Rev. SpA
logo
Tripp Lite. All Rights ...
P142-06N-SC4K TRIPPLITE-P142-06N-SC4K Datasheet
495Kb / 2P
   HDMI 4K x 2K UHD Upscaler
logo
List of Unclassifed Man...
SII9134 ETC2-SII9134 Datasheet
870Kb / 2P
   HDMI 1.3 Transmitter with Deep Color, High Bit-Rate HD Audio Support
logo
Silicon image
SII9020 SILICONIMAGE-SII9020 Datasheet
173Kb / 2P
   HDMI Transmitter
SII9022A SILICONIMAGE-SII9022A Datasheet
1Mb / 2P
   HDMI Transmitter
logo
ESS Technology,Inc
ES7120 ESS-ES7120 Datasheet
44Kb / 2P
   HDMI Transmitter
logo
Silicon image
SII9024A SILICONIMAGE-SII9024A Datasheet
1Mb / 2P
   HDMI Transmitter
logo
Tripp Lite. All Rights ...
P142000MINI TRIPPLITE-P142000MINI Datasheet
493Kb / 2P
   HDMI to Mini HDMI Adapter, 1080p (F-M)
logo
Bourns Electronic Solut...
CDDFN10-0524P BOURNS-CDDFN10-0524P Datasheet
739Kb / 1P
   HDMI 1.3 - ESD & Overcurrent Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com