Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA9984A Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części TDA9984A
Szczegółowy opis  HDMI 1.3 transmitter with 1080p upscaler embedded
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9984A Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button TDA9984A Datasheet HTML 6Page - NXP Semiconductors TDA9984A Datasheet HTML 7Page - NXP Semiconductors TDA9984A Datasheet HTML 8Page - NXP Semiconductors TDA9984A Datasheet HTML 9Page - NXP Semiconductors TDA9984A Datasheet HTML 10Page - NXP Semiconductors TDA9984A Datasheet HTML 11Page - NXP Semiconductors TDA9984A Datasheet HTML 12Page - NXP Semiconductors TDA9984A Datasheet HTML 13Page - NXP Semiconductors TDA9984A Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
[1]
Double edge means both rising and falling edges.
Table 5.
Inputs of video input formatter
Space color Format
Channels
Sync
Rising
edge
Falling
edge
Double
edge[1]
Transmission
input format
Pixel clock
(MHz)
Maximum
input format
Reference
RGB
4:4:4
3
× 8-bit
external
X
-
150 MHz
-
Section 8.1.2.1
X
-
150 MHz
-
embedded
X
-
150 MHz
-
X
-
150 MHz
-
YCbCr
4 : 4 : 4
3
× 8-bit
external
X
-
150 MHz
-
Section 8.1.2.2
X
-
150 MHz
-
embedded
X
-
150 MHz
-
X
-
150 MHz
-
YCbCr
4 : 2 : 2
up to 1
× 12-bit
semi-planar
external
X
ITU656-like
54.054 MHz
480p/576p
Section 8.1.2.3
X
ITU656-like
54.054 MHz
480p/576p
X
ITU656-like
27.027 MHz
480p/576p
Section 8.1.2.4
embedded
X
ITU656-like
54.054 MHz
480p/576p
Section 8.1.2.5
X
ITU656-like
54.054 MHz
480p/576p
X
ITU656-like
27.027 MHz
480p/576p
Section 8.1.2.6
up to 2
× 12-bit
semi-planar
external
X
SMPTE293M
148.5 MHz
1080p
Section 8.1.2.7
X
SMPTE293M
148.5 MHz
1080p
embedded
X
SMPTE293M
148.5 MHz
1080p
Section 8.1.2.8
X
SMPTE293M
148.5 MHz
1080p


Podobny numer części - TDA9984A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9984A NXP-TDA9984A Datasheet
204Kb / 40P
   HDMI 1.3 transmitter with 1080p upscaler embedded
Rev. 04-15 January 2009
TDA9984AHW NXP-TDA9984AHW Datasheet
204Kb / 40P
   HDMI 1.3 transmitter with 1080p upscaler embedded
Rev. 04-15 January 2009
More results

Podobny opis - TDA9984A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9984A NXP-TDA9984A Datasheet
204Kb / 40P
   HDMI 1.3 transmitter with 1080p upscaler embedded
Rev. 04-15 January 2009
logo
Analog Devices
ADV7510BSTZ-P AD-ADV7510BSTZ-P Datasheet
60Kb / 2P
   Deep Color HDMI 1.3 Transmitter with CEC
Rev. SpA
logo
Tripp Lite. All Rights ...
P142-06N-SC4K TRIPPLITE-P142-06N-SC4K Datasheet
495Kb / 2P
   HDMI 4K x 2K UHD Upscaler
logo
List of Unclassifed Man...
SII9134 ETC2-SII9134 Datasheet
870Kb / 2P
   HDMI 1.3 Transmitter with Deep Color, High Bit-Rate HD Audio Support
logo
Silicon image
SII9020 SILICONIMAGE-SII9020 Datasheet
173Kb / 2P
   HDMI Transmitter
SII9022A SILICONIMAGE-SII9022A Datasheet
1Mb / 2P
   HDMI Transmitter
logo
ESS Technology,Inc
ES7120 ESS-ES7120 Datasheet
44Kb / 2P
   HDMI Transmitter
logo
Silicon image
SII9024A SILICONIMAGE-SII9024A Datasheet
1Mb / 2P
   HDMI Transmitter
logo
Tripp Lite. All Rights ...
P142000MINI TRIPPLITE-P142000MINI Datasheet
493Kb / 2P
   HDMI to Mini HDMI Adapter, 1080p (F-M)
logo
Bourns Electronic Solut...
CDDFN10-0524P BOURNS-CDDFN10-0524P Datasheet
739Kb / 1P
   HDMI 1.3 - ESD & Overcurrent Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com