Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC-12-7550 Arkusz danych(PDF) 1 Page - Mini-Circuits

Numer części ADC-12-7550
Szczegółowy opis  Directional Coupler 50/75廓 5 to 1000 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MINI [Mini-Circuits]
Strona internetowa  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADC-12-7550 Arkusz danych(HTML) 1 Page - Mini-Circuits

  ADC-12-7550 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
minicircuits.com
TM
IF/RF MICROWAVE COMPONENTS
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
Typical Performance Data
Directional Coupler Electrical Specifications
Maximum Ratings
Pin Connections
Features
• CATV
INPUT75
1
OUTPUT75
6
COUPLED50
3
GROUND
2
50TERMEXTERNAL
4
ISOLATE(DONOTUSE)
5
• wideband,5-1000MHz
• lowmainlineloss,0.7dBtyp.
• excellentIN/OUTVSWR,1.2:1typ.
• uniquecircuit,75atIN/OUTand50atCPL
• aqueouswashable
• protectedbyUSPatents6,133,525&6,140,887
Applications
OperatingTemperature
-40°Cto85°C
StorageTemperature
-55°Cto100°C
CASESTYLE:CD542
PRICE:$6.95ea.QTY(10-49)
Frequency
(MHz)
Mainline Loss
(dB)
In-Out
Coupling
(dB)
In-Cpl
Directivity
(dB)
Return Loss
(dB)
In
Cpl
Out
Demo Board MCL P/N: TB-358
Suggested PCB Layout (PL-215)
Outline Drawing
Outline Dimensions (
)
inch
mm
L=5-50MHzM=50-500MHzU=500-1000MHz
1.Mainlinelossincludestheoreticalpowerlossatcoupledport.
ADC-12-7550+
MAINLINE LOSS
0.4
0.6
0.8
1
1.2
0
200
400
600
800
1000
FREQUENCY (MHz)
at RF level of -4.3 dBm
ADC-12-7550+
COUPLING & DIRECTIVITY
9
10.5
12
13.5
15
0
200
400
600
800
1000
FREQUENCY (MHz)
COUPLING
DIRECTIVITY
at RF level of -4.3 dBm
ADC-12-7550+
ADC-12-7550+
RETURN LOSS
8
16
24
32
40
0
200
400
600
800
1000
FREQUENCY (MHz)
IN
OUT
CPL
at RF level of -4.3 dBm
50/75
5to1000MHz
Directional Coupler
REV.A
M119986
ED-12367
ADC-12-7550+
DY/LC/CP/AM
081111
Surface Mount
A
B
C
D
E
F
G
.272
.310
.220
.100
.112
.055
.100
6.91
7.87
5.59
2.54
2.84
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.20
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.
FREQ.
(MHz)
COUPLING at 50
(dB)
1
MAINLINE LOSS at 75
(dB)
DIRECTIVITY
(dB)
VSWR
(:1)
POWER
INPUT
(W)
Nom.
Flatness
L
M
U
L
M
U
Typ.
Typ. Max.
Typ. Max.
Typ. Max.
Typ. Min.
Typ. Min.
Typ. Min.
Max.
5-1000
12.5±1.0
±1.0
0.6
1.0
0.7 1.2
0.85 1.8
13
10
12
9
11
7
1.5
1.0
5.00
0.62
12.14
12.98
20.67
32.11
27.86
45.00
0.63
12.16
12.88
21.27
36.89
27.24
124.00
0.68
12.25
12.65
21.67
30.63
21.83
272.00
0.73
12.44
12.22
21.77
24.00
16.13
420.00
0.76
12.65
11.82
20.91
20.71
13.09
540.00
0.79
12.79
11.57
19.83
19.25
11.53
675.00
0.81
12.91
11.30
19.50
18.71
10.32
800.00
0.87
13.02
11.16
19.81
18.63
9.57
900.00
0.96
13.09
10.99
20.08
18.64
9.14
1045.00
1.13
13.17
10.58
19.34
18.34
8.69
Electrical Schematic


Podobny numer części - ADC-12-7550

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
ADC-12-4-75 MINI-ADC-12-4-75 Datasheet
241Kb / 1P
   Directional Coupler 75廓 20 to 1000 MHz
ADC-12-4-75++ MINI-ADC-12-4-75+ Datasheet
241Kb / 1P
   Directional Coupler 75廓 20 to 1000 MHz
More results

Podobny opis - ADC-12-7550

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
ADC-16-4-75 MINI-ADC-16-4-75 Datasheet
242Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
ADC-10-4-75R MINI-ADC-10-4-75R Datasheet
298Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
TCD-13-4-75 MINI-TCD-13-4-75 Datasheet
279Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
ADC-10-4-75 MINI-ADC-10-4-75 Datasheet
260Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
ADC-15-4-75 MINI-ADC-15-4-75 Datasheet
242Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
ADC-20-4-75 MINI-ADC-20-4-75 Datasheet
243Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
ADC-25-4-75 MINI-ADC-25-4-75 Datasheet
277Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
TCD-10-4-75 MINI-TCD-10-4-75 Datasheet
251Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
ADC-20-4 MINI-ADC-20-4 Datasheet
240Kb / 1P
   Directional Coupler 50廓 5 to 1000 MHz
ADC-10-4 MINI-ADC-10-4 Datasheet
261Kb / 1P
   Directional Coupler 50廓 5 to 1000 MHz
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com