Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VZM-6993J5 Arkusz danych(PDF) 1 Page - Communications & Power Industries, Inc.

Numer części VZM-6993J5
Szczegółowy opis  250W or 320W TWT Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CPI [Communications & Power Industries, Inc.]
Strona internetowa  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VZM-6993J5 Arkusz danych(HTML) 1 Page - Communications & Power Industries, Inc.

  VZM-6993J5 Datasheet HTML 1Page - Communications & Power Industries, Inc. VZM-6993J5 Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Compact
Provides 250 or 320 watts of power in a 4 rack
unit package.
Versatile
Ultra-wide band, automatic fault recycle, user-
friendly microprocessor-controlled logic with
integrated computer interface, VSWR soft-fail
protection, digital metering, and quiet operation
for the laboratory environment.
Efficient
Utilizes dual-depressed collector helix traveling
wave tube for maximum 1.5 kVA operation.
Global Applications
230 VAC operation. Designed to meet
Inteernational Safety Standard EN61010 and
Electromagnetic Compatibility 89/336/EEC.
Easy to Maintain
Modular design and built-in fault diagnostic
capability backed by CPI’s worldwide 24-hour
customer support network that includes fifteen
regional factory service centers.
250W or 320W TWT Amplifier
for Test and Measurement Applications
The VZM-6993J5
250 or 320 Watt
TWT Compact
Power Amplifier
8.0 to 18.0 GHz
Communications & Power Industries Canada, Inc.
45 River Drive
Georgetown, Ontario CANADA L7G2J4
tel: +1 (905) 877-0161
fax: +1 (905) 877-5327
e-mail: marketing@cmp.cpii.com
www.cpii.com/satcom


Podobny numer części - VZM-6993J5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Communications & Power ...
VZM-6991K4 CPI-VZM-6991K4 Datasheet
380Kb / 4P
   20 Watt TWT Amplifier
VZM-6991K6 CPI-VZM-6991K6 Datasheet
340Kb / 4P
   20 Watt TWT Amplifier
More results

Podobny opis - VZM-6993J5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Communications & Power ...
VVM347904 CPI-VVM347904 Datasheet
396Kb / 1P
   TWT Amplifier
VZC-6961K4 CPI-VZC-6961K4 Datasheet
380Kb / 4P
   20 Watt TWT Amplifier
VZC-6967V7 CPI-VZC-6967V7 Datasheet
151Kb / 2P
   750W Outdoor TWT Amplifier
T04UO CPI-T04UO Datasheet
142Kb / 2P
   400W Outdoor TWT Amplifier
T04XO CPI-T04XO Datasheet
125Kb / 2P
   400W Outdoor TWT Amplifier
T04CO CPI-T04CO Datasheet
142Kb / 2P
   400W Outdoor TWT Amplifier
VZU-6998VY CPI-VZU-6998VY Datasheet
140Kb / 2P
   750W Outdoor TWT Amplifier
T03DO CPI-T03DO Datasheet
146Kb / 2P
   270W Outdoor TWT Amplifier
VZA-6902J1 CPI-VZA-6902J1 Datasheet
144Kb / 2P
   30 Millimeter TWT Amplifier
VZC-6961K6 CPI-VZC-6961K6 Datasheet
340Kb / 4P
   20 Watt TWT Amplifier
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com