Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL22XI Arkusz danych(PDF) 1 Page - Communications & Power Industries, Inc.

Numer części TL22XI
Szczegółowy opis  2.25 and 2.50 kW SuperLinear TWT Amplifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CPI [Communications & Power Industries, Inc.]
Strona internetowa  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

TL22XI Arkusz danych(HTML) 1 Page - Communications & Power Industries, Inc.

  TL22XI Datasheet HTML 1Page - Communications & Power Industries, Inc. TL22XI Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CPI 2.25 and 2.50 kW SuperLineartm TWT Amplifiers
for Satellite Communications
The TL22XI and
TL25XI TWTAs
Up to 2.5 kW (1110 W
operating) TWT
Compact High Power
Amplifiers, featuring
high efficiency, small
size and integral
computer interface.
Compact
Provides 2250 or 2500 watts of equivalent
linear power (1000 or 1110 watts operating)
in a compact nine rack-unit package, digital
ready, for wideband, single- and multi-carrier
satellite service in the 7.9 – 8.4 GHz frequency
band. Designed to operate at up to 1260 watts
flange linear power for multi-carrier uplinks.
Ideal for transportable and fixed earth station
applications where space and prime power
are at a premium. 30% smaller than
traditional HPAs.
Efficient and Reliable
Employs an ultra-high efficiency dual-depressed
collector helix traveling wave tube backed
by many years of field-proven experience in
airborne and military applications. The collector
design is optimized for super-cool operation.
Simple to Operate
User-friendly microprocessor-controlled
logic with integrated computer interface,
digital metering, pin diode attenuation,
optional integrated linearizer for improved
intermodulation performance, and BUC option
for use with L-band modems.
Global Applications
Meets International Safety Standard
EN-60215 and EMC Standard EEC 89/336
to satisfy worldwide requirements.
Easy to Maintain
Modular design and built-in fault diagnostic
capability with convenient and clearly visible
indicators for easy maintainability in the field.
Worldwide Support
Backed by over two decades of satellite
communications experience, and CPI’s
worldwide 24-hour customer support
network that includes sixteen regional
factory service centers.
X-Band
811 Hansen Way
P.O. Box 51625, Palo Alto, CA 94303
tel: +1 (650) 846-3803
fax: +1 (650) 424-1744
e-mail: marketing@satcom.cpii.com
www.cpii.com/satcom


Podobny numer części - TL22XI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
3M Electronics
TL22 3M-TL22 Datasheet
21Kb / 4P
   Threadlocker Anaerobic Adhesives
TL22 3M-TL22 Datasheet
363Kb / 6P
   Scotch-WeldTM Threadlocker Anaerobic Adhesives
November 2016
logo
List of Unclassifed Man...
TL220 ETC2-TL220 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
TL220 ETC2-TL220 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
logo
E-SWITCH
TL2201 E-SWITCH-TL2201 Datasheet
376Kb / 3P
   PUSHBUTTON SWITCHES - SUB MINIATURE
More results

Podobny opis - TL22XI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Communications & Power ...
VZX-6986J4 CPI-VZX-6986J4 Datasheet
369Kb / 2P
   CPI 2.25/2.50 kW TWT X-Band HPA
TL12UI CPI-TL12UI Datasheet
157Kb / 2P
   1.25 kW SuperLinear TWT Amplifier
TL22CI CPI-TL22CI Datasheet
158Kb / 2P
   CPI 2.25 kW SuperLineartm TWT Amplifier
VTC-6369D3 CPI-VTC-6369D3 Datasheet
98Kb / 1P
   2.25 kW, C-Band Helix TWT Series
VTC-6369D4 CPI-VTC-6369D4 Datasheet
96Kb / 1P
   2.25 kW, C-Band Helix TWT Series
VTC-6369C2 CPI-VTC-6369C2 Datasheet
96Kb / 1P
   2.25 kW, C-Band Helix TWT Series
VTC-6369C6 CPI-VTC-6369C6 Datasheet
95Kb / 1P
   2.0 to 2.25 kW, C-Band Helix TWT
VTC-6368L4 CPI-VTC-6368L4 Datasheet
96Kb / 1P
   2.25 kW Peak, 1.2 kW Avg C-Band Helix TWT Series
VTU-5191A8 CPI-VTU-5191A8 Datasheet
86Kb / 1P
   1 kW, Pulsed Helix TWT Series
logo
NEC
LD7260 NEC-LD7260 Datasheet
62Kb / 6P
   6 GHz, 2.25 kW CW, PPM FOCUSING, HIGH POWER GAIN
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com