Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VZU-6992EC Arkusz danych(PDF) 1 Page - Communications & Power Industries, Inc.

Numer części VZU-6992EC
Szczegółowy opis  200W Compact Low Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CPI [Communications & Power Industries, Inc.]
Strona internetowa  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VZU-6992EC Arkusz danych(HTML) 1 Page - Communications & Power Industries, Inc.

  VZU-6992EC Datasheet HTML 1Page - Communications & Power Industries, Inc. VZU-6992EC Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Compact
Provides 200 watts of power in a 3 rack unit
package, digital ready, for wideband, single- and
multi-carrier satellite service in the 13.75-14.5
GHz frequency band. Ideal for transportable and
fixed earth station applications where space and
prime power are at a premium.
Efficient
Employs a high efficiency dual-depressed
collector helix traveling wave tube backed by
many years of field-proven experience in airborne
and military applications.
Simple to Operate
User-friendly microprocessor-controlled
logic with integrated computer interface.
Digital metering, pin diode attenuation and
optional integrated linearizer for improved
intermodulation performance.
Global Applications
Meets International Safety Standard EN-60215,
Electromagnetic Compatibility 89/336/EEC and
Harmonic Standard EN-61000-3-2 to satisfy
worldwide requirements.
Easy to Maintain
Modular design and built-in fault diagnostic
capability with convenient and clearly visible
indicators behind front panel door for easy
maintainability in the field.
Worldwide Support
Backed by over three decades of satellite
communications experience, and CPI’s worldwide
24-hour customer support network that includes
fourteen regional factory Service Centers.
200W Compact Low Power Amplifier
for Satellite Communications
The VZU-6992EC
200 Watt TWT
Low Power
Amplifier-
high efficiency
in a compact
package.
Ku-Band
811 Hansen Way
P.O. Box 51625, Palo Alto, CA 94303
tel: +1 (650) 846-3803
fax: +1 (650) 424-1744
e-mail: marketing@satcom.cpii.com
www.cpii.com/satcom


Podobny numer części - VZU-6992EC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Communications & Power ...
VZU-6991K4 CPI-VZU-6991K4 Datasheet
380Kb / 4P
   20 Watt TWT Amplifier
VZU-6991K6 CPI-VZU-6991K6 Datasheet
340Kb / 4P
   20 Watt TWT Amplifier
VZU-6994 CPI-VZU-6994 Datasheet
173Kb / 2P
   350/400W Compact Medium Power Amplifier
VZU-6995AY CPI-VZU-6995AY Datasheet
159Kb / 2P
   500W Compact High Power Amplifier
VZU-6995VX CPI-VZU-6995VX Datasheet
140Kb / 2P
   500W Outdoor TWT Medium Power Amplifier
More results

Podobny opis - VZU-6992EC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Communications & Power ...
VZC-6962E2 CPI-VZC-6962E2 Datasheet
155Kb / 2P
   200W Compact Low Power Amplifier
logo
Tumbler Technologies + ...
TS200 TRUMPOWER-TS200 Datasheet
128Kb / 2P
   200W Compact AC/DC Power Supplies
logo
STMicroelectronics
STA5150 STMICROELECTRONICS-STA5150 Datasheet
146Kb / 14P
   200W MONO BASH POWER AMPLIFIER
logo
Communications & Power ...
T02MO CPI-T02MO Datasheet
148Kb / 2P
   200W Outdoor TWT Amplifier
T02UO-2G CPI-T02UO-2G Datasheet
157Kb / 2P
   200W Outdoor TWT Amplifier
VZS-2776L1 CPI-VZS-2776L1 Datasheet
137Kb / 2P
   Compact Medium Power Amplifier
VZL-6943J2 CPI-VZL-6943J2 Datasheet
135Kb / 2P
   Compact Medium Power Amplifier
VZS-6963J2 CPI-VZS-6963J2 Datasheet
149Kb / 2P
   Compact Medium Power Amplifier
logo
Mospec Semiconductor
2N4398 MOSPEC-2N4398 Datasheet
158Kb / 4P
   POWER TRANSISTORS(200W)
logo
LinkCom Manufacturing C...
200W-LCCH LINKCOM-200W-LCCH Datasheet
456Kb / 3P
   200W Power Supply
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com