Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VZU-6991K6 Arkusz danych(PDF) 1 Page - Communications & Power Industries, Inc.

Numer części VZU-6991K6
Szczegółowy opis  20 Watt TWT Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CPI [Communications & Power Industries, Inc.]
Strona internetowa  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VZU-6991K6 Arkusz danych(HTML) 1 Page - Communications & Power Industries, Inc.

  VZU-6991K6 Datasheet HTML 1Page - Communications & Power Industries, Inc. VZU-6991K6 Datasheet HTML 2Page - Communications & Power Industries, Inc. VZU-6991K6 Datasheet HTML 3Page - Communications & Power Industries, Inc. VZU-6991K6 Datasheet HTML 4Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6900K6 Series
20 Watt TWT Amplifier
Features
• IEEE-488
• CIIL/MATE Compatible
• Talker and Listener
• Interface Built-In
• CE marked and TUV approved
Power
Freq
Gain
O/P
Model #
(Watts)
(GHz)
(dB)
Conn
VZC-6961K6
20
4-8
35
N
VZX-6981K6
20
8-12.4
40
N
VZU-6991K6
20
12.4-18
40
N
VZM-6991K6
20
8-18
40
N
VZV-2776K6
20
4-18
30
N
These units can function as either a GPIB Listener or a Talker; i.e., the TWTA can be
controlled by the external computer and report on its status.
When addressed as a Listener, the TMA causes the amplifier to take some action such as
turning high voltage ON.
When addressed as a Talker, the amplifier sends back information on its operating or
fault condition.
Local operation is possible by enabling the front panel controls; however, incoming Bus
commands will override the front panel unless an internal safety switch has been set to
prevent it.
Two control languages are included; CPI Simplified Language (CSL) and a version of the
Air Force’s Control Interface Intermediate Language (CIIL). An internal switch allows
quick selection of language.
The 6900K6 Series are GPIB controllable versions of the popular CPI 6900K4 series
low power commercial TWT amplifiers.
CPI 6900K6 series TWT amplifiers are manufactured with the same quality as all CPI
amplifiers and are backed by CPI’s worldwide 24-hour customer support network that
includes 9 regional factory service centers. Quality, reliability and product support are
integral parts of your CPI power amplifier.


Podobny numer części - VZU-6991K6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Communications & Power ...
VZU-6991K4 CPI-VZU-6991K4 Datasheet
380Kb / 4P
   20 Watt TWT Amplifier
More results

Podobny opis - VZU-6991K6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Communications & Power ...
VZC-6961K4 CPI-VZC-6961K4 Datasheet
380Kb / 4P
   20 Watt TWT Amplifier
VVM347904 CPI-VVM347904 Datasheet
396Kb / 1P
   TWT Amplifier
VZC-6967V7 CPI-VZC-6967V7 Datasheet
151Kb / 2P
   750W Outdoor TWT Amplifier
T04UO CPI-T04UO Datasheet
142Kb / 2P
   400W Outdoor TWT Amplifier
T04XO CPI-T04XO Datasheet
125Kb / 2P
   400W Outdoor TWT Amplifier
T04CO CPI-T04CO Datasheet
142Kb / 2P
   400W Outdoor TWT Amplifier
VZU-6998VY CPI-VZU-6998VY Datasheet
140Kb / 2P
   750W Outdoor TWT Amplifier
T03DO CPI-T03DO Datasheet
146Kb / 2P
   270W Outdoor TWT Amplifier
VZA-6902J1 CPI-VZA-6902J1 Datasheet
144Kb / 2P
   30 Millimeter TWT Amplifier
T02MO CPI-T02MO Datasheet
148Kb / 2P
   200W Outdoor TWT Amplifier
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com