Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VZL-6943J2 Arkusz danych(PDF) 2 Page - Communications & Power Industries, Inc.

Numer części VZL-6943J2
Szczegółowy opis  Compact Medium Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CPI [Communications & Power Industries, Inc.]
Strona internetowa  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VZL-6943J2 Arkusz danych(HTML) 2 Page - Communications & Power Industries, Inc.

  VZL-6943J2 Datasheet HTML 1Page - Communications & Power Industries, Inc. VZL-6943J2 Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIONS, VZL-6943J2
Electrical
TWT Model Number
0102181700
Frequency
1.0 to 2.5 GHz
Output Power
TWT
250W min. (typical 300W)
Flange
225W min. (typical 275W)
Gain
54 dB min. at rated power output;
56 dB min. at small signal
RF Level Adjust
0 to 20 dB
Gain Stability
±0.25 dB/24hr max.
(after 30 min. warmup and at
constant drive and temperature)
Gain Variation
18 dB pk-to-pk, typical
Input VSWR
2.5:1 max.
2.0:1 max. (with optional input isolator)
Output VSWR
2.5:1 typical
Load VSWR
1.5:1 max. for full spec compliance
2.0:1 max. continuous operation
Residual AM
-50 dBc below 10 kHz
-20 (1.3 +log F kHz) dBc,
10 kHz to 500 kHz
-85 dBc above 500 kHz
Phase Noise
Meets IESS 308/309 with 3 dB margin
Noise and Spurious
-60 dBw/4 kHz
Noise Figure
15 dB max.
Harmonic Content
-3 dBc typical at lower band edge
decreasing to -15 dBc typical at upper
band edge.
Primary Power
Voltage
220-240 VAC ±10%, single phase
Frequency
47-63 Hz
Power Consumption
2.6 kVA typical
3.0 kVA max.
Inrush Current
200% max.
Environmental (Operating)
Ambient Temperature
-10° to + 40°C operating
Relative Humidity
95% non-condensing
Altitude
10,000 ft. with standard adiabatic
derating of 2°C/1000 ft., operating
Shock and Vibration
As normally encountered in a
protected engineering laboratory
environment
Acoustic Noise
65 dBA @ 3 ft. from amplifier
Mechanical
Cooling (TWT)
Forced air with integral blower
Rear air intake & exhaust
RF Connectors
Input
Type-N Female
Output
Type-N Female
RF Output Monitor
Type-N Female, -50 dB nominal
Dimensions (W x H x D)
19 x 8.75 x 26 in
(483 x 222 x 661 mm)
Weight
110 lbs/50 kg
Safety
EN61010
OPTIONS:
• Input Isolator
(-1 dB gain)
• Remote Control Panel
115 VAC External
Step-Up Transformer
1.0 to 2.5 GHz
For more detailed information, please refer to the corresponding CPI Technical Description.
Note: Specifications may change without notice as a result of additional data or product refinement. Please
contact CPI before using this information for system design.
MKT 47, ISSUE 4
7/99
2500
KEEPING YOU ON THE AIR
not up in the air
wireless solutions
INSTRUMENTATION
AMPLIFIERS


Podobny numer części - VZL-6943J2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Communications & Power ...
VZL-2780C2 CPI-VZL-2780C2 Datasheet
157Kb / 2P
   500W L-Band TWT Amplifier
VZL-3530J1 CPI-VZL-3530J1 Datasheet
154Kb / 2P
   4.0 kW Compact Pulse Amplifier
More results

Podobny opis - VZL-6943J2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Communications & Power ...
VZS-2776L1 CPI-VZS-2776L1 Datasheet
137Kb / 2P
   Compact Medium Power Amplifier
VZS-6963J2 CPI-VZS-6963J2 Datasheet
149Kb / 2P
   Compact Medium Power Amplifier
VZC-6964 CPI-VZC-6964 Datasheet
130Kb / 2P
   400W Compact Medium Power Amplifier
VZU-6997AD CPI-VZU-6997AD Datasheet
158Kb / 2P
   750W Compact Medium Power Amplifier
VZX-6987A7 CPI-VZX-6987A7 Datasheet
157Kb / 2P
   750W Compact Medium Power Amplifier
VZX-6984A4 CPI-VZX-6984A4 Datasheet
168Kb / 2P
   400W Compact Medium Power Amplifier
VZU-6994 CPI-VZU-6994 Datasheet
173Kb / 2P
   350/400W Compact Medium Power Amplifier
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
   Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
   Medium power amplifier
logo
BOWEI Integrated Circui...
HE167 BOWEI-HE167 Datasheet
61Kb / 1P
   Medium Power Amplifier
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com