Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VZX-6987A7 Arkusz danych(PDF) 2 Page - Communications & Power Industries, Inc.

Numer części VZX-6987A7
Szczegółowy opis  750W Compact Medium Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CPI [Communications & Power Industries, Inc.]
Strona internetowa  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VZX-6987A7 Arkusz danych(HTML) 2 Page - Communications & Power Industries, Inc.

  VZX-6987A7 Datasheet HTML 1Page - Communications & Power Industries, Inc. VZX-6987A7 Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIONS, VZX-6987A7
Electrical
Frequency
7.9 - 8.4 GHz
Output Power
TWT
750 W min. (58.75 dBm)
Flange
650 W min. (58.13 dBm)
Bandwidth
500 MHz
Gain
75 dB min. at rated power, 88 dB max.
78 dB min. at small signal, 90 dB max.
RF Level Adjust Range
0 to 30 dB (via PIN diode attenuator)
Gain Stability
At constant drive & temp.
±0.25 dB/24 hrs. max.
(after 30 min. warmup)
Over temp., constant drive
±1.0 dB over oper. temp. range
(any frequency)
±0.75 dB over ±10˚C
Small Signal Gain Slope
±0.04 dB/MHz max.
Small Signal Gain Variation
Across any 40 MHz band
0.5 dB pk-pk max.
Across the 500 MHz band
2.5 dB pk-pk max.
Across 500 MHz,
with linearizer option
3.5 dB pk-pk max.
Input VSWR
1.3:1 max.
Output VSWR
1.3:1 max.
Load VSWR
Continuous operation
2.0:1
Full spec compliance
1.5:1
Operation without damage
Any value
Residual AM, max.
-50 dBc below 10 kHz
-20[1.5 +log F(kHz)] dBc,
10 kHz to 500 kHz
-85 dBc above 500 kHz
Phase Noise
IESS-308/309
phase noise profile
-6 dB
AC fundamentals related
-36 dBc
Sum of spurs (370 Hz to 1 MHz) -47 dBc
AM/PM Conversion
2.5°/dB max. for a single-carrier
at 8 dB below rated power.
With optional integral linearizer,
can be tuned to 1.0 deg/dB max.
Harmonic Output
-60 dBc at rated power,
second and third harmonics
Noise and Spurious
<-90 dBW/4 kHz, 7.25 - 7.75 GHz
<-75 dBW/4 kHz, in passband
<-65 dBW/4 kHz, in passband
with linearizer option
<-165 dBW/4 kHz, in passband
with optional filter
<-155 dBW/4 kHz, in passband
with both options
Noise Figure
10 dB max.; 15 dB max.
with optional integral linearizer
Electrical (continued)
Intermodulation
-24 dBc max. with two equal
carriers at total output power 7
dB (3 dB with optional integral
linearizer) below rated single-
carrier output
Spectral Regrowth
-30 dBc max. at total output
power 3 dB backoff (300 W with
linearizer) QPSK modulation
Group Delay
0.01 ns/MHz linear max.
(in any 40 MHz band)
0.001 ns/MHz sq. parabolic max.
0.5 ns pk-pk ripple max.
Primary Power
Voltage
Single phase, 208-240 VAC ±10%
Frequency
47- 63 Hz
Power Consumption
2.2 kVA typ. (at 3 dB backoff)
2.7 kVA max.
Power Factor
0.95 min.
Inrush Current
200% max.
Environmental
Ambient Temperature
-10°C to + 50°C operating
-40°C to + 70°C non-operating
Relative Humidity
95% non-condensing
Altitude
10,000 ft. with standard adiabatic
derating of 2°C/1000 ft., operating;
50,000 ft. non-operating
Shock and Vibration
Designed for normal transportation
environment per Section 514.4
MIL-STD-810E. Designed to
withstand 20G at 11 ms (1/2 sine
pulse) in non-operating condition.
Mechanical
Cooling
Forced air w/ integral blower. Rear
air intake & exhaust. Maximum
external pressure loss allowable:
0.5 inches water column.
RF Input Connection
Type N female
RF Output Connection
CPR-112 waveguide flange,
grooved, threaded UNF 2B 10-32
RF Output Monitor
Type N female
Dimensions (W x H x D)
19 x 8.75 x 24 in.
(483 x 222 x 610 mm)
Weight
95 lbs (43 kg) max.
Heat and Acoustic
Heat Dissipation
2000 Watts max.
Acoustic Noise
68 dBA (as measured at 3 ft.)
OPTIONS:
• Integral Linearizer
• Remote Control Panel
• Redundant and Power
Combined Subsystems
• External Receive Band
Reject Filter (increases
loss by a minimum of 90
dB at 7.25 to 7.75 GHz)
X-Band
For more detailed information, please refer to the corresponding CPI Technical Description.
Note: Specifications may change without notice as a result of additional data or product refinement. Please
contact CPI before using this information for system design.
MKT 121, ISSUE 3
08/06
PDF
Certificate Number: 30515
KEEPING YOU ON THE AIR
not up in the air


Podobny numer części - VZX-6987A7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Communications & Power ...
VZX-6987V7 CPI-VZX-6987V7 Datasheet
143Kb / 2P
   750W Outdoor TWT Medium Power Amplifier
More results

Podobny opis - VZX-6987A7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Communications & Power ...
VZU-6997AD CPI-VZU-6997AD Datasheet
158Kb / 2P
   750W Compact Medium Power Amplifier
VZC-6967AN CPI-VZC-6967AN Datasheet
159Kb / 2P
   750W Compact High Power Amplifier
VZC-6967AM CPI-VZC-6967AM Datasheet
170Kb / 2P
   750W Compact High Power Amplifier
VZU-6997CY CPI-VZU-6997CY Datasheet
153Kb / 2P
   750W Compact High Power Amplifier
VZC-6967AH CPI-VZC-6967AH Datasheet
170Kb / 2P
   750W Compact High Power Amplifier
VZX-6987V7 CPI-VZX-6987V7 Datasheet
143Kb / 2P
   750W Outdoor TWT Medium Power Amplifier
VZU-6997V CPI-VZU-6997V Datasheet
139Kb / 2P
   750W Outdoor TWT Medium Power Amplifier
VZS-2776L1 CPI-VZS-2776L1 Datasheet
137Kb / 2P
   Compact Medium Power Amplifier
VZL-6943J2 CPI-VZL-6943J2 Datasheet
135Kb / 2P
   Compact Medium Power Amplifier
VZS-6963J2 CPI-VZS-6963J2 Datasheet
149Kb / 2P
   Compact Medium Power Amplifier
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com