Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FWSF-OADM-W-TAP-4B-2-LC Arkusz danych(PDF) 1 Page - Finisar Corporation.

Numer części FWSF-OADM-W-TAP-4B-2-LC
Szczegółowy opis  CWDM OADM-4 w/TAP Plug-in Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FINISAR [Finisar Corporation.]
Strona internetowa  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWSF-OADM-W-TAP-4B-2-LC Arkusz danych(HTML) 1 Page - Finisar Corporation.

  FWSF-OADM-W-TAP-4B-2-LC Datasheet HTML 1Page - Finisar Corporation. FWSF-OADM-W-TAP-4B-2-LC Datasheet HTML 2Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F i n i s a r
Features:
CWDM OADM-4 w/TAP
Plug-in Module
● Low Optical
Insertion Loss
● Cost-effective
CWDM technology
● Adds/drops four
Wavelengths
● Monitor Port available
The Finisar OADM-4 w/TAP plug-in module is a passive optical add/drop multiplexer
designed for metro access applications that represents the state of the art in fiber
optics design. The OADM-4 w/TAP plug-in module adds/drops one CWDM channel of
four wavelengths from network traffic and passes the other channels. These four -
channel OADMs are transparent to the 1310nm wavelength. These OADM modules
are equipped with monitor port that allows our customer connect optical meter or OSA
to monitor and troubleshoot the network. Finisar's unique CWDM design maps the
channel into separate two-fiber paths, going in opposite directions into the network
(East/West).
Added/dropped channels are interfaced to any of Finisar's CWDM transceivers on the
equipment side. A grid of eight CWDM wavelengths is available from Finisar. The
OADM-4 w/TAP plug-in module plugs into one half of a 1RU, 19" rack mount chassis
for simple installation and modularity. This Chassis based system allows a network
equipment manufacturer to add WDM capability to any existing network device that
supports SFP interfaces.
The equipment ports of the OADM-4 w/TAP plug-in module are color coded to match
the wavelength of Finisar's CWDM transceiver. This allows ease of installation and
trouble shooting without having to remove the transceiver from the local equipment.
The OADM-4 w/TAP plug-in module delivers dramatic cost savings to network
equipment manufacturers, enabling them to develop metro access systems that are
lower in cost, easier to provision and simpler to operate.
● Dual LC connectors
for interfacing
● Color Coded for
ease of installation
● Reliable passive
WDM optical
technology
● Scales easily for
ring networks
● Low-profile
modular design
● Fits in 1RU 19”
rack mount chassis
● Compliance with
RoHS
OADM-4 w/TAP Plug-in Module
Optical
Center wavelengths:
(2 versions):
OADM-W/TAP-4B-1 Plug-in
• 1471 nm
• 1491 nm
• 1511 nm
• 1531 nm
OADM-W/TAP-4B-2 Plug-in
• 1551 nm
• 1571 nm
• 1591 nm
• 1611 nm
All versions is transparent at 1260-
1360 nm
Specifications
Directivity:
≥ 50 dB
Return Loss:
≥ 45 dB
Passband Ripple:
≤ 0.5dB
PDL:
≤ 0.2dB
PMD:
≤ 0.2ps
Environmental:
•Operating -5 to 70
oC
•Relative humidity:
10 to 85%
Non-condensing
•Storage - 40 to 85
oC
Mechanical
Dimensions:
8.3” x 1.7” x 10.4”,
210mm x 43mm x 264mm,
plug-in for 1RU rack-mount
Connectors:
• Network side:2 dual LC/PC
• Equipment side: 4 dual LC/PC
• Monitor side: 2 dual LC/PC
Finisar Shanghai Inc.
No. 66 Huiqing Rd., East Zhangjiang Hi-Tech Park, Shanghai,
China 201201
Main: +86-21-38559200
Fax: +86-21-68919894
Website: www.finisar.com
Finisar Corporation
1308 Moffett Park Drive, Sunnyvale, CA 94089-1133, USA
Main: (408) 548-1000 Fax: (408)543-0083
Email: sales@finisar.com
Website: www.finisar.com
Jan. 09 Rev. B


Podobny numer części - FWSF-OADM-W-TAP-4B-2-LC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Finisar Corporation.
FWSF-OADM-W FINISAR-FWSF-OADM-W Datasheet
270Kb / 2P
   CWDM OADM-4 w/TAP Plug-in Module
More results

Podobny opis - FWSF-OADM-W-TAP-4B-2-LC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Finisar Corporation.
FWSF-OADM-W FINISAR-FWSF-OADM-W Datasheet
270Kb / 2P
   CWDM OADM-4 w/TAP Plug-in Module
FWSF-OADM-4-1 FINISAR-FWSF-OADM-4-1 Datasheet
218Kb / 3P
   CWDM OADM-4 Plug-in Module
FWSF-OADM-1-47 FINISAR-FWSF-OADM-1-47 Datasheet
169Kb / 3P
   CWDM OADM-1 Plug-in Module
FWSF-M FINISAR-FWSF-M Datasheet
236Kb / 2P
   CWDM MUX/DEMUX-8 w/TAP Plug-in Module
OADMF-4-1-LC FINISAR-OADMF-4-1-LC Datasheet
113Kb / 2P
   CWDM OADM-4 Optibox Module
OADMF-1-47-LC FINISAR-OADMF-1-47-LC Datasheet
111Kb / 2P
   CWDM OADM-1 Optibox Module
logo
JDS Uniphase Corporatio...
MDX-02ADCB1AA JDSU-MDX-02ADCB1AA Datasheet
127Kb / 4P
   Outside Plant CWDM Optical Add/Drop (OSP CWDM OADM)Module
logo
OPLINK Communications I...
COADMG OPLINK-COADMG Datasheet
291Kb / 2P
   Single Channel CWDM OADM
CWDMG OPLINK-CWDMG Datasheet
188Kb / 2P
   Single Channel CWDM OADM
logo
Finisar Corporation.
FWSF-M-D-4-EX FINISAR-FWSF-M-D-4-EX Datasheet
162Kb / 2P
   CWDM MUX/DEMUX-4-EX Plug-in Module
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com