Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM363FG Arkusz danych(PDF) 10 Page - Cooper Bussmann, Inc.

Numer części SM363FG
Szczegółowy opis  Safety Module fused disconnect switch
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COOPER [Cooper Bussmann, Inc.]
Strona internetowa  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SM363FG Arkusz danych(HTML) 10 Page - Cooper Bussmann, Inc.

Back Button SM363FG Datasheet HTML 6Page - Cooper Bussmann, Inc. SM363FG Datasheet HTML 7Page - Cooper Bussmann, Inc. SM363FG Datasheet HTML 8Page - Cooper Bussmann, Inc. SM363FG Datasheet HTML 9Page - Cooper Bussmann, Inc. SM363FG Datasheet HTML 10Page - Cooper Bussmann, Inc. SM363FG Datasheet HTML 11Page - Cooper Bussmann, Inc. SM363FG Datasheet HTML 12Page - Cooper Bussmann, Inc. SM363FG Datasheet HTML 13Page - Cooper Bussmann, Inc. SM363FG Datasheet HTML 14Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
For product data sheets, visit www.cooperbussmann.com/products/datasheet.asp
316
Disconnects
30A Base & DIN rail mount compact series fusible
disconnect switches
Catalog
Shaft length
Mounting Depth (1)
Number
in (mm)
in inches
CDS48P
5.9 (150)
4.9-8.9
CDS67P
6.7 (170)
5.9-9.7
CDS49P
10.4 (265)
9.5-13.4
CDS50P
15.8 (400)
15.0-18.7
CDS99P
19.7 (500)
20.5-22.6
(1) Mounting depth is the distance from the outside of the door to the
disconnect switch mounting plate. Shaft can be cut to desired length.
Catalog
NEMA
IEC
Length
Numbers
Type
Type
Color
Marking
in (mm)
Defeatable
Padlockable
BDH104
1,3R,12
IP65
Black
O/I&Off/On
1.8 (45)
Yes
Yes
BDH105
1,3R,12
IP65
Red/Yellow
O/I&Off/On
1.8 (45)
Yes
Yes
BDH106
1,3R,12
IP65
Black
O/I&Off/On
2.6 (65)
Yes
Yes
BDH107
1,3R,12
IP65
Red/Yellow
O/I&Off/On
2.6 (65)
Yes
Yes
CDHXB65
1,3R,4,4X,12
IP65
Black
O/I&Off/On
2.6 (65)
Yes
Yes
CDHXY65
1,3R,4,4X,12
IP65
Red/Yellow
O/I&Off/On
2.6 (65)
Yes
Yes
BDH106T
1,3R,12
IP65
Black
Off/On/Test
2.6 (65)
Yes
Yes
BDH107T
1,3R,12
IP65
Red/Yellow
Off/On/Test
2.6 (65)
Yes
Yes
Handle - Pistol 30A UL fuse Class J, CC
For a complete assembly, please select one of each:
• 1 switch
• 1 shaft
• 1 handle
CDS__ __P
BDH104, 106
Catalog
NEMA
Length
Number
Type
Color
Marking
in (mm)
Padlockable
BDH79
1
Black
O/I/Test
5.2 (132)
Yes
UL General
Fuse
Maximum Horsepower Rating
Terminal
Catalog
Purpose
Type
Three Phase
Lugs Wire
Numbers
Poles Amp Rating
600V
200V
208V
240V
480V
600V
Size/Type
CFD30J3
3
30
J
5
7.5
7.5
15
20
#18 – 8/CU
CFD30CC3
3
30
CC
5
7.5
7.5
15
20
#18 – 8/CU
CFD30J4
4
30
J
5
7.5
7.5
15
20
#18 – 8/CU
CFD30CC4
4
30
CC
5
7.5
7.5
15
20
#18 – 8/CU
CFD30J3
Switches 30A/600V
Shafts
For use with pistol handles
0.20 x 0.20" (
5 x 5 mm)
Handles - Pistol
For use with shafts
0.20 x 0.20" (
5 x 5 mm)
Handle - Direct Mount
Mounts directly to switch, no shaft necessary
5.20"
132mm
BDH79
5.20"/132mm
BDH79 Mounted Depth
BDH79 Mounted


Podobny numer części - SM363FG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SM363J ETC1-SM363J Datasheet
34Kb / 1P
   R. F. Molded Chokes
More results

Podobny opis - SM363FG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cooper Bussmann, Inc.
TPM-3 COOPER-TPM-3 Datasheet
442Kb / 4P
   Telpower짰 Miniature Fused Disconnect Switch
TPC-8 COOPER-TPC-8 Datasheet
361Kb / 7P
   Telpower Compact Fused Disconnect Switch
CCD-3-30 COOPER-CCD-3-30 Datasheet
358Kb / 3P
   switch non-fused Compact Circuit Disconnect
BDS210 COOPER-BDS210 Datasheet
85Kb / 2P
   Disconnect Switch
CCP-1-30CC COOPER-CCP-1-30CC Datasheet
2Mb / 12P
   Compact Circuit Protector DIN-Rail fused disconnect switches
logo
Pepperl+Fuchs Inc.
VAZ-IER1-ACTUATOR1-S PF-VAZ-IER1-ACTUATOR1-S Datasheet
184Kb / 1P
   Safety Switch
VAZ-IER2-ACTUATOR2-S PF-VAZ-IER2-ACTUATOR2-S Datasheet
171Kb / 1P
   Safety Switch
logo
List of Unclassifed Man...
H365NR ETC2-H365NR Datasheet
90Kb / 1P
   Safety Switch
logo
Pepperl+Fuchs Inc.
VAA-1E-IEI3-READER1-S-V31 PF-VAA-1E-IEI3-READER1-S-V31 Datasheet
149Kb / 1P
   Safety Switch
VAA-2E-IM1-J-S-V1 PF-VAA-2E-IM1-J-S-V1 Datasheet
228Kb / 2P
   Safety Switch
2019-01-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com