Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM363FR Arkusz danych(PDF) 4 Page - Cooper Bussmann, Inc.

Numer części SM363FR
Szczegółowy opis  Safety Module fused disconnect switch
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COOPER [Cooper Bussmann, Inc.]
Strona internetowa  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SM363FR Arkusz danych(HTML) 4 Page - Cooper Bussmann, Inc.

  SM363FR Datasheet HTML 1Page - Cooper Bussmann, Inc. SM363FR Datasheet HTML 2Page - Cooper Bussmann, Inc. SM363FR Datasheet HTML 3Page - Cooper Bussmann, Inc. SM363FR Datasheet HTML 4Page - Cooper Bussmann, Inc. SM363FR Datasheet HTML 5Page - Cooper Bussmann, Inc. SM363FR Datasheet HTML 6Page - Cooper Bussmann, Inc. SM363FR Datasheet HTML 7Page - Cooper Bussmann, Inc. SM363FR Datasheet HTML 8Page - Cooper Bussmann, Inc. SM363FR Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
For product data sheets, visit www.cooperbussmann.com/products/datasheet.asp
310
Coordination Module*
Branch Circuit
Voltage
Dimensions (in)
Main Device
Amp
Number of
Catalog Numbers
Rating
SCCR
Height
Width Depth
Type
Amp Rating
Rating
Circuits
EP2M23012GCC
120/208
100kA**
36
28
5 34
MLO
200
30
12
EP2M23024GCC
120/208
100kA**
38
28
5 34
MLO
200
30
24
EP2M23036GCC
120/208
100kA**
48
28
5 34
MLO
200
30
36
EP2M23042GCC
120/208
100kA**
48
28
5 34
MLO
200
30
42
EP4M23012GCC
277/480
100kA***
36
28
5 34
MLO
200
30
12
EP4M23024GCC
277/480
100kA***
36
28
5 34
MLO
200
30
24
EP4M23036GCC
277/480
100kA***
48
28
5 34
MLO
200
30
36
EP4M23042GCC
277/480
100kA***
48
28
5 34
MLO
200
30
42
* Meets UL 67 (Panelboards) and UL 50 (Cabinets and Boxes).
** When protected by upstream LPN-RK 100A max. LPJ 200A max. or JJN 200A max., otherwise 10kA.
*** When protected by upstream LPN-RK 200A max. LPJ 200A max. or JJN 200A max., otherwise 14kA.
Coordination Module™ fused lighting and
appliance panelboard
Disconnects
Type EP
Cooper Bussmann® Coordination Module™
Specifications
Description:
A fused lighting and appliance panelboard for
branch circuit applications. Specifically designed to meet the
2005 NEC® Code requirements for selective coordination for
Emergency, Legally Required Standby and Essential Electrical
Systems per 700.27, 701.18, and 517.26 when properly coordi-
nated with the upstream overcurrent protective device feeder.
Circuits:
12, 24, 36, 42
Enclosure:
NEMA 1
Ratings:
Volts: — 120/208 or 277/480Vac
Branch Circuit Amps: — 0-30A
SCCR: — 100kA
Agency Information:
UL67, UL 50.
Features and Benefits
• Complies with the new 2005 NEC® Selective Coordination
Requirements for Emergency, Legally Required Standby and
Essential Electrical Systems per 700.27, 701.18, and 517.26
when properly coordinated with the upstream overcurrent
protective device feeder. Per the 2005 NEC®: Coordination
(Selective) is the localization of an overcurrent condition to
restrict outages to the circuit or equipment affected,
accomplished by the choice of overcurrent protective devices
and their ratings or settings.
• Ensures system uptime with the goal of safety of human life
during emergencies or for essential health care functions.
• Provides a fast and easy solution to meeting new coordination
Code requirements. Simply utilize published fuse selective
coordination ratios to select the correct upstream fuse ratings.
• Offers significant savings compared to other fused panels and
selectively coordinated circuit breaker systems.
Typical Applications
• Hospitals
• Schools
• Commercial and industrial facilities
Catalog Numbers


Podobny numer części - SM363FR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SM363J ETC1-SM363J Datasheet
34Kb / 1P
   R. F. Molded Chokes
More results

Podobny opis - SM363FR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cooper Bussmann, Inc.
TPM-3 COOPER-TPM-3 Datasheet
442Kb / 4P
   Telpower짰 Miniature Fused Disconnect Switch
TPC-8 COOPER-TPC-8 Datasheet
361Kb / 7P
   Telpower Compact Fused Disconnect Switch
CCD-3-30 COOPER-CCD-3-30 Datasheet
358Kb / 3P
   switch non-fused Compact Circuit Disconnect
BDS210 COOPER-BDS210 Datasheet
85Kb / 2P
   Disconnect Switch
CCP-1-30CC COOPER-CCP-1-30CC Datasheet
2Mb / 12P
   Compact Circuit Protector DIN-Rail fused disconnect switches
logo
Pepperl+Fuchs Inc.
VAZ-IER1-ACTUATOR1-S PF-VAZ-IER1-ACTUATOR1-S Datasheet
184Kb / 1P
   Safety Switch
VAZ-IER2-ACTUATOR2-S PF-VAZ-IER2-ACTUATOR2-S Datasheet
171Kb / 1P
   Safety Switch
logo
List of Unclassifed Man...
H365NR ETC2-H365NR Datasheet
90Kb / 1P
   Safety Switch
logo
Pepperl+Fuchs Inc.
VAA-1E-IEI3-READER1-S-V31 PF-VAA-1E-IEI3-READER1-S-V31 Datasheet
149Kb / 1P
   Safety Switch
VAA-2E-IM1-J-S-V1 PF-VAA-2E-IM1-J-S-V1 Datasheet
228Kb / 2P
   Safety Switch
2019-01-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com