Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54-00214 Arkusz danych(PDF) 3 Page - JDS Uniphase Corporation

Numer części 54-00214
Szczegółowy opis  Diode Lasers,High Brightness 10 W, 9xx nm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JDSU [JDS Uniphase Corporation]
Strona internetowa  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

54-00214 Arkusz danych(HTML) 3 Page - JDS Uniphase Corporation

  54-00214 Datasheet HTML 1Page - JDS Uniphase Corporation 54-00214 Datasheet HTML 2Page - JDS Uniphase Corporation 54-00214 Datasheet HTML 3Page - JDS Uniphase Corporation 54-00214 Datasheet HTML 4Page - JDS Uniphase Corporation 54-00214 Datasheet HTML 5Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
63XX SERIES DIODE LASERS
Electro-optical Specifications
Parameter
Symbol
Min.
Typ.
Max.
Unit
Laser Characteristics
CW output power
Po
10
W
Center wavelength and tolerance
λc
915 (±10)
nm
940 (±10)
976 (±10)
Spectral width
Δλ
3.5
nm
Slope efficiency
ηd = Po/(Iop–Ith)
1
W/A
Conversion efficiency
η = Po/(IopVop)–
55
%
Emitting dimensions
W x H
100 x 1
µm
FWHM beam divergence
Parallel to junction
θ
//
–8
degrees
Perpendicular to junction
θ
–27
degrees
Threshold current
Ith
0.55
0.8
A
Operating current
Iop
11
12
A
Operating voltage
Vop
1.8
2.3
V
Series resistance
Rs
0.03
Ω
Thermal resistance
Rth
2.5
°C/W
Recommended case temperature
Tc
15
30
°C
Absolute Maximum and Minimum Ratings
Reverse voltage
Vr
––2
V
Case operating temperature
Top
-20
50
°C
Storage temperature range
Tstg
-40
80
°C
Lead soldering temperature
Tis
250 (5 sec.)
°C
Note:
Typical value at 25°C and 0.6 NA collection optics
Typical Optical Characteristics
Light vs. Current
Current (A)
12
10
8
6
4
2
0
02
4
6
8
10
12


Podobny numer części - 54-00214

ProducentNumer częściArkusz danychSzczegółowy opis
logo
JDS Uniphase Corporatio...
54-00214 JDSU-54-00214 Datasheet
262Kb / 6P
   Diode Lasers, Single-mode 50 to 200 mW, 810/830/852 nm
More results

Podobny opis - 54-00214

ProducentNumer częściArkusz danychSzczegółowy opis
logo
JDS Uniphase Corporatio...
24-00135 JDSU-24-00135 Datasheet
546Kb / 11P
   Diode Lasers, High Brightness 0.6 to 8.5 W, 8xx nm
1060-1100 JDSU-1060-1100 Datasheet
236Kb / 6P
   High-Power 10 W 9xx nm Fiber-Coupled Diode Laser
L4-9891510-100B JDSU-L4-9891510-100B Datasheet
194Kb / 6P
   High-Power 10 W 9xx nm Fiber-Coupled Diode Laser
L4-9891510-100E JDSU-L4-9891510-100E Datasheet
229Kb / 6P
   High-Power 10 W 9xx nm Fiber-Coupled Diode Laser with Feedback Protection
logo
Agere Systems
A1112 AGERE-A1112 Datasheet
53Kb / 6P
   A1112 High-Power 1550 nm DFB Source Lasers
logo
Bookham, Inc.
BPC30C BOOKHAM-BPC30C Datasheet
398Kb / 4P
   30W 9xx nm MaxiChip High Power Laser Diode on Passive Cu Block Cooler
logo
JDS Uniphase Corporatio...
L4-9897603-100B JDSU-L4-9897603-100B Datasheet
233Kb / 6P
   High-Power 10 W 976 nm Fiber-Coupled Diode Laser
54-00202 JDSU-54-00202 Datasheet
262Kb / 6P
   Diode Lasers, Single-mode 50 to 200 mW, 810/830/852 nm
logo
Lumics GmbH
LUXXXCYYY LUMICS-LUXXXCYYY Datasheet
336Kb / 3P
   Diode Laser @ 760 nm - 1470 nm up to 270 W
2022-01-10
LUXXXXDYYY-U LUMICS-LUXXXXDYYY-U Datasheet
4Mb / 3P
   Diode Laser @ 670 nm - 1940 nm up to 70 w
2022-01-11
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com