Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SC1984L Arkusz danych(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Numer części 2SC1984L
Szczegółowy opis  NPN Silicon General Purpose Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SECOS [SeCoS Halbleitertechnologie GmbH]
Strona internetowa  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC1984L Arkusz danych(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  2SC1984L Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC1984L Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SC1984L Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Elektronische Bauelemente
2SC1383L/2SC1384L
NPN Silicon
General Purpose Transistor
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
ICEO  Ta
Safe operation area
0
160
40
120
80
1
10
102
103
104
VCE
= 10 V
Ambient temperature T
a (°C)
0.1
1
10
100
0.001
0.01
0.1
1
10
Single pulse
Ta
= 25°C
t
= 10 ms
t
= 1 s
ICP
IC
Collector-emitter voltage V
CE (V)
01-Jun-2002 Rev. A
Page
3 of 3


Podobny numer części - 2SC1984L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
2SC1980 PANASONIC-2SC1980 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type
logo
Wing Shing Computer Com...
2SC1983 WINGS-2SC1983 Datasheet
64Kb / 1P
   NPN SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Sanken electric
2SC1985 SANKEN-2SC1985 Datasheet
83Kb / 1P
   Silicon NPN Triple Diffused Mesa
logo
Inchange Semiconductor ...
2SC1985 ISC-2SC1985 Datasheet
59Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC1985 SAVANTIC-2SC1985 Datasheet
99Kb / 3P
   Silicon NPN Power Transistors
More results

Podobny opis - 2SC1984L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
   General Purpose Transistor NPN Silicon
logo
Zowie Technology Corpor...
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
   General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
   NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
   NPN Silicon General Purpose Transistor
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
   NPN Silicon General Purpose Transistor
logo
ON Semiconductor
2N4264 ONSEMI-2N4264 Datasheet
169Kb / 6P
   General Purpose Transistor(NPN Silicon)
1997 REV 2
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com