Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST2N3906 Arkusz danych(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Numer części ST2N3906
Szczegółowy opis  PNP Silicon Epitaxial Planar Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Strona internetowa  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2N3906 Arkusz danych(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  ST2N3906 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2N3906 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2N3906 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dated : 09/03/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ST 2N3905 / 2N3906
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at -VCE = 1 V, -IC = 0.1 mA
at -VCE = 1 V, -IC = 1 mA
at -VCE = 1 V, -IC = 10 mA
at -VCE = 1 V, -IC = 50 mA
at -VCE = 1 V, -IC = 100 mA
2N3905
2N3906
2N3905
2N3906
2N3905
2N3906
2N3905
2N3906
2N3905
2N3906
hFE
hFE
hFE
hFE
hFE
hFE
hFE
hFE
hFE
hFE
30
60
40
80
50
100
30
60
15
30
-
-
-
-
150
300
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Collector Cutoff Current
at -VCB = 30 V
-ICBO
-
50
nA
Emitter Cutoff Current
at -VEB = 6 V
-IEBO
-
50
nA
Collector Base Breakdown Voltage
at -IC = 10 µA
-V(BR)CBO
40
-
V
Collector Emitter Breakdown Voltage
at -IC = 1 mA
-V(BR)CEO
40
-
V
Emitter Base Breakdown Voltage
at -IE = 10 µA
-V(BR)EBO
6
-
V
Collector Emitter Saturation Voltage
at -IC = 10 mA, -IB = 1 mA
at -IC = 50 mA, -IB = 5 mA
-VCEsat
-VCEsat
-
-
0.25
0.4
V
V
Base Emitter Saturation Voltage
at -IC = 10 mA, -IB = 1 mA
at -IC = 50 mA, -IB = 5 mA
-VBEsat
-VBEsat
-
-
0.85
0.95
V
V
Gain Bandwidth Product
at -VCE = 20 V, -IC = 10 mA, f = 100 MHz
2N3905
2N3906
fT
fT
200
250
-
-
MHz
MHz
Collector Base Capacitance
at -VCB = 5 V, f = 100 KHz
Ccb
-
4.5
pF
Emitter Base Capacitance
at -VEB = 0.5 V, f = 100 KHz
Ceb
-
10
pF
Thermal Resistance Junction to Ambient
RthA
-
250
1)
K/W
1) Valid provided that leads are kept at ambient temperature at a distance of 2 mm from case


Podobny numer części - ST2N3906

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SEMTECH ELECTRONICS LTD...
ST2N3416 SEMTECH_ELEC-ST2N3416 Datasheet
190Kb / 2P
   NPN Silicon Epitaxial Planar Transistor
ST2N3417 SEMTECH_ELEC-ST2N3417 Datasheet
190Kb / 2P
   NPN Silicon Epitaxial Planar Transistor
ST2N3704 SEMTECH_ELEC-ST2N3704 Datasheet
164Kb / 2P
   NPN Silicon Epitaxial Planar Transistor
More results

Podobny opis - ST2N3906

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com