Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM1025-37MQ2 Arkusz danych(PDF) 1 Page - Stealth Microwave, Inc.

Numer części SM1025-37MQ2
Szczegółowy opis  1000-2500 MHz 5 Watt Linear Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Strona internetowa  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM1025-37MQ2 Arkusz danych(HTML) 1 Page - Stealth Microwave, Inc.

  SM1025-37MQ2 Datasheet HTML 1Page - Stealth Microwave, Inc. SM1025-37MQ2 Datasheet HTML 2Page - Stealth Microwave, Inc. SM1025-37MQ2 Datasheet HTML 3Page - Stealth Microwave, Inc. SM1025-37MQ2 Datasheet HTML 4Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM1025-37MQ2
1000-2500 MHz
5 Watt Linear Power Amplifier
Parameter
Specification
Frequency Range
1000 - 2500 MHz
Pout (P1dB, dBm)
+ 36.5
min.
+ 37.0
typ.
Linear Gain
10 dB ±1dB
OIP3
50 dBm typ.
Gain Flatness over
Full Band
± .75 dB
Input/Output Return
Loss
-10/-10
DC Supply
+ 12 Volts @ 1.6 A
Operating @ 33 dBm COFDM
RF Connectors
MMCX / SMA
Operating
Temperature
0ºC to 85ºC (Base plate)
Operating Humidity
95% Non-condensing
Mechanical
Dimensions
3.75 x 1.9 x .5 inches
Weight
3.3 ounces
The SM1025-37MQ2 is a GaAs FET
amplifier designed for various military and
commercial applications. This small size,
high efficiency module is well suited for
applications such as COFDM video and C2
links in UAVs and in portable, battery-
powered transmitters.
Features:
• Single DC Supply of +12V
• Over/Reverse Voltage Protection
• Thermal Protection with Auto Reset
• TTL on/off


Podobny numer części - SM1025-37MQ2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Stealth Microwave, Inc.
SM1025-36DMQ2 STEALTH_MICROWAVE-SM1025-36DMQ2 Datasheet
94Kb / 4P
   1000-2500 MHz 4 Watt Linear Power Amplifier
SM1025-36MQ2 STEALTH_MICROWAVE-SM1025-36MQ2 Datasheet
97Kb / 4P
   1000-2500 MHz 4 Watt Linear Power Amplifier
More results

Podobny opis - SM1025-37MQ2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Stealth Microwave, Inc.
SM1025-36MQ2 STEALTH_MICROWAVE-SM1025-36MQ2 Datasheet
97Kb / 4P
   1000-2500 MHz 4 Watt Linear Power Amplifier
SM1025-36DMQ2 STEALTH_MICROWAVE-SM1025-36DMQ2 Datasheet
94Kb / 4P
   1000-2500 MHz 4 Watt Linear Power Amplifier
SM2325-37H STEALTH_MICROWAVE-SM2325-37H Datasheet
80Kb / 2P
   2300-2500 MHz 5 Watt Linear Power Amplifier
SM2527-37HS STEALTH_MICROWAVE-SM2527-37HS Datasheet
66Kb / 2P
   2500-2700 MHz 5 Watt Linear Power Amplifier
SM2527-37H STEALTH_MICROWAVE-SM2527-37H Datasheet
93Kb / 2P
   2500-2700 MHz 5 Watt Linear Power Amplifier
SM2325-37HS STEALTH_MICROWAVE-SM2325-37HS Datasheet
97Kb / 2P
   2300-2500 MHz 5 Watt Linear Power Amplifier
SM2225-37RY3 STEALTH_MICROWAVE-SM2225-37RY3 Datasheet
40Kb / 2P
   2200-2500 MHz 5 Watt Linear Power Amplifier
SM08010-37HS STEALTH_MICROWAVE-SM08010-37HS Datasheet
93Kb / 3P
   800-1000 MHz 5 Watt Linear Power Amplifier
SM2527-34HS STEALTH_MICROWAVE-SM2527-34HS Datasheet
93Kb / 2P
   2500-2700 MHz 3 Watt Linear Power Amplifier
SM0825-40Q STEALTH_MICROWAVE-SM0825-40Q Datasheet
142Kb / 3P
   800-2500 MHz 10 Watt Linear Power Amplifier
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com