Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM2325-47L Arkusz danych(PDF) 2 Page - Stealth Microwave, Inc.

Numer części SM2325-47L
Szczegółowy opis  2300-2500 MHz 50 Watt Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Strona internetowa  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM2325-47L Arkusz danych(HTML) 2 Page - Stealth Microwave, Inc.

  SM2325-47L Datasheet HTML 1Page - Stealth Microwave, Inc. SM2325-47L Datasheet HTML 2Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM2325-47L
2300-2500 MHz
50 Watt Linear Power Amplifier
FOR ISM, WCS, & WLL APPLICATIONS
DIMENSIONS IN INCHES
INCORPORATED
Made in USA
INPUT
RF
RF
RF
OUTPUT
SAMPLE
J1
Specifications subject to change without notice.
Pin
Description
Values
RF Input
Input Connector (SMA Female)
- 6 dBm, typical
RF OUT
Output Connector (SMA Female)
+47 dBm @P1dB
RF SAMPLE
Sample RF Port (SMA Female)
30 dBr
GND
Ground Turret
---
REV
Reverse Power Detector
∞ VSWR @ + 38 dBm ≈ + 1.0 Volts
FWD
Forward Power Detector
+ 38 dBm Output Power
≈ + 2.5 Volts
+12VDC
DC Input Voltage
+ 12 Volts @ 18 Amperes (typ.)
On/Off
TTL Logic On/Off
0 Volts = Off, + 5 Volts = On


Podobny numer części - SM2325-47L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Stealth Microwave, Inc.
SM2325-47 STEALTH_MICROWAVE-SM2325-47 Datasheet
95Kb / 2P
   2300-2500 MHz 50 Watt Linear Power Amplifier
More results

Podobny opis - SM2325-47L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Stealth Microwave, Inc.
SM2325-47 STEALTH_MICROWAVE-SM2325-47 Datasheet
95Kb / 2P
   2300-2500 MHz 50 Watt Linear Power Amplifier
SM2325-41 STEALTH_MICROWAVE-SM2325-41 Datasheet
115Kb / 2P
   2300-2500 MHz 12 Watt Linear Power Amplifier
SM2325-34HS STEALTH_MICROWAVE-SM2325-34HS Datasheet
93Kb / 2P
   2300-2500 MHz 3 Watt Linear Power Amplifier
SM2325-41L STEALTH_MICROWAVE-SM2325-41L Datasheet
84Kb / 2P
   2300-2500 MHz 12 Watt Linear Power Amplifier
SM2325-44 STEALTH_MICROWAVE-SM2325-44 Datasheet
172Kb / 3P
   2300-2500 MHz 25 Watt Linear Power Amplifier
SM2325-50L STEALTH_MICROWAVE-SM2325-50L Datasheet
121Kb / 2P
   2300-2500 MHz 100 Watt Linear Power Amplifier
SM2325-37HS STEALTH_MICROWAVE-SM2325-37HS Datasheet
97Kb / 2P
   2300-2500 MHz 5 Watt Linear Power Amplifier
SM2325-44L STEALTH_MICROWAVE-SM2325-44L Datasheet
81Kb / 2P
   2300-2500 MHz 25 Watt Linear Power Amplifier
SM2325-50 STEALTH_MICROWAVE-SM2325-50 Datasheet
111Kb / 2P
   2300-2500 MHz 100 Watt Linear Power Amplifier
SM2325-37H STEALTH_MICROWAVE-SM2325-37H Datasheet
80Kb / 2P
   2300-2500 MHz 5 Watt Linear Power Amplifier
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com