Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA158 Arkusz danych(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Numer części BA158
Szczegółowy opis  FAST SILICON RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Strona internetowa  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BA158 Arkusz danych(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BA158 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BA158 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BA158 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. BA158 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dated : 20/06/2003
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BA157 THRU BA159
FAST SILICON RECTIFIERS
Reverse Voltage – 400 to 1000 Volts
Forward Current – 1.0 Ampere
Features
•Low forward voltage
•High current capability
•Low leakage current
•High surge capability
•Low cost
Absolute Maximum Ratings (Ta = 25
oC)
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
BA157
BA158
BA159
VRRM
VRRM
VRRM
400
600
1000
V
V
V
Average Rectified Current at Tamb=50
oC
Io
1
1)
A
Surge Forward Current, Half Cycle 50Hz, starting from Tj=25
oCI
FSM
35
A
Junction Temperature
Tj
125
OC
Operating and Storage Temperature Range
TS
-65 to +125
OC
1) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.


Podobny numer części - BA158

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
BA158 PANJIT-BA158 Datasheet
54Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 400 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Rugao Dachang Electroni...
BA158 DACHANG-BA158 Datasheet
125Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 400 to 1000V Forward Current 1.0A
logo
Semikron International
BA158 SEMIKRON-BA158 Datasheet
138Kb / 2P
   Fast silicon rectifier diodes
logo
Leshan Radio Company
BA158 LRC-BA158 Datasheet
352Kb / 3P
   Fast Switching Plastic Rectifiers Reverse Voltage 400 to 1000V Forward Current 1.0A
logo
Nanjing International G...
BA158 DGNJDZ-BA158 Datasheet
263Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
More results

Podobny opis - BA158

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
R30A SEMTECH-R30A Datasheet
148Kb / 3P
   FAST SILICON RECTIFIERS
logo
Shenzhen Taychipst Elec...
MR820 TAYCHIPST-MR820 Datasheet
3Mb / 2P
   Fast Silicon Rectifiers
logo
Diotec Semiconductor
MR820 DIOTEC-MR820 Datasheet
199Kb / 2P
   Fast Silicon Rectifiers
BY296 DIOTEC-BY296 Datasheet
198Kb / 2P
   Fast Silicon Rectifiers
BY50050 DIOTEC-BY50050 Datasheet
199Kb / 2P
   Fast Silicon Rectifiers
logo
Semtech Corporation
BY296 SEMTECH-BY296 Datasheet
76Kb / 2P
   FAST SILICON RECTIFIERS?
logo
Diotec Semiconductor
BY396 DIOTEC-BY396 Datasheet
199Kb / 2P
   Fast Silicon Rectifiers
FT2000A DIOTEC-FT2000A Datasheet
64Kb / 2P
   Fast Silicon Rectifiers
F1200A DIOTEC-F1200A Datasheet
84Kb / 2P
   Fast Silicon Rectifiers
1N4933 DIOTEC-1N4933 Datasheet
160Kb / 2P
   Fast Silicon Rectifiers
logo
Semtech Corporation
BY396 SEMTECH-BY396 Datasheet
72Kb / 2P
   FAST SILICON RECTIFIERS???
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com