Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM5759-37HS Arkusz danych(PDF) 1 Page - Stealth Microwave, Inc.

Numer części SM5759-37HS
Szczegółowy opis  5700 - 5900 MHz 5 Watt Linear Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Strona internetowa  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM5759-37HS Arkusz danych(HTML) 1 Page - Stealth Microwave, Inc.

  SM5759-37HS Datasheet HTML 1Page - Stealth Microwave, Inc. SM5759-37HS Datasheet HTML 2Page - Stealth Microwave, Inc. SM5759-37HS Datasheet HTML 3Page - Stealth Microwave, Inc. SM5759-37HS Datasheet HTML 4Page - Stealth Microwave, Inc. SM5759-37HS Datasheet HTML 5Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM5759-37HS
5700 - 5900 MHz
5 Watt Linear Power Amplifier
ISM APPLICATIONS
Parameter
Specification
Frequency Range
5.7 – 5.9 GHz
Pout (P1dB)
+ 37 dBm
Third Order Intercept Point
+ 47 dBm (typ.)
Linear Gain
39 dB ± 1.0 dB
Gain Flatness over Full Band
± .5 dB
Input/Output Return Loss
-16 dB / -16 dB
DC Input Voltage
+12 Volts
DC Input Current
(Operating)
2.3 Amperes
Mechanical Dimensions
Without Heatsink
4.7 x 2.0 x .54 inches
RF Connectors
SMA Female
Operating Temperature
(Baseplate)
-20ºC to +85ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above
Sea Level
Stealth Microwave’s SM5759-37HS is an
affordable
solid
state
GaAs
amplifier
designed for products in the ISM band. The
amplifier operates from 5.7 – 5.9 GHz,
provides 39 dB of linear gain, has a P1dB of
+37 dBm, and an OIP3 of +47 dBm. This
high-linearity
SSPA
provides
numerous
standard features while maintaining a very
small size.
Features
• Mis-Match Protected
• Single Power Supply
• Over Voltage Protection
• Thermal Protection with Auto Reset
Options
• TTL On/Off Control
• High Speed Switching for TDD with
1us rise / fall time
• Heatsink
• +10V Operation
Configurations
• Module
• Bench-Top Lab Unit
• 19” Rack


Podobny numer części - SM5759-37HS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DB Unlimited.
SM570450-1 DBUNLIMITED-SM570450-1 Datasheet
782Kb / 1P
   Released from Engineering
logo
Bivar, Inc.
SM5730UWDC05 BIVAR-SM5730UWDC05 Datasheet
714Kb / 5P
   SURFACE MOUNT LED WHITE, 5730 PACKAGE, 0.5W
Revision A
SM5730UWDN05 BIVAR-SM5730UWDN05 Datasheet
714Kb / 5P
   SURFACE MOUNT LED WHITE, 5730 PACKAGE, 0.5W
Revision A
SM5730UWDW05 BIVAR-SM5730UWDW05 Datasheet
714Kb / 5P
   SURFACE MOUNT LED WHITE, 5730 PACKAGE, 0.5W
Revision A
SM5730UWDX05 BIVAR-SM5730UWDX05 Datasheet
714Kb / 5P
   SURFACE MOUNT LED WHITE, 5730 PACKAGE, 0.5W
Revision A
More results

Podobny opis - SM5759-37HS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Stealth Microwave, Inc.
SM5659-37S STEALTH_MICROWAVE-SM5659-37S Datasheet
105Kb / 4P
   5600 - 5900 MHz 5 Watt Linear Power Amplifier
SM5964-43 STEALTH_MICROWAVE-SM5964-43 Datasheet
240Kb / 3P
   5900-6400 MHz 20 Watt Power Amplifier
SM2325-37H STEALTH_MICROWAVE-SM2325-37H Datasheet
80Kb / 2P
   2300-2500 MHz 5 Watt Linear Power Amplifier
SM2527-37HS STEALTH_MICROWAVE-SM2527-37HS Datasheet
66Kb / 2P
   2500-2700 MHz 5 Watt Linear Power Amplifier
SM1727-37HS STEALTH_MICROWAVE-SM1727-37HS Datasheet
93Kb / 3P
   1700-2700 MHz 5 Watt Linear Power Amplifier
SM2023-37HS STEALTH_MICROWAVE-SM2023-37HS Datasheet
116Kb / 2P
   2000-2300 MHz 5 Watt Linear Power Amplifier
SM2040-37 STEALTH_MICROWAVE-SM2040-37 Datasheet
140Kb / 3P
   2000-4000 MHz 5 Watt Linear Power Amplifier
SM6471-37HS STEALTH_MICROWAVE-SM6471-37HS Datasheet
93Kb / 3P
   6400 - 7100 MHz 5 Watt Linear Power Amplifier
SM08096-37 STEALTH_MICROWAVE-SM08096-37 Datasheet
93Kb / 2P
   800-960 MHz 5 Watt Linear Power Amplifier
SM4450-37S STEALTH_MICROWAVE-SM4450-37S Datasheet
93Kb / 3P
   4400 - 5000 MHz 5 Watt Linear Power Amplifier
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com