Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

5V1BS Arkusz danych(PDF) 5 Page - SEMTECH ELECTRONICS LTD.

Numer części 5V1BS
Szczegółowy opis  SILICON PLANAR ZENER DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Strona internetowa  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

5V1BS Arkusz danych(HTML) 5 Page - SEMTECH ELECTRONICS LTD.

  5V1BS Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 5V1BS Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 5V1BS Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. 5V1BS Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. 5V1BS Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD. 5V1BS Datasheet HTML 6Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Dated : 25/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BS Series
Characteristics at Ta = 25 OC
Zener Voltage
1)
Maximum Dynamic
Resistance
Reverse Leakage
Current
2) (I
R at VR)
Type
Min. (V)
Max. (V)
lZT (mA)
(Ω) at
lZT
lZT (mA)
IR (µA) Max.
VR (V)
27BS
24.26
27.64
27BSA
24.26
25.52
27BSB
24.97
26.26
27BSC
25.63
26.95
27BSD
26.29
27.64
5
45
5
0.2
21
30BS
26.99
30.51
30BSA
26.99
28.39
30BSB
27.7
29.13
30BSC
28.36
29.82
30BSD
29.02
30.51
5
55
5
0.2
23
33BS
29.68
33.11
33BSA
29.68
31.22
33BSB
30.32
31.88
33BSC
30.9
32.5
33BSD
31.49
33.11
5
65
5
0.2
25
36BS
32.14
35.77
36BSA
32.14
33.79
36BSB
32.79
34.49
36BSC
33.4
35.13
36BSD
34.01
35.77
5
75
5
0.2
27
39BS
34.68
38.52
39BSA
34.68
36.47
39BSB
35.36
37.19
39BSC
36
37.85
39BSD
36.63
38.52
5
85
5
0.2
30
1) Tested with pulse tp = 20 ms.
2) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.


Podobny numer części - 5V1BS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SEMTECH ELECTRONICS LTD...
5V1BC SEMTECH_ELEC-5V1BC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
5V1BCA SEMTECH_ELEC-5V1BCA Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
5V1BCB SEMTECH_ELEC-5V1BCB Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
5V1BCC SEMTECH_ELEC-5V1BCC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
More results

Podobny opis - 5V1BS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com