Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC238 Arkusz danych(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Numer części BC238
Szczegółowy opis  NPN Silicon Epitaxial Planar Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Strona internetowa  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BC238 Arkusz danych(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BC238 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BC238 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 27/12/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BC237...BC239
NPN Silicon Epitaxial Planar Transistor
for switching and amplifier applications
The transistor is subdivided into three groups, A, B,
and C, according to its DC current gain.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
BC237
BC238
BC239
Unit
Collector Base Voltage
VCBO
50
30
30
V
Collector Emitter Voltage
VCEO
45
25
25
V
Emitter Base Voltage
VEBO
6
5
V
Collector Current
IC
100
mA
Total Power Dissipation
Ptot
500
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
TS
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at VCE = 5 V, IC = 2 mA
Current Gain Group A
B
C
hFE
hFE
hFE
120
180
380
220
460
800
-
-
-
Collector Base Cutoff Current
at VCB = 50 V
at VCB = 30 V
BC237
BC238, BC239
ICBO
-
-
15
15
nA
Collector Emitter Breakdown Voltage
at IC = 2 mA
BC237
BC238, BC239
V(BR)CEO
45
25
-
-
V
Emitter Base Breakdown Voltage
at IE = 100 µA
BC237
BC238, BC239
V(BR)EBO
6
5
-
-
V
Collector Emitter Saturation Voltage
at IC = 10 mA, IB = 0.5 mA
at IC = 100 mA, IB = 5 mA
VCE(sat)
-
-
0.2
0.6
V
Base Emitter Saturation Voltage
at IC = 10 mA, IB = 0.5 mA
at IC = 100 mA, IB = 5 mA
VBE(sat)
-
-
0.83
1.05
V
Base Emitter On Voltage
at VCE = 5 V, IC = 2 mA
VBE(on)
0.55
0.7
V
Current Gain Bandwidth Product
at VCE = 5 V, IC = 10 mA, f = 100 MHz
fT
150
-
MHz
Collector Base Capacitance
at VCB = 10 V, f = 1 MHz
Cob
-
4.5
pF
1. Collector 2. Base 3. Emitter
TO-92 Plastic Package


Podobny numer części - BC238

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
BC238 FAIRCHILD-BC238 Datasheet
45Kb / 4P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
List of Unclassifed Man...
BC238 ETC-BC238 Datasheet
75Kb / 1P
   Low Level and General Purpose Amplifiers
logo
KEC(Korea Electronics)
BC238 KEC-BC238 Datasheet
140Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, LOW NOISE AMPLIFIER)
logo
Micro Electronics
BC238 MICRO-ELECTRONICS-BC238 Datasheet
228Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Dc Components
BC238 DCCOM-BC238 Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
More results

Podobny opis - BC238

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com