Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9-0000-S08 Arkusz danych(PDF) 2 Page - Sensortechnics GmbH

Numer części AD9-0000-S08
Szczegółowy opis  Ultrasonic air bubble and air-in-line sensors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SENSORTECHNICS [Sensortechnics GmbH]
Strona internetowa  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

AD9-0000-S08 Arkusz danych(HTML) 2 Page - Sensortechnics GmbH

  AD9-0000-S08 Datasheet HTML 1Page - Sensortechnics GmbH AD9-0000-S08 Datasheet HTML 2Page - Sensortechnics GmbH AD9-0000-S08 Datasheet HTML 3Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AD8 / AD9 Series
Ultrasonic air bubble and air-in-line sensors
August 2007 / 301
2/3
www.sensortechnics.com
PERFORMANCE CHARACTERISTICS
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
e
g
a
t
l
o
v
w
o
l
c
i
g
o
L
5
.
0
V
e
g
a
t
l
o
v
h
g
i
h
c
i
g
o
LV
S
5
.
0
-
)
w
o
l
t
u
p
t
u
o
(
t
n
e
r
r
u
c
k
n
i
s
t
u
p
t
u
O
5
A
m
)
h
g
i
h
t
u
p
t
u
o
(
t
n
e
r
r
u
c
e
c
r
u
o
s
t
u
p
t
u
O
5
e
m
i
t
e
s
n
o
p
s
e
Ry
r
d
o
t
t
e
w5
1
2
.
0
s
m
t
e
w
o
t
y
r
d6
4
OUTLINE DRAWING
all dimensions in inches
.
o
n
t
r
a
P
e
z
i
s
g
n
i
b
u
T
A
B
C1
D
E
F
G
H
1
0
.
.
.
8
D
A
.
D
.
O
"
6
1
/
1
5
4
0
.
00
5
1
.
00
5
7
.
02
1
.
10
8
.
08
8
.
05
5
.
05
6
1
.
0
2
0
.
.
.
D
A
.
D
.
O
"
8
/
1
0
0
1
.
05
2
3
.
00
2
6
.
0
0
0
.
15
7
.
05
7
.
00
5
.
05
2
1
.
0
M
4
.
.
.
9
D
A
.
D
.
O
m
m
4
5
2
1
.
00
5
3
.
00
5
6
.
0
3
0
.
.
.
D
A
.
D
.
O
"
6
1
/
3
0
5
1
.
05
1
3
.
00
5
6
.
0
4
0
.
.
.
D
A
.
D
.
O
"
4
/
1
0
0
2
.
00
0
4
.
00
0
7
.
0
6
0
.
.
.
9
D
A
.
D
.
O
"
8
/
3
0
1
3
.
05
2
5
.
05
2
8
.
0
8
0
.
.
.
9
D
A
.
D
.
O
"
2
/
1
0
3
4
.
00
5
7
.
00
5
0
.
1
0
1
.
.
.
9
D
A
.
D
.
O
"
8
/
5
0
2
5
.
00
5
8
.
00
5
1
.
1
Dimensions
Note:
1. The following products come with an extension base which adds another 0.30 inches to dimension C:
AD8...02, ...03, ...04
AD9...4M, ...08, ...10
A
C
B
G
F
D
E
H
H
Threaded holes
4-40 x 0.22 (5.59)
Wires


Podobny numer części - AD9-0000-S08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AD90 ETC2-AD90 Datasheet
85Kb / 1P
   CPRIIRNCTEUDI TCI RICMUPITR BIMOA횋RD
logo
Analog Devices
AD9000 AD-AD9000 Datasheet
205Kb / 8P
   High Speed 6-Bit A/D Converter
REV. A
AD9000JD AD-AD9000JD Datasheet
205Kb / 8P
   High Speed 6-Bit A/D Converter
REV. A
AD9000SD AD-AD9000SD Datasheet
205Kb / 8P
   High Speed 6-Bit A/D Converter
REV. A
AD9000SE AD-AD9000SE Datasheet
205Kb / 8P
   High Speed 6-Bit A/D Converter
REV. A
More results

Podobny opis - AD9-0000-S08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TC40-18D ETC-TC40-18D Datasheet
30Kb / 1P
   AIR ULTRASONIC SENSOR
400SR100 ETC2-400SR100 Datasheet
89Kb / 2P
   Air Ultrasonic Ceramic Transducers
400ST160 ETC-400ST160 Datasheet
96Kb / 2P
   Air Ultrasonic Ceramic Transducers
logo
Pro-Wave Electronic Cor...
250ST160 PRO-WAVE-250ST160 Datasheet
417Kb / 2P
   Air Ultrasonic Ceramic Transducers
logo
List of Unclassifed Man...
400ST-R120 ETC2-400ST-R120 Datasheet
72Kb / 2P
   Air Ultrasonic Ceramic Transducers
400ST100 ETC2-400ST100 Datasheet
89Kb / 2P
   Air Ultrasonic Ceramic Transducers
500MB120 ETC2-500MB120 Datasheet
121Kb / 1P
   Air Ultrasonic Ceramic Transducers
logo
Festo Corporation.
531717 FESTO-531717 Datasheet
75Kb / 1P
   Air line lubricator
3/25/22
531712 FESTO-531712 Datasheet
76Kb / 1P
   Air line lubricator
3/25/22
531703 FESTO-531703 Datasheet
75Kb / 1P
   Air line lubricator
3/23/22
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com