Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

C-13-155C-F-SLC3S Arkusz danych(PDF) 10 Page - Source Photonics, Inc.

Numer części C-13-155C-F-SLC3S
Szczegółowy opis  155 Mbps Single Mode SFF LC Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SOURCE [Source Photonics, Inc.]
Strona internetowa  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-155C-F-SLC3S Arkusz danych(HTML) 10 Page - Source Photonics, Inc.

Back Button C-13-155C-F-SLC3S Datasheet HTML 3Page - Source Photonics, Inc. C-13-155C-F-SLC3S Datasheet HTML 4Page - Source Photonics, Inc. C-13-155C-F-SLC3S Datasheet HTML 5Page - Source Photonics, Inc. C-13-155C-F-SLC3S Datasheet HTML 6Page - Source Photonics, Inc. C-13-155C-F-SLC3S Datasheet HTML 7Page - Source Photonics, Inc. C-13-155C-F-SLC3S Datasheet HTML 8Page - Source Photonics, Inc. C-13-155C-F-SLC3S Datasheet HTML 9Page - Source Photonics, Inc. C-13-155C-F-SLC3S Datasheet HTML 10Page - Source Photonics, Inc. C-13-155C-F-SLC3S Datasheet HTML 11Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
155 Mbps Single Mode SFF LC Transceiver
C-13-155(C)-F-SLCX
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS598-Feb0606
Rev A.2
LUMINENTOIC.COM
Ordering Information
C - 13 - 155(C) - F - S LC TxPower Temperature Package -RoHS
• 13 = Wavelength 1310nm
• Communication protocol (155Mbps)
155 = PECL Signal Detection Output
155C = TTL Signal Detection Output
• Connector options
• Tx Power range
Blank = -19 to -12 dBm
3 = -15 to -8 dBm
5 = -5 to 0 dBm
7 = -3 to +2 dBm
9 = 0 to +5 dBm
• F = +3.3V SFF Transceiver, FP
• Single mode fiber
• Package
Blank = Standard package
S = EMI Shielding Finger package
Available Options:
C-13-155-F-SLC(S)
C-13-155-F-SLC3(S)
C-13-155-F-SLC5(S)
C-13-155-F-SLC7(S)
C-13-155-F-SLC9(S)
C-13-155C-F-SLC(S)
C-13-155C-F-SLC3(S)
C-13-155C-F-SLC5(S)
C-13-155C-F-SLC7(S)
C-13-155C-F-SLC9(S)
Part numbering Definition:
•Temperature
Blank = 0 to 70 ºC
A = -40 to 85 ºC
C-13-155-F-SLCA(S)
C-13-155-F-SLC3A(S)
C-13-155-F-SLC5A(S)
C-13-155-F-SLC7A(S)
C-13-155-F-SLC9A(S)
C-13-155C-F-SLCA(S)
C-13-155C-F-SLC3A(S)
C-13-155C-F-SLC5A(S)
C-13-155C-F-SLC7A(S)
C-13-155C-F-SLC9A(S)
C-13-155-F-SLC(S)-G5
C-13-155-F-SLC3(S)-G5
C-13-155-F-SLC5(S)-G5
C-13-155-F-SLC7(S)-G5
C-13-155-F-SLC9(S)-G5
C-13-155C-F-SLC(S)-G5
C-13-155C-F-SLC3(S)-G5
C-13-155C-F-SLC5(S)-G5
C-13-155C-F-SLC7(S)-G5
C-13-155C-F-SLC9(S)-G5
C-13-155-F-SLCA(S)-GR
C-13-155-F-SLC3A(S)-GR
C-13-155-F-SLC5A(S)-GR
C-13-155-F-SLC7A(S)-GR
C-13-155-F-SLC9A(S)-GR
C-13-155C-F-SLCA(S)-GR
C-13-155C-F-SLC3A(S)-GR
C-13-155C-F-SLC5A(S)-GR
C-13-155C-F-SLC7A(S)-GR
C-13-155C-F-SLC9A(S)-GR
• Ordering Information
Blank = RoHS non-compliant product
G5 = RoHS 5/6-compliant product (lead exemption)
GR = Full RoHS compliant product (no exemption)


Podobny numer części - C-13-155C-F-SLC3S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Source Photonics, Inc.
C-13-155C-FDFB-SLC8A-G5 SOURCE-C-13-155C-FDFB-SLC8A-G5 Datasheet
272Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
More results

Podobny opis - C-13-155C-F-SLC3S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Source Photonics, Inc.
C-13-155-F-SLC3S-19 SOURCE-C-13-155-F-SLC3S-19 Datasheet
720Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC3A-12 SOURCE-C-13-155-F-SLC3A-12 Datasheet
758Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLC8A-G5 SOURCE-C-15-155-FDFB-SLC8A-G5 Datasheet
721Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-127-155-FDFB-SLC5 SOURCE-C-127-155-FDFB-SLC5 Datasheet
674Kb / 8P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLCA-55-G5 SOURCE-C-13-155-F-SLCA-55-G5 Datasheet
866Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-FDFB-SLC8A-G5 SOURCE-C-13-155-FDFB-SLC8A-G5 Datasheet
272Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLC8 SOURCE-C-15-155-FDFB-SLC8 Datasheet
880Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
TRSL-3380W-CXX0G OPTOWAY-TRSL-3380W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
TRSL-33100W-CXX0G OPTOWAY-TRSL-33100W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
TRSL-33120W-CXX0G OPTOWAY-TRSL-33120W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com