Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

B-15-1250-TDPM3-SSC-60 Arkusz danych(PDF) 6 Page - Source Photonics, Inc.

Numer części B-15-1250-TDPM3-SSC-60
Szczegółowy opis  1.25 Gbps Bi-directional Single Fiber Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SOURCE [Source Photonics, Inc.]
Strona internetowa  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

B-15-1250-TDPM3-SSC-60 Arkusz danych(HTML) 6 Page - Source Photonics, Inc.

  B-15-1250-TDPM3-SSC-60 Datasheet HTML 1Page - Source Photonics, Inc. B-15-1250-TDPM3-SSC-60 Datasheet HTML 2Page - Source Photonics, Inc. B-15-1250-TDPM3-SSC-60 Datasheet HTML 3Page - Source Photonics, Inc. B-15-1250-TDPM3-SSC-60 Datasheet HTML 4Page - Source Photonics, Inc. B-15-1250-TDPM3-SSC-60 Datasheet HTML 5Page - Source Photonics, Inc. B-15-1250-TDPM3-SSC-60 Datasheet HTML 6Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended. Follow
guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
6
1.25 Gbps Bi-directional Single Fiber Transceiver
LUMINENTOIC.COM
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS574-AUG1804
rev. A.0
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at LuminentOIC’s sole and absolute discretion. LuminentOIC warrants performance
of its products to current specifications only in accordance with the company’s standard one-year warranty; however, specifications designated as “preliminary” are
given to describe components only, and LuminentOIC expressly disclaims any and all warranties for said products, including express, implied, and statutory warran-
ties, warranties of merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. Please refer to the company’s Terms and Conditions of
Sale for further warranty information.
LuminentOIC assumes no liability for applications assistance, customer product design, software performance, or infringement of patents, services, or intellectual
property described herein. No license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and LuminentOIC makes
no representations or warranties that the product(s) described herein are free from patent, copyright, or intellectual property rights. Products described in this docu-
ment are NOT intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. LuminentOIC customers
using or selling products for use in such applications do so at their own risk and agree to fully defend and indemnify LuminentOIC for any damages resulting from
such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees that LuminentOIC is not liable for any
actual, consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. Customer must contact
LuminentOIC to obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current.
© LuminentOIC, Inc. 2003
All rights reserved
B-15/13-1250(C)-TDPM3-SXX-60
Warnings
Legal Notice
Ordering Information
B - 15/13 - 1250(C) - TDPM3 - S XX -60
• Wavelength
Tx Wavelength=1550nm
Rx Wavelength=1310nm
• Communication protocol
(1250 Mbps)
1250=LVPECL Signal Detection Output
1250C=LVTTL Signal Detection Output
• Connector options
(SC/ST/FC/MU)
• +3.3 V Transceiver
• Single mode fiber
• Length of Pigtail Fiber
= 660 ± 20 mm
Available Options:
B-15/13-1250(C)-TDPM3-SSC-60
B-15/13-1250(C)-TDPM3-SST-60
B-15/13-1250(C)-TDPM3-SFC-60
B-15/13-1250(C)-TDPM3-SMU-60


Podobny numer części - B-15-1250-TDPM3-SSC-60

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Source Photonics, Inc.
B-15-1250-TDPM-SFC-60 SOURCE-B-15-1250-TDPM-SFC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-1250-TDPM-SMU-60 SOURCE-B-15-1250-TDPM-SMU-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-1250-TDPM-SSC-60 SOURCE-B-15-1250-TDPM-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-1250-TDPM-SST-60 SOURCE-B-15-1250-TDPM-SST-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
More results

Podobny opis - B-15-1250-TDPM3-SSC-60

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Source Photonics, Inc.
B-13-1250-TPM3-SSC-60 SOURCE-B-13-1250-TPM3-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-1250-TDPM-SSC-60 SOURCE-B-15-1250-TDPM-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-1250-TPM-S SOURCE-B-13-1250-TPM-S Datasheet
958Kb / 5P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-14-1250-T-SSC-G5 SOURCE-B-13-14-1250-T-SSC-G5 Datasheet
589Kb / 7P
   1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
B-13-15-1250-T-SSC2A SOURCE-B-13-15-1250-T-SSC2A Datasheet
558Kb / 6P
   1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
B-13-15-1250C-F-SSC SOURCE-B-13-15-1250C-F-SSC Datasheet
693Kb / 10P
   1.25 Gbps bi-directional SC Receptacle single Fiber Transceiver
logo
Optoway Technology Inc
SPM-7600G_2015 OPTOWAY-SPM-7600G_2015 Datasheet
176Kb / 6P
   1.25 Gbps Multi-Mode Single-Fiber SFP Transceiver
SPM-7700G_2015 OPTOWAY-SPM-7700G_2015 Datasheet
177Kb / 6P
   1.25 Gbps Multi-Mode Single-Fiber SFP Transceiver
SPM-7600G OPTOWAY-SPM-7600G_15 Datasheet
176Kb / 6P
   1.25 Gbps Multi-Mode Single-Fiber SFP Transceiver
SPM-7700G OPTOWAY-SPM-7700G_15 Datasheet
177Kb / 6P
   1.25 Gbps Multi-Mode Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com