Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

B-15-1250-TDPM3-SST-60 Arkusz danych(PDF) 1 Page - Source Photonics, Inc.

Numer części B-15-1250-TDPM3-SST-60
Szczegółowy opis  1.25 Gbps Bi-directional Single Fiber Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SOURCE [Source Photonics, Inc.]
Strona internetowa  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

B-15-1250-TDPM3-SST-60 Arkusz danych(HTML) 1 Page - Source Photonics, Inc.

  B-15-1250-TDPM3-SST-60 Datasheet HTML 1Page - Source Photonics, Inc. B-15-1250-TDPM3-SST-60 Datasheet HTML 2Page - Source Photonics, Inc. B-15-1250-TDPM3-SST-60 Datasheet HTML 3Page - Source Photonics, Inc. B-15-1250-TDPM3-SST-60 Datasheet HTML 4Page - Source Photonics, Inc. B-15-1250-TDPM3-SST-60 Datasheet HTML 5Page - Source Photonics, Inc. B-15-1250-TDPM3-SST-60 Datasheet HTML 6Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
1.25 Gbps Bi-directional Single Fiber Transceiver
B-15/13-1250(C)-TDPM3-SXX-60
LUMINENTOIC.COM
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS574-AUG1804
rev. A.0
Features
• Coaxial single mode single fiber package with optional
SC/FC/ST/MU connector
• Wavelength Tx 1550 nm/ Rx 1310nm
• Compliant with IEEE 802.3z Gigabit Ethernet
• Single +3.3V Power Supply
• LVPECL Differential Inputs and Outputs
• LVPECL SD Output (B-15/13-1250-TDPM3-SXX-60)
• LVTTL SD Output (B-15/13-1250C-TDPM3-SXX-60)
• Wave Solderable and Aqueous washable
• Class 1 Laser Int. Safety Standad IEC 825 Compliant
• Uncooled laser diode with MQW structure
• Complies with Telcordia (Bellcore) GR-468-CORE
• Temperature Range: 0 to 70ºC
• Optical Isolation >30 dB
• Cross Talk < -33 dB
• Optical Return Loss > 14dB
Parameter
Symbol
Min.
Max.
Unit
Note
Power Supply Voltage
Vcc
0
3.6
V
Output Current
Iout
-
30
mA
Soldering Temperature
-
-
260
ºC
10 seconds on leads only
Operating Temperature
Topr
0
70
ºC
Storage Temperature
Tstg
-40
85
ºC
Absolute Maximum Rating
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power Supply Voltage
Vcc
3.1
3.3
3.5
V
Operating Temperature (Case)
Topr
0
-
70
ºC
Data Rate
-
-
1250
-
Mbps
Recommended Operating Condition
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Optical
Optical Transmit Power
Po
-10
-
-4
dBm
Output power is coupled into a 9/125 µm
single mode fiber
Output center Wavelength
λ
1500
1550
1600
nm
Output Spectrum Width
λ
-
-
1
nm
-20dB
Side Mode Suppression Ratio
Sr
30
35
1
dB
CW1 P0=5mW
Extinction Ratio
ER
9
-
-
dB
Output Eye
Compliant with IEEE 802.3z
Optical Rise Time
tr
-
-
0.26
ns
20% to 80% Values
Optical Fall Time
tf
-
-
0.26
ns
20% to 80% Values
Optical Isolation
-
30
-
-
dB
Tx:1550 nm/ Rx:1310 nm
Optical Return Loss
-
14
-
-
dB
Relative Intensity Noise
RIN
-
-
-120
dB/Hz
Total Jitter
TJ
-
-
0.27
ns
Measured with 27-1
Transmitter Specifications


Podobny numer części - B-15-1250-TDPM3-SST-60

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Source Photonics, Inc.
B-15-1250-TDPM-SFC-60 SOURCE-B-15-1250-TDPM-SFC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-1250-TDPM-SMU-60 SOURCE-B-15-1250-TDPM-SMU-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-1250-TDPM-SSC-60 SOURCE-B-15-1250-TDPM-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-1250-TDPM-SST-60 SOURCE-B-15-1250-TDPM-SST-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
More results

Podobny opis - B-15-1250-TDPM3-SST-60

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Source Photonics, Inc.
B-13-1250-TPM3-SSC-60 SOURCE-B-13-1250-TPM3-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-1250-TDPM-SSC-60 SOURCE-B-15-1250-TDPM-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-1250-TPM-S SOURCE-B-13-1250-TPM-S Datasheet
958Kb / 5P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-14-1250-T-SSC-G5 SOURCE-B-13-14-1250-T-SSC-G5 Datasheet
589Kb / 7P
   1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
B-13-15-1250-T-SSC2A SOURCE-B-13-15-1250-T-SSC2A Datasheet
558Kb / 6P
   1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
B-13-15-1250C-F-SSC SOURCE-B-13-15-1250C-F-SSC Datasheet
693Kb / 10P
   1.25 Gbps bi-directional SC Receptacle single Fiber Transceiver
logo
Optoway Technology Inc
SPM-7600G_2015 OPTOWAY-SPM-7600G_2015 Datasheet
176Kb / 6P
   1.25 Gbps Multi-Mode Single-Fiber SFP Transceiver
SPM-7700G_2015 OPTOWAY-SPM-7700G_2015 Datasheet
177Kb / 6P
   1.25 Gbps Multi-Mode Single-Fiber SFP Transceiver
SPM-7600G OPTOWAY-SPM-7600G_15 Datasheet
176Kb / 6P
   1.25 Gbps Multi-Mode Single-Fiber SFP Transceiver
SPM-7700G OPTOWAY-SPM-7700G_15 Datasheet
177Kb / 6P
   1.25 Gbps Multi-Mode Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com