Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

B-15-13-1250C-F-SSC2AG5 Arkusz danych(PDF) 2 Page - Source Photonics, Inc.

Numer części B-15-13-1250C-F-SSC2AG5
Szczegółowy opis  1.25 Gbps bi-directional SC Receptacle single Fiber Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SOURCE [Source Photonics, Inc.]
Strona internetowa  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

B-15-13-1250C-F-SSC2AG5 Arkusz danych(HTML) 2 Page - Source Photonics, Inc.

  B-15-13-1250C-F-SSC2AG5 Datasheet HTML 1Page - Source Photonics, Inc. B-15-13-1250C-F-SSC2AG5 Datasheet HTML 2Page - Source Photonics, Inc. B-15-13-1250C-F-SSC2AG5 Datasheet HTML 3Page - Source Photonics, Inc. B-15-13-1250C-F-SSC2AG5 Datasheet HTML 4Page - Source Photonics, Inc. B-15-13-1250C-F-SSC2AG5 Datasheet HTML 5Page - Source Photonics, Inc. B-15-13-1250C-F-SSC2AG5 Datasheet HTML 6Page - Source Photonics, Inc. B-15-13-1250C-F-SSC2AG5 Datasheet HTML 7Page - Source Photonics, Inc. B-15-13-1250C-F-SSC2AG5 Datasheet HTML 8Page - Source Photonics, Inc. B-15-13-1250C-F-SSC2AG5 Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
1.25 Gbps bi-directional SC Receptacle
single Fiber Transceiver
B-1X/1X-1250C-F(DFB)-SSCx
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS796-Jan2407
Rev. A.3
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Electrical
Supply Current
ICC
-
-
150
mA
Maximum current is specified at Vcc=
Maximum @ maximum temperature
Transmit Enable Voltage
V
EN
0
-
0.8
V
Transmit Disable Voltage
V
DIS
2
-
V
CC
V
Data Input Current-Low
IIL
-350
-
-
µA
Data Input Current-High
IIH
-
-
350
µA
Differential Input Voltage
VIH-VIL
300
-
-
mV
Data Input Voltage-Low
VIL-VCC
-2.0
-
-1.58
V
These inputs are compatible with 10K, 10KH
and 100K ECL and PECL inputs
Data Input Voltage-High
VIH-VCC
-1.1
-
-0.74
V
Transmitter Specifications
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Optical
Optical Transmit Power
Po
-9
-
-3
dBm
B-1X/1X-1250C-F(DFB)-SSC
Optical Transmit Power
Po
-5
-
0
dBm
B-1X/1X-1250C-FDFB-SSC2
Optical Transmit Power
Po
-3
-
+2
dBm
B-1X/1X-1250C-FDFB-SSC3
Optical Transmit Power
Po
0
-
+5
dBm
B-1X/1X-1250C-FDFB-SSC4
Output center Wavelength
λ
1260
1310
1360
nm
B-13/15-1250C-F(DFB)-SSCX
Output center Wavelength
λ
1480
1550
1580
nm
B-15/13-1250C-F(DFB)-SSCX
Output Spectrum Width
λrms
-
-
4
nm
RMS
(σ), B-1X/1X-1250C-F-SSC
Output Spectrum Width
λ
-
-
1
nm
-20dB width, B-1X/1X-1250C-FDFB-SSCX
Side Mode Supression Ratio
SMSR
30
-
-
dB
B-1X/1X-1250C-FDFB-SSCX
Extinction Ratio
ER
9
-
-
dB
Output Eye
Compliant with IEEE 802.3z
Optical Rise Time
tr
-
-
260
ps
20% to 80% Values
Optical Fall Time
tf
-
-
260
ps
20% to 80% Values
Optical Isolation
30
-
-
dB
Relative Intensity Noise
RIN
-
-
-116
dB/Hz
Total Jitter
TJ
-
-
270
ns
Measured with 27-1 PRBS
Transmitter Specifications


Podobny numer części - B-15-13-1250C-F-SSC2AG5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Source Photonics, Inc.
B-15-13-155-FDFB-SSC5 SOURCE-B-15-13-155-FDFB-SSC5 Datasheet
697Kb / 9P
   155 Mbps bi-directional SC Receptacle Single Fiber Transceiver
B-15-13-155-FDFB-SSC5-G5 SOURCE-B-15-13-155-FDFB-SSC5-G5 Datasheet
697Kb / 9P
   155 Mbps bi-directional SC Receptacle Single Fiber Transceiver
B-15-13-155-FDFB-SSC5S SOURCE-B-15-13-155-FDFB-SSC5S Datasheet
697Kb / 9P
   155 Mbps bi-directional SC Receptacle Single Fiber Transceiver
B-15-13-155-FDFB-SSC5S-G5 SOURCE-B-15-13-155-FDFB-SSC5S-G5 Datasheet
697Kb / 9P
   155 Mbps bi-directional SC Receptacle Single Fiber Transceiver
B-15-13-155-T-SFC5 SOURCE-B-15-13-155-T-SFC5 Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
More results

Podobny opis - B-15-13-1250C-F-SSC2AG5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Source Photonics, Inc.
B-13-14-1250-T-SSC-G5 SOURCE-B-13-14-1250-T-SSC-G5 Datasheet
589Kb / 7P
   1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
B-13-15-1250-T-SSC2A SOURCE-B-13-15-1250-T-SSC2A Datasheet
558Kb / 6P
   1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
B-13-1250-TPM3-SSC-60 SOURCE-B-13-1250-TPM3-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-1250-TDPM-SSC-60 SOURCE-B-15-1250-TDPM-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-1250-TDPM3-SSC-60 SOURCE-B-15-1250-TDPM3-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-1250-TPM-S SOURCE-B-13-1250-TPM-S Datasheet
958Kb / 5P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-13-155-T-SSC4 SOURCE-B-15-13-155-T-SSC4 Datasheet
1Mb / 7P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
logo
List of Unclassifed Man...
B-15-155-T-SSC4 ETC2-B-15-155-T-SSC4 Datasheet
1Mb / 7P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
logo
Source Photonics, Inc.
B-15-13-155-FDFB-SSC5 SOURCE-B-15-13-155-FDFB-SSC5 Datasheet
697Kb / 9P
   155 Mbps bi-directional SC Receptacle Single Fiber Transceiver
B-13-15-155-T-SSC4 SOURCE-B-13-15-155-T-SSC4 Datasheet
944Kb / 6P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com