Zakładka z wyszukiwarką danych komponentów |
|
B-15-13-155S-TPM3-SSC4-54 Arkusz danych(PDF) 3 Page - Source Photonics, Inc. |
|
B-15-13-155S-TPM3-SSC4-54 Arkusz danych(HTML) 3 Page - Source Photonics, Inc. |
3 / 7 page 3 155 Mbps Bi-directional Single Fiber Transceiver B-15/13-155S-TPM3-SSC4-54 20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486 9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213 LUMNDS1507-Apr2007 Rev A.1 LUMINENTOIC.COM Warnings Connection Diagram 1. (Rx GND) 2. (Rx +) NC 3. (Rx-) 4. (SD) 5. (Rx Vcc) Top View 6. (Tx Vcc) 7. (TX-) NC 8. (TX+) 9. (Tx GND) Receiver Signal Ground Receiver Data Out Receiver Data Out Bar Signal Detect Receiver Power Supply Transmitter Power Supply Transmitter Data In Bar Transmitter Data in Transmitter Signal Ground PIN Symbol Notes 1 RxGND Directly connect this pin to the receiver ground plane 2 RD+ See recommended circuit schematic 3 RD- See recommended circuit schematic 4 SD Active high on this indicates a received optical signal 5 RxVcc +3.3V dc power for the receiver section 6 TxVcc +3.3 V dc power for the transmitter section 7 TD- See recommended circuit schematic 8 TD+ See recommended circuit schematic 9 TxGND Directly connect this pin to the transmitter ground plane |
Podobny numer części - B-15-13-155S-TPM3-SSC4-54 |
|
Podobny opis - B-15-13-155S-TPM3-SSC4-54 |