Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

B-13-14-1250-T3-SSCA-G5 Arkusz danych(PDF) 2 Page - Source Photonics, Inc.

Numer części B-13-14-1250-T3-SSCA-G5
Szczegółowy opis  1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SOURCE [Source Photonics, Inc.]
Strona internetowa  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

B-13-14-1250-T3-SSCA-G5 Arkusz danych(HTML) 2 Page - Source Photonics, Inc.

  B-13-14-1250-T3-SSCA-G5 Datasheet HTML 1Page - Source Photonics, Inc. B-13-14-1250-T3-SSCA-G5 Datasheet HTML 2Page - Source Photonics, Inc. B-13-14-1250-T3-SSCA-G5 Datasheet HTML 3Page - Source Photonics, Inc. B-13-14-1250-T3-SSCA-G5 Datasheet HTML 4Page - Source Photonics, Inc. B-13-14-1250-T3-SSCA-G5 Datasheet HTML 5Page - Source Photonics, Inc. B-13-14-1250-T3-SSCA-G5 Datasheet HTML 6Page - Source Photonics, Inc. B-13-14-1250-T3-SSCA-G5 Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
1.25 Gbps Bi-directional Receptacle
Single Fiber Transceiver
B-13/14-1250(C)-T3-SSC
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS1828-May1308
Rev A.0
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Power Supply Current
ICC
-
-
160
mA
Maximum current is specified at Vcc= Maximum
@ maximum temperature
Data Input Current-Low
IIL
-350
-
-
µA
Data Input Current-High
IIH
-
-
350
µA
Differential Input Voltage
VIH-VIL
300
-
-
mV
Data Input Voltage-Low
VIL-VCC
-2.0
-
-1.58
V
These inputs are compatible with 10K, 10KH
and 100K ECL and PECL inputs
Data Input Voltage-High
VIH-VCC
-1.1
-
-0.74
V
Transmitter Specifications (Electrical)
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Sensitivity
-
-
-
-22
dBm
Measured with 27-1 PRBS, BER = 10-12
Maximum Input Power
Pin
0
-
-
dBm
Signal Detect-Asserted
Pa
-
-
-22
dBm
Measured on transition: low to high(Note1)
Signal Detect-Deasserted
Pd
-38
-
-
dBm
Measured on transition: high to low(Note1)
Signal Detect-Hysteresis
1.0
-
-
dB
Cross Talk
-
-
-
-33
dB
Wavelength of Operation
1470
-
1600
nm
Note 1: The SD level should be deasserted when fiber disconnected
Receiver Specifications (Optical)
Parameter
Symbol
Min
Typical
Max
Unit
Note
Power Supply Current
ICC
-
-
100
mA
The current excludes the output load cur-
rent
Data output Voltage-Low
VOL -Vcc
-2.0
-
-1.58
V
These outputs are compatible with 10K,
10KH and 100KECL and PECL outputs
Data output Voltage-High
VOH- Vcc
-1.1
-
-0.74
V
Signal Detect output Voltge-Low
VSDL-Vcc
-2.0
-
-1.58
V
B-13/14-1250-T3-SSC
Signal Detect Output Voltge-High
VSDH- Vcc
-1.1
-
-0.74
V
Signal Detect output Voltge-Low
V SDL
-
-
0.5
V
B-13/14-1250C-T3-SSC
Signal Detect Output Voltge-High
V SDH
-20
-
-
V
Receiver Specifications (Electrical)


Podobny numer części - B-13-14-1250-T3-SSCA-G5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Source Photonics, Inc.
B-13-1250-T-SSC SOURCE-B-13-1250-T-SSC Datasheet
546Kb / 9P
   1.25 Gbps Single Mode Transceiver
B-13-1250-T-SSC2 SOURCE-B-13-1250-T-SSC2 Datasheet
546Kb / 9P
   1.25 Gbps Single Mode Transceiver
B-13-1250-T-SSC2A SOURCE-B-13-1250-T-SSC2A Datasheet
546Kb / 9P
   1.25 Gbps Single Mode Transceiver
B-13-1250-T-SSC2AG5 SOURCE-B-13-1250-T-SSC2AG5 Datasheet
546Kb / 9P
   1.25 Gbps Single Mode Transceiver
B-13-1250-T-SSC2AGR SOURCE-B-13-1250-T-SSC2AGR Datasheet
546Kb / 9P
   1.25 Gbps Single Mode Transceiver
More results

Podobny opis - B-13-14-1250-T3-SSCA-G5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Source Photonics, Inc.
B-13-15-1250-T-SSC2A SOURCE-B-13-15-1250-T-SSC2A Datasheet
558Kb / 6P
   1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
B-13-1250-TPM3-SSC-60 SOURCE-B-13-1250-TPM3-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-1250-TDPM-SSC-60 SOURCE-B-15-1250-TDPM-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-1250-TDPM3-SSC-60 SOURCE-B-15-1250-TDPM3-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-1250-TPM-S SOURCE-B-13-1250-TPM-S Datasheet
958Kb / 5P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-15-1250C-F-SSC SOURCE-B-13-15-1250C-F-SSC Datasheet
693Kb / 10P
   1.25 Gbps bi-directional SC Receptacle single Fiber Transceiver
B-13-155-TDFB-SSC5-40 SOURCE-B-13-155-TDFB-SSC5-40 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-13-155-T-SSC5 SOURCE-B-15-13-155-T-SSC5 Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155-T-SSC5-40 SOURCE-B-13-155-T-SSC5-40 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-155-TDFB-SSC5-G5 SOURCE-B-15-155-TDFB-SSC5-G5 Datasheet
640Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com