Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB-471LF Arkusz danych(PDF) 2 Page - Protech Systems Co., Ltd.

Numer części LB-471LF
Szczegółowy opis  Embedded Board
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Strona internetowa  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

LB-471LF Arkusz danych(HTML) 2 Page - Protech Systems Co., Ltd.

  LB-471LF Datasheet HTML 1Page - Protech Systems Co., Ltd. LB-471LF Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PERFORMANCE & POWER CONSUMPTION
Business Winstone 2001
3D Mark 2001
build 330
Power Consumption
+5V/+12V
CPU Type
5.25" ULV Celeron M Embedded Board w / VGA / Audio / LAN
LB-471LF
24.9
1125
3.34A/0.56A
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in DEC. 2006
o
o
Content Creation
Winstone 2001
42
Celeron
M 600MHZ
R
R
System
CPU Type
CPU Frequency
Chipset
DRAM
BIOS
Watchdog
Power Supply
Power Requirement
Power Consumption
Dimension
I/O Chipset
IDE Interface
CF
FDD Interface
Bus Interface
Serial Port
Parallel Port
System
CPU Type
CPU Frequency
Chipset
DRAM
BIOS
Watchdog
Power Supply
Power Requirement
Power Consumption
Dimension
I/O Chipset
IDE Interface
CF
FDD Interface
Bus Interface
Serial Port
Parallel Port
Specifications
IrDA
Keyboard
Mouse
LAN
Audio
USB
Display
Graphic
LCD Interface
Environment
OperationTemp.
Storage Tmp.
Humidity
Ordering Information
LB-471LF-C600
LB-471LF-C1000
Certificate: CE, FCC, CLASS A
IrDA
Keyboard
Mouse
LAN
Audio
USB
Display
Graphic
LCD Interface
Environment
OperationTemp.
Storage Tmp.
Humidity
Ordering Information
LB-471LF-C600
LB-471LF-C1000
Certificate: CE, FCC, CLASS A
Intel
Celeron M processor
ULV 600MHz / ULV 1GHz (non L2 cache)
Intel
852GM + ICH4 (FSB : 400MHz)
2 x 184-pin DDR DIMM,
Support DDR266 SDRAM up to 2GB
Phoenix-Award PnP BIOS, with VGA BIOS
1~255 secs Watchdog timer selectable
w / Reset / NMI
Support AT / ATX power
+5V, +12V, -12V
+5V : 3.34A, +12V : 0.56A / -12V : 0.03A
(Celeron
M ULV 600MHz)
203mm x 146mm (7.99" x 5.75")
1 x 40-pin IDE (UDMA 33/66/100)
1 x 44-pin IDE (UDMA 33/66/100)
1 x compact flash slot (IDE)
1
PCI slot, EPCI BUS
4 x COM ports, COM1/3/4 for RS232,
COM2 for RS232/422/485
(for 16550 compatible type of UART)
1 x parallel (SPP / EPP / ECP)
1(SIR)
4-pin header with mini DIN cable
4-pin header with mini DIN cable
Intel
82562ET (10/100Mbps)
Support Wake-on-LAN wtih ATX power
AC '97 Codec, Realtek ALC202A with
Line-in / Line-out / MIC
4 x USB 2.0
Built-in Intel 852GM, share system memory,
Support CRT, LVDS
18/36-bit LVDS
0°~60°C(32°~140°F)
-40°~85°C(-40°~185°F)
Operation humidity 20~90%,
storage humidity 20~95%
5.25" SBC w Celeron M ULV 600MHz CPU / VGA /
Audio / LAN (10/100Mbps)
5.25" SBC w Celeron M ULV 1GHz CPU / VGA /
Audio / LAN (10/100Mbps)
R
R
R
R
R
R
LPT1
DIMM 1
DIMM 2
2
1
1
JP7
JP8
1
1
JIRDA1
1
9
8
16
VGA1
83627
WINBOND
DVO1
1
2
JP6
J3
J2
19
1
Audio
IDE2
A30
B30
A1
B1
LAN
1
2
9
10
ICH4
INTEL
852GM
PCI1
PW1
10
20
11
1
1
KB1
1
MS1
J1
FAN1
1
EPCI1
FDD1
JP4
IDE1
1
JP1
J8
JP10
1
2
1
J7
1
JP9
INTEL
Celeron-M
(optional)
ALC202A
DIMM1
DIMM2


Podobny numer części - LB-471LF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
LB-400-100 ETC2-LB-400-100 Datasheet
109Kb / 1P
   TYPE LB: 170 through 600 Amperes
LB-400-100 ETC2-LB-400-100 Datasheet
109Kb / 1P
   170 through 600 Amperes
LB-400-50 ETC2-LB-400-50 Datasheet
109Kb / 1P
   TYPE LB: 170 through 600 Amperes
LB-400-50 ETC2-LB-400-50 Datasheet
109Kb / 1P
   170 through 600 Amperes
logo
Protech Systems Co., Lt...
LB-401 PROTECHSYSTEMS-LB-401 Datasheet
457Kb / 2P
   Embedded Board with VGA/Sound/2LAN
More results

Podobny opis - LB-471LF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Protech Systems Co., Lt...
LB-502LF PROTECHSYSTEMS-LB-502LF Datasheet
901Kb / 2P
   Embedded Board
LB-501 PROTECHSYSTEMS-LB-501 Datasheet
481Kb / 2P
   Embedded Board
LB-562LF PROTECHSYSTEMS-LB-562LF Datasheet
423Kb / 2P
   Embedded Board
logo
List of Unclassifed Man...
HS-2604 ETC-HS-2604 Datasheet
290Kb / 1P
   EMBEDDED ENGINE BOARD
logo
BOSER Technology Co., L...
HS-2605 BOSER-HS-2605_1 Datasheet
3Mb / 82P
   EDEN Embedded Engine Board
HS-2606 BOSER-HS-2606_1 Datasheet
5Mb / 74P
   Eden Embedded Engine Board
HS-2604 BOSER-HS-2604 Datasheet
2Mb / 78P
   EDEN Embedded Engine Board
logo
Protech Systems Co., Lt...
LB-381LF PROTECHSYSTEMS-LB-381LF Datasheet
338Kb / 2P
   VIA Mark Embedded Board
logo
BOSER Technology Co., L...
HS-2608 BOSER-HS-2608_1 Datasheet
1Mb / 82P
   Eden Embedded Engine Board
logo
Adlink Technology Inc.
AMITX-RZ-G ADLINK-AMITX-RZ-G Datasheet
602Kb / 3P
   Mini-ITX Embedded Board
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com