Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC161284DGGRG4 Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części 74LVC161284DGGRG4
Szczegółowy opis  19-BIT BUS INTERFACE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

74LVC161284DGGRG4 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button 74LVC161284DGGRG4 Datasheet HTML 4Page - Texas Instruments 74LVC161284DGGRG4 Datasheet HTML 5Page - Texas Instruments 74LVC161284DGGRG4 Datasheet HTML 6Page - Texas Instruments 74LVC161284DGGRG4 Datasheet HTML 7Page - Texas Instruments 74LVC161284DGGRG4 Datasheet HTML 8Page - Texas Instruments 74LVC161284DGGRG4 Datasheet HTML 9Page - Texas Instruments 74LVC161284DGGRG4 Datasheet HTML 10Page - Texas Instruments 74LVC161284DGGRG4 Datasheet HTML 11Page - Texas Instruments 74LVC161284DGGRG4 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MECHANICAL DATA
MSSO001C – JANUARY 1995 – REVISED DECEMBER 2001
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DL (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040048 / E 12/01
48 PINS SHOWN
56
0.730
(18,54)
0.720
(18,29)
48
28
0.370
(9,40)
(9,65)
0.380
Gage Plane
DIM
0.420 (10,67)
0.395 (10,03)
A MIN
A MAX
0.010 (0,25)
PINS **
0.630
(16,00)
(15,75)
0.620
0.010 (0,25)
Seating Plane
0.020 (0,51)
0.040 (1,02)
25
24
0.008 (0,203)
0.0135 (0,343)
48
1
0.008 (0,20) MIN
A
0.110 (2,79) MAX
0.299 (7,59)
0.291 (7,39)
0.004 (0,10)
M
0.005 (0,13)
0.025 (0,635)
0
°–8°
0.005 (0,13)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15).
D. Falls within JEDEC MO-118


Podobny numer części - 74LVC161284DGGRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74LVC161284 STMICROELECTRONICS-74LVC161284 Datasheet
217Kb / 11P
   LOW VOLTAGE HIGH SPEED IEEE1284 TRANSCEIVER
74LVC161284TTR STMICROELECTRONICS-74LVC161284TTR Datasheet
217Kb / 11P
   LOW VOLTAGE HIGH SPEED IEEE1284 TRANSCEIVER
More results

Podobny opis - 74LVC161284DGGRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LV161284 TI-SN74LV161284 Datasheet
186Kb / 7P
[Old version datasheet]   19-BIT BUS INTERFACE
SN74LV161284 TI-SN74LV161284_07 Datasheet
329Kb / 13P
[Old version datasheet]   19-BIT BUS INTERFACE
SN74LVC161284 TI-SN74LVC161284_07 Datasheet
340Kb / 14P
[Old version datasheet]   19-BIT BUS INTERFACE
74ACT11825 TI1-74ACT11825 Datasheet
106Kb / 7P
[Old version datasheet]   8-BIT BUS-INTERFACE FLIP-FLOP
logo
NXP Semiconductors
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
   8-bit microcontroller with I2C-bus interface
1996 Nov 25
74ABT841 NXP-74ABT841 Datasheet
304Kb / 15P
   10-bit bus interface latch; 3-state
Rev. 03-25 March 2010
logo
Texas Instruments
CY74FCT821T TI-CY74FCT821T Datasheet
86Kb / 10P
[Old version datasheet]   8-/9-/10-Bit Bus Interface Registers
logo
Fairchild Semiconductor
NM34C02 FAIRCHILD-NM34C02 Datasheet
90Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface
logo
NXP Semiconductors
74ABT16841A PHILIPS-74ABT16841A Datasheet
82Kb / 10P
   20-bit bus interface latch 3-State
1998 Feb 27
74ABT841 PHILIPS-74ABT841 Datasheet
69Kb / 6P
   10-bit bus interface latch 3-State
1995 Sep 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com