Zakładka z wyszukiwarką danych komponentów |
|
TL16C550C Arkusz danych(PDF) 10 Page - Texas Instruments |
|
|
TL16C550C Arkusz danych(HTML) 10 Page - Texas Instruments |
10 / 39 page TL16C550C, TL16C550CI ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL SLLS177F – MARCH 1994 – REVISED MARCH 2001 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 system timing requirements over recommended ranges of supply voltage and operating free-air temperature ALT. SYMBOL FIGURE TEST CONDITIONS MIN MAX UNIT tcR Cycle time, read (tw7 + td8 + td9) RC 87 ns tcW Cycle time, write (tw6 + td5 + td6) WC 87 ns tw1 Pulse duration, clock high tXH 5 f = 16 MHz Max, 25 ns tw2 Pulse duration, clock low tXL 5 f 16 MHz Max, VCC = 5 V 25 ns tw5 Pulse duration, ADS low tADS 6, 7 9 ns tw6 Pulse duration, WR tWR 6 40 ns tw7 Pulse duration, RD tRD 7 40 ns tw8 Pulse duration, MR tMR 1 µs tsu1 Setup time, address valid before ADS ↑ tAS 67 8 ns tsu2 Setup time, CS valid before ADS ↑ tCS 6, 7 8 ns tsu3 Setup time, data valid before WR1 ↑ or WR2↓ tDS 6 15 ns tsu4 Setup time, CTS ↑ before midpoint of stop bit 17 10 ns th1 Hold time, address low after ADS ↑ tAH 67 0 ns th2 Hold time, CS valid after ADS ↑ tCH 6, 7 0 ns th3 Hold time, CS valid after WR1 ↑ or WR2↓ tWCS 6 10 ns th4 Hold time, address valid after WR1 ↑ or WR2↓ tWA 6 10 ns th5 Hold time, data valid after WR1 ↑ or WR2↓ tDH 6 5 ns th6 Hold time, chip select valid after RD1 ↑ or RD2↓ tRCS 7 10 ns th7 Hold time, address valid after RD1 ↑ or RD2↓ tRA 7 20 ns td4† Delay time, CS valid before WR1 ↓ or WR2↑ tCSW 6 7 ns td5† Delay time, address valid before WR1 ↓ or WR2↑ tAW 6 7 ns td6† Delay time, write cycle, WR1 ↑ or WR2↓ to ADS↓ tWC 6 40 ns td7† Delay time, CS valid to RD1 ↓ or RD2↑ tCSR 7 7 ns td8† Delay time, address valid to RD1 ↓ or RD2↑ tAR 7 7 ns td9 Delay time, read cycle, RD1 ↑ or RD2↓ to ADS↓ tRC 7 40 ns td10 Delay time, RD1 ↓ or RD2↑ to data valid tRVD 7 CL = 75 pF 45 ns td11 Delay time, RD1 ↑ or RD2↓ to floating data tHZ 7 CL = 75 pF 20 ns † Only applies when ADS is low system switching characteristics over recommended ranges of supply voltage and operating free-air temperature (see Note 7) PARAMETER ALT. SYMBOL FIGURE TEST CONDITIONS MIN MAX UNIT tdis(R) Disable time, RD1↓↑ or RD2↑↓ to DDIS↑↓ tRDD 7 CL = 75 pF 20 ns NOTE 7: Charge and discharge times are determined by VOL, VOH, and external loading. baud generator switching characteristics over recommended ranges of supply voltage and operating free-air temperature, CL = 75 pF PARAMETER ALT. SYMBOL FIGURE TEST CONDITIONS MIN MAX UNIT tw3 Pulse duration, BAUDOUT low tLW 5 f = 16 MHz, CLK ÷ 2, 50 ns tw4 Pulse duration, BAUDOUT high tHW 5 f 16 MHz, CLK 2, VCC = 5 V 50 ns td1 Delay time, XIN ↑ to BAUDOUT↑ tBLD 5 45 ns td2 Delay time, XIN ↑↓ to BAUDOUT↓ tBHD 5 45 ns |
Podobny numer części - TL16C550C |
|
Podobny opis - TL16C550C |