Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA1020N1PT Arkusz danych(PDF) 4 Page - Chenmko Enterprise Co. Ltd.

Numer części 2SA1020N1PT
Szczegółowy opis  PNP Epitaxial Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CHENMKO [Chenmko Enterprise Co. Ltd.]
Strona internetowa  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

2SA1020N1PT Arkusz danych(HTML) 4 Page - Chenmko Enterprise Co. Ltd.

  2SA1020N1PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 2SA1020N1PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. 2SA1020N1PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. 2SA1020N1PT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RATING CHARACTERISTIC CURVES ( 2SA1020N1PT )
0
- 0 . 4
- 0 . 4
- 0 . 8
- 0 . 8
- 1 . 2
- 1 . 2
- 1 . 6
- 1 . 6
- 2 . 0
0
BASE-EMITTER VBE (V)
Typical Electrical Characteristics
Figure 7. IC - VBE
TA=100
OC
25
OC
-55
OC
COMMON EMITTER
VCE=-2V
0
20
0 . 2
0 . 4
40
0 . 6
0 . 8
60
1 . 0
80
1 . 2
100
120
140
160
0
AMBIENT TEMPERATURE TA (
OC)
Figure 8. PC - TA
-0.1
-0.3
-1.0
-3.0
-10
-30
-100
-1
-3
-5
-10
-50
-30
-300
-100
-500
-3000
-1000
COLLECTOR-EMITTER VOLTAGE VCE (V)
Figure 9. Safe Operation Area
*: Single nonrepetitive pulse
TA=25
OC
Curve must be derated linearly
with increase in temperature
Tested without a substrate
DC operation
TA=25
OC
IC max
(continous)
IC max (pulse)*
1S*
100mS*
10mS*
1mS*


Podobny numer części - 2SA1020N1PT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SA1020 TOSHIBA-2SA1020 Datasheet
194Kb / 3P
   TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
logo
Unisonic Technologies
2SA1020 UTC-2SA1020 Datasheet
549Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
List of Unclassifed Man...
2SA1020 ETC-2SA1020 Datasheet
61Kb / 1P
   TO-92MOD Plastic-Encapsulated Transistors
logo
Toshiba Semiconductor
2SA1020 TOSHIBA-2SA1020 Datasheet
193Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
logo
Unisonic Technologies
2SA1020 UTC-2SA1020 Datasheet
170Kb / 4P
   PNP EPITAXIAL SILICON TRANSISTOR
More results

Podobny opis - 2SA1020N1PT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GTM CORPORATION
GJ8550 GTM-GJ8550 Datasheet
129Kb / 2P
   PNP EPITAXIAL TRANSISTOR
GMBT9012 GTM-GMBT9012 Datasheet
221Kb / 2P
   PNP EPITAXIAL TRANSISTOR
GBC327 GTM-GBC327 Datasheet
189Kb / 3P
   PNP EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
TIP127 UTC-TIP127_09 Datasheet
217Kb / 4P
   PNP EPITAXIAL TRANSISTOR
logo
GTM CORPORATION
GSMBT8550 GTM-GSMBT8550 Datasheet
158Kb / 2P
   PNP EPITAXIAL TRANSISTOR
logo
Chenmko Enterprise Co. ...
2SB772ZPT CHENMKO-2SB772ZPT Datasheet
141Kb / 4P
   PNP Epitaxial Transistor
2SB1386PPT CHENMKO-2SB1386PPT Datasheet
389Kb / 3P
   PNP Epitaxial Transistor
2SA1213PT CHENMKO-2SA1213PT Datasheet
154Kb / 4P
   PNP Epitaxial Transistor
2SB1386PT CHENMKO-2SB1386PT Datasheet
159Kb / 3P
   PNP Epitaxial Transistor
logo
Unisonic Technologies
TIP107 UTC-TIP107_09 Datasheet
168Kb / 4P
   PNP EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com