Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SC2411KPT Arkusz danych(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Numer części 2SC2411KPT
Szczegółowy opis  Medium Power NPN Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CHENMKO [Chenmko Enterprise Co. Ltd.]
Strona internetowa  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

2SC2411KPT Arkusz danych(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  2SC2411KPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 2SC2411KPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. 2SC2411KPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING CHARACTERISTICS ( 2SC2411KPT )
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
PARAMETERS
CONDITION
Collector Cut-off Current
Emitter Cut-off Current
DC Current Gain
IE=0; VCB=20V
IC=0; VEB=4V
VCE=3V; Note 1
IC=100mA; Note 2
Collector-Emitter Saturation Voltage
IC=500mA; IB=50mA
Base-Emitter Saturatio Voltage
IC=500mA; IB=50mA
IE=ie=0; VCB=12V;
f=1MHz
IC=20mA; VCE=5V;
f=100MHz
Output Collector Capacitance
Transition Frequency
SYMBOL
ICBO
ICEO
hFE
Cob
fT
VBEsat
VCEsat
MIN.
MAX.
TYPE
UNITS
-
1.0
uA
uA
Volts
Volts
pF
MHz
-
-
1.0
-
82
390
-
-
0.4
-
-
1.1
-
-
-
6.0
-
-
250
Note :
1. Pulse test: tp
≤ 300uSec; δ ≤ 0.02.
2. hFE: Classification P: 82 to 180, Q: 120 to 270, R: 180 to 390
Fig.1
Grounded emitter propagation
characteristics
Fig.2
Grounded emitter output
characteristics (1)
Fig.3
Grounded emitter output
characteristics (2)
RATING CHARACTERISTIC CURVES ( 2SC2411KPT )
0.8
0.2
0.4
0.9
0.7
0.5
1.1
0.3
1.0
0.6
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
1000
Ta
=100OC
25OC
80OC
25OC
- 55OC
VCE
=
6V
BASE TO EMITTER VOLTAGE : VBE
(V)
1
0
2
3
4
5
0
100
50
0.50
mA
0.45m
A
0.40m
A
0.35mA
0.30mA
0.25mA
0.20mA
0.15mA
0.10mA
0.05mA
IB
=0A
Ta
=25OC
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
1
0
2
3
4
5
0
500
400
300
200
100
2mA
1.8mA
1.6mA
1.4mA
1.2mA
0.2mA
0.4mA
0.6mA
0.8mA
1.0mA
IB
=0A
Ta
=25OC
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)


Podobny numer części - 2SC2411KPT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Yea Shin Technology Co....
2SC2411KP YEASHIN-2SC2411KP Datasheet
846Kb / 4P
   Medium Power Transistor NPN silicon
More results

Podobny opis - 2SC2411KPT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
2N1893 PHILIPS-2N1893 Datasheet
51Kb / 8P
   NPN medium power transistor
1997 Apr 17
BCP68 PHILIPS-BCP68 Datasheet
45Kb / 8P
   NPN medium power transistor
1999 Apr 08
logo
Rohm
UMT4401 ROHM-UMT4401 Datasheet
80Kb / 3P
   NPN Medium Power Transistor
logo
Guangdong Kexin Industr...
BC868 KEXIN-BC868 Datasheet
53Kb / 2P
   NPN Medium Power Transistor
logo
STMicroelectronics
2SD882 STMICROELECTRONICS-2SD882 Datasheet
117Kb / 8P
   NPN medium power transistor
logo
Diodes Incorporated
BC56-16PA DIODES-BC56-16PA Datasheet
376Kb / 7P
   NPN MEDIUM POWER TRANSISTOR
logo
STMicroelectronics
2SD882 STMICROELECTRONICS-2SD882 Datasheet
92Kb / 8P
   NPN MEDIUM POWER TRANSISTOR
October 2007 Rev 3
logo
Guangdong Kexin Industr...
BCP68 KEXIN-BCP68 Datasheet
40Kb / 2P
   NPN Medium Power Transistor
logo
Rohm
SST2222AHZG ROHM-SST2222AHZG Datasheet
1Mb / 8P
   NPN Medium Power Transistor
logo
SHIKUES Electronics
BCX71 SKTECHNOLGY-BCX71 Datasheet
550Kb / 2P
   NPN medium power transistor
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com