Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA112D Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA112D
Szczegółowy opis  150-mW STEREO AUDIO POWER AMPLIFIER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA112D Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button TPA112D Datasheet HTML 7Page - Texas Instruments TPA112D Datasheet HTML 8Page - Texas Instruments TPA112D Datasheet HTML 9Page - Texas Instruments TPA112D Datasheet HTML 10Page - Texas Instruments TPA112D Datasheet HTML 11Page - Texas Instruments TPA112D Datasheet HTML 12Page - Texas Instruments TPA112D Datasheet HTML 13Page - Texas Instruments TPA112D Datasheet HTML 14Page - Texas Instruments TPA112D Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
TPA112
150-mW STEREO AUDIO POWER AMPLIFIER
SLOS212C – AUGUST 1998 – REVISED MARCH 2000
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 21
OUTPUT NOISE VOLTAGE
vs
FREQUENCY
20
f – Frequency – Hz
20
100
1k
10k
20k
VDD = 3.3 V
BW = 10 Hz to 22 kHz
AV = 1 V/V
RL = 8 Ω to 10 kΩ
10
1
Figure 22
OUTPUT NOISE VOLTAGE
vs
FREQUENCY
1
10
20
f – Frequency – Hz
20
100
1k
10k
20k
VDD = 5 V
BW = 10 Hz to 22 kHz
RL = 8 Ω to 10 kΩ
AV = 1 V/V
Figure 23
CROSSTALK
vs
FREQUENCY
20
100
20k
f – Frequency – Hz
1k
–85
–95
–105
–90
–100
–110
PO = 25 mW
VDD = 3.3 V
RL = 32 Ω
CB = 1 µF
AV = 1 V/V
–80
–65
–75
–60
–70
10k
IN 2 TO OUT 1
IN 1 TO OUT 2
Figure 24
CROSSTALK
vs
FREQUENCY
20
100
20k
f – Frequency – Hz
1k
–75
–85
–95
–80
–90
–100
PO = 100 mW
VDD = 3.3 V
RL = 8 Ω
CB = 1 µF
AV = 1 V/V
–70
–55
–65
–50
–60
10k
IN 2 TO OUT 1
IN 1 TO OUT 2


Podobny numer części - TPA112D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA112D TI1-TPA112D Datasheet
1Mb / 32P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112DGN TI1-TPA112DGN Datasheet
1Mb / 32P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112DGNR TI1-TPA112DGNR Datasheet
1Mb / 32P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112DR TI1-TPA112DR Datasheet
1Mb / 32P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA112D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA102 TI-TPA102 Datasheet
416Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA122 TI1-TPA122_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2 Datasheet
381Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com