Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

W06MPT Arkusz danych(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Numer części W06MPT
Szczegółowy opis  SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CHENMKO [Chenmko Enterprise Co. Ltd.]
Strona internetowa  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

W06MPT Arkusz danych(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  W06MPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. W06MPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING CHARACTERISTIC CURVES ( W005MPT THRU W10MPT )
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD
CHARCTERISTICS
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
AMBIENT TEMPERATURE, (
oC )
NUMBER OF CYCLES AT 60HZ
2.5
70
60
30
40
50
20
10
0
10
4
1.0
0.4
0.1
.04
.01
2.0
1.0
1.5
0.5
0
.01
0.1
1.0
10
20
INSTANTANEOUS FORWARD VOLTAGE, (V)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
20
40
60
80
120
100
140
0
20
40
60
80
100
120
140
160
0
2
4
6
8 10
20
40
60 80 100
TJ = 25
oC
TJ = 25
oC
TJ = 100
oC
Single
Half Wave 60HZ
Resistive or
Inductive Load
8.3 ms Single Half
Sine-Wave (JEDEC Method)
PULSE WIDTH=300uS
1% DUTY CYCLE


Podobny numer części - W06MPT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
W06M MCC-W06M Datasheet
310Kb / 3P
   Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix designates RoHS Compliant. See ordering information)
logo
Won-Top Electronics
W06M WTE-W06M Datasheet
45Kb / 3P
   1.5A BRIDGE RECTIFIER
logo
SAMYANG ELECTRONICS CO....
W06M SAMYANG-W06M Datasheet
1Mb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Won-Top Electronics
W06M WTE-W06M Datasheet
57Kb / 4P
   1.5A SINGLE-PHASE BRIDGE RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
W06M SEMTECH_ELEC-W06M Datasheet
190Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Podobny opis - W06MPT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
CDSH-2 CENTRAL-CDSH-2 Datasheet
48Kb / 1P
   SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBPC3506TW GENESIC-GBPC3506TW Datasheet
351Kb / 4P
   Silicon Bridge Rectifier
GBU15J GENESIC-GBU15J Datasheet
344Kb / 3P
   Silicon Bridge Rectifier
KBJ4005G GENESIC-KBJ4005G Datasheet
326Kb / 3P
   Silicon Bridge Rectifier
KBL401G GENESIC-KBL401G Datasheet
308Kb / 3P
   Silicon Bridge Rectifier
logo
Central Semiconductor C...
1N4001GPP CENTRAL-1N4001GPP_15 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIER
logo
Chenmko Enterprise Co. ...
KBU8APT CHENMKO-KBU8APT Datasheet
81Kb / 2P
   SILICON BRIDGE RECTIFIER
W005LPT CHENMKO-W005LPT Datasheet
87Kb / 2P
   SILICON BRIDGE RECTIFIER
logo
Edal Industries, Inc.
B285 EDAL-B285 Datasheet
77Kb / 1P
   Silicon Bridge Rectifier
B901 EDAL-B901 Datasheet
75Kb / 1P
   Silicon Bridge Rectifier
logo
Chenmko Enterprise Co. ...
KBPC1005PT CHENMKO-KBPC1005PT Datasheet
94Kb / 2P
   SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com