Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA2001D2PWP Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA2001D2PWP
Szczegółowy opis  1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA2001D2PWP Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TPA2001D2PWP Datasheet HTML 2Page - Texas Instruments TPA2001D2PWP Datasheet HTML 3Page - Texas Instruments TPA2001D2PWP Datasheet HTML 4Page - Texas Instruments TPA2001D2PWP Datasheet HTML 5Page - Texas Instruments TPA2001D2PWP Datasheet HTML 6Page - Texas Instruments TPA2001D2PWP Datasheet HTML 7Page - Texas Instruments TPA2001D2PWP Datasheet HTML 8Page - Texas Instruments TPA2001D2PWP Datasheet HTML 9Page - Texas Instruments TPA2001D2PWP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TPA2001D2
1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS292A – MARCH 2000 – REVISED APRIL 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
0 V
–5 V
+5 V
Current
OUT+
OUT–
Differential
Voltage
Across
Load
0 V
–5 V
+5 V
Current
OUT+
OUT–
Differential
Voltage
Across
Load
Output = 0 V
Output > 0 V
Figure 2. The TPA2001D2 Output Voltage and Current Waveforms Into an Inductive Load
efficiency: why you must use a filter with the traditional class-D modulation scheme
The main reason that the traditional class-D amplifier needs an output filter is that the switching waveform
results in maximum current flow. This causes more loss in the load, which causes lower efficiency. The ripple
current is large for the traditional modulation scheme because the ripple current is proportional to voltage
multiplied by the time at that voltage. The differential voltage swing is 2
× VDD and the time at each voltage is
half the period for the traditional modulation scheme. An ideal LC filter is needed to store the ripple current from
each half cycle for the next half cycle, while any resistance causes power dissipation. The speaker is both
resistive and reactive, whereas an LC filter is almost purely reactive.
The TPA2001D2 modulation scheme has very little loss in the load without a filter because the pulses are very
short and the change in voltage is VDD instead of 2 × VDD. As the output power increases, the pulses widen
making the ripple current larger. Ripple current could be filtered with an LC filter for increased efficiency, but for
most applications the filter is not needed.
An LC filter with a cut-off frequency less than the class-D switching frequency allows the switching current to
flow through the filter instead of the load. The filter has less resistance than the speaker that results in less power
dissipated, which increases efficiency.


Podobny numer części - TPA2001D2PWP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2001D2PWP TI-TPA2001D2PWP Datasheet
209Kb / 14P
[Old version datasheet]   1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D2PWPR TI-TPA2001D2PWPR Datasheet
209Kb / 14P
[Old version datasheet]   1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D2PWPRG4 TI-TPA2001D2PWPRG4 Datasheet
209Kb / 14P
[Old version datasheet]   1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA2001D2PWP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2001D2 TI-TPA2001D2_06 Datasheet
209Kb / 14P
[Old version datasheet]   1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2 Datasheet
256Kb / 17P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
   2 W Filterless Class-D Stereo Audio Amplifier
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
SSM2304 AD-SSM2304 Datasheet
408Kb / 19P
   2 W Filterless Class-D Stereo Audio Amplifier
Rev. PrD
SSM2306 AD-SSM2306_15 Datasheet
504Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
   Filterless, Stereo, Class-D Audio Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com