Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA311 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA311
Szczegółowy opis  350-mW MONO AUDIO POWER AMPLIFIER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA311 Arkusz danych(HTML) 4 Page - Texas Instruments

  TPA311 Datasheet HTML 1Page - Texas Instruments TPA311 Datasheet HTML 2Page - Texas Instruments TPA311 Datasheet HTML 3Page - Texas Instruments TPA311 Datasheet HTML 4Page - Texas Instruments TPA311 Datasheet HTML 5Page - Texas Instruments TPA311 Datasheet HTML 6Page - Texas Instruments TPA311 Datasheet HTML 7Page - Texas Instruments TPA311 Datasheet HTML 8Page - Texas Instruments TPA311 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
TPA311
350-mW MONO AUDIO POWER AMPLIFIER
SLOS207B – JANUARY 1998 – REVISED MARCH 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 5 V, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOO
Output offset voltage (measured differentially)
5
20
mV
PSRR
Power supply rejection ratio
VDD =4 9Vto5 1V
BTL mode
78
dB
PSRR
Power supply rejection ratio
VDD = 4.9 V to 5.1 V
SE mode
76
dB
IDD
Supply current (see Figure 6)
BTL mode
0.7
1.5
mA
IDD
Supply current (see Figure 6)
SE mode
0.35
0.75
mA
IDD(SD)
Supply current, shutdown mode (see Figure 7)
60
100
µA
operating characteristics, VDD = 5 V, TA = 25°C, RL = 8 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power see Note 2
THD = 0.5%,
BTL mode,
See Figure 18
700
mW
PO
Output power, see Note 2
THD = 0.5%,
SE mode
300
mW
THD + N
Total harmonic distortion plus
noise
PO = 350 mW,
See Figure 16
f = 20 Hz to 4 kHz,
Gain = 2,
1%
BOM
Maximum output power bandwidth
Gain = 2,
THD = 2%,
See Figure 16
10
kHz
B1
Unity-gain bandwidth
Open Loop,
See Figure 37
1.4
MHz
Supply ripple rejection ratio
f = 1 kHz,
See Figure 5
CB = 1 µF,
BTL mode,
65
dB
Supply ripple rejection ratio
f = 1 kHz,
See Figure 4
CB = 1 µF,
SE mode,
75
dB
Vn
Noise output voltage
Gain = 1,
BTL,
CB = 0.1 µF,
See Figure 43
RL = 32 Ω,
15
µV(rms)
NOTE 2: Output power is measured at the output terminals of the device at f = 1 kHz.


Podobny numer części - TPA311

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA311 TI-TPA311 Datasheet
979Kb / 35P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
More results

Podobny opis - TPA311

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA311 TI-TPA311_07 Datasheet
979Kb / 35P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301 Datasheet
356Kb / 22P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301_07 Datasheet
701Kb / 25P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301_15 Datasheet
784Kb / 29P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA321 TI-TPA321_07 Datasheet
709Kb / 26P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321 TI-TPA321 Datasheet
479Kb / 24P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321 TI-TPA321_15 Datasheet
1,008Kb / 30P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711 Datasheet
515Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI1-TPA721_16 Datasheet
1Mb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com