Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCW70LT1 Arkusz danych(PDF) 5 Page - Motorola, Inc

Numer części BCW70LT1
Szczegółowy opis  General Purpose Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BCW70LT1 Arkusz danych(HTML) 5 Page - Motorola, Inc

  BCW70LT1 Datasheet HTML 1Page - Motorola, Inc BCW70LT1 Datasheet HTML 2Page - Motorola, Inc BCW70LT1 Datasheet HTML 3Page - Motorola, Inc BCW70LT1 Datasheet HTML 4Page - Motorola, Inc BCW70LT1 Datasheet HTML 5Page - Motorola, Inc BCW70LT1 Datasheet HTML 6Page - Motorola, Inc BCW70LT1 Datasheet HTML 7Page - Motorola, Inc BCW70LT1 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BCW69LT1 BCW70LT1
5
Motorola Small–Signal Transistors, FETs and Diodes Device Data
TYPICAL DYNAMIC CHARACTERISTICS
Figure 10. Turn–On Time
IC, COLLECTOR CURRENT (mA)
500
Figure 11. Turn–Off Time
IC, COLLECTOR CURRENT (mA)
2.0
5.0
10
20
30
50
1000
Figure 12. Current–Gain — Bandwidth Product
IC, COLLECTOR CURRENT (mA)
Figure 13. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
3.0
1.0
500
0.5
10
5.0
7.0
10
20
30
50
70
100
300
7.0
70
100
VCC = 3.0 V
IC/IB = 10
TJ = 25°C
td @ VBE(off) = 0.5 V
tr
10
20
30
50
70
100
200
300
500
700
– 2.0
–1.0
VCC = – 3.0 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
ts
tf
50
70
100
200
300
0.7 1.0
2.0
3.0
5.0 7.0
10
20
30
50
TJ = 25°C
VCE = 20 V
5.0 V
1.0
2.0
3.0
5.0
7.0
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
0.05
Cib
Cob
200
– 3.0
– 5.0 – 7.0
– 20
–10
– 30
– 50 – 70 –100
TJ = 25°C
Figure 14. Thermal Response
t, TIME (ms)
1.0
0.01
0.01
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
500
1.0 k 2.0 k
5.0 k 10 k
20 k
50 k 100 k
D = 0.5
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
DUTY CYCLE, D = t1/t2
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1 (SEE AN–569)
Z
θJA(t) = r(t) • RθJA
TJ(pk) – TA = P(pk) Z
θJA(t)
t1
t2
P(pk)
FIGURE 16


Podobny numer części - BCW70LT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
BCW70LT1 ONSEMI-BCW70LT1 Datasheet
309Kb / 8P
   General Purpose Transistors(PNP Silicon)
December, 1999 ??Rev. 0
logo
Leshan Radio Company
BCW70LT1 LRC-BCW70LT1 Datasheet
254Kb / 6P
   General Purpose Transistors(PNP Silicon)
logo
ON Semiconductor
BCW70LT1 ONSEMI-BCW70LT1 Datasheet
271Kb / 6P
   General Purpose Transistor
August, 2009 ??Rev. 3
BCW70LT1D ONSEMI-BCW70LT1D Datasheet
271Kb / 6P
   General Purpose Transistor
August, 2009 ??Rev. 3
BCW70LT1G ONSEMI-BCW70LT1G Datasheet
271Kb / 6P
   General Purpose Transistor
August, 2009 ??Rev. 3
More results

Podobny opis - BCW70LT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com