Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP8860 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADP8860
Szczegółowy opis  Charge Pump, 7-Channel Smart LED Driver with I2C Interface
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP8860 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADP8860 Datasheet HTML 6Page - Analog Devices ADP8860 Datasheet HTML 7Page - Analog Devices ADP8860 Datasheet HTML 8Page - Analog Devices ADP8860 Datasheet HTML 9Page - Analog Devices ADP8860 Datasheet HTML 10Page - Analog Devices ADP8860 Datasheet HTML 11Page - Analog Devices ADP8860 Datasheet HTML 12Page - Analog Devices ADP8860 Datasheet HTML 13Page - Analog Devices ADP8860 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
ADP8860
Rev. 0 | Page 10 of 52
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
3.0
2.5
3.5
4.0
4.5
5.0
5.5
VIN (V)
–40°C
+25°C
+85°C
+105°C
Figure 17. Typical ALS Current, IALS
5.5
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
VIN = 3V
GAIN = 2×
IOUT = 10mA
4.5
4.6
–10
–40
20
50
80
110
JUNCTION TEMPERATURE (°C)
Figure 18. Typical Regulated Output Voltage (VOUT(REG))
6.0
5.8
5.6
5.4
5.2
–10
–40
20
50
80
110
JUNCTION TEMPERATURE (°C)
OVP THRESHOLD
OVP RECOVERY
Figure 19. Typical Overvoltage Protection (OVP) Threshold
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
450
400
350
300
250
200
150
100
50
0
2.5
5.5
5.0
4.5
4.0
3.5
3.0
VIN (V)
IOUT = 140mA, Vf = 3.1V
IOUT = 210mA, Vf = 3.2V
Figure 20. Typical Efficiency (Low Vf Diode)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
450
400
350
300
250
200
150
100
50
0
2.5
5.5
5.0
4.5
4.0
3.5
3.0
VIN (V)
IOUT = 140mA, Vf = 3.85V
IOUT = 210mA, Vf = 4.25V
Figure 21. Typical Efficiency (High Vf Diode)
1
3
T
500ns/DIV
VIN (AC-COUPLED) 50mV/DIV
VOUT (AC-COUPLED) 50mV/DIV
IIN (AC-COUPLED) 10mA/DIV
CIN = 1µF, COUT = 1µF, C1 = 1µF, C2 = 1µF
VIN = 3.6V
IOUT = 120mA
2
Figure 22. Typical Operating Waveforms, G = 1×


Podobny numer części - ADP8860

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP8861 AD-ADP8861 Datasheet
702Kb / 40P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
ADP8861ACPZ-RL AD-ADP8861ACPZ-RL Datasheet
702Kb / 40P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
ADP8861DBCB-EVALZ AD-ADP8861DBCB-EVALZ Datasheet
702Kb / 40P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
ADP8863 AD-ADP8863 Datasheet
783Kb / 48P
   Charge Pump,7-Channel Fun Lighting LED Driver
REV. 0
ADP8863ACPZ-R7 AD-ADP8863ACPZ-R7 Datasheet
783Kb / 48P
   Charge Pump,7-Channel Fun Lighting LED Driver
REV. 0
More results

Podobny opis - ADP8860

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP8861 AD-ADP8861 Datasheet
702Kb / 40P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
logo
Texas Instruments
TPS60250 TI1-TPS60250_14 Datasheet
893Kb / 26P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI-TPS60250_08 Datasheet
890Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60251 TI-TPS60251 Datasheet
644Kb / 28P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI-TPS60250 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
logo
Analog Devices
ADP8863 AD-ADP8863 Datasheet
783Kb / 48P
   Charge Pump,7-Channel Fun Lighting LED Driver
REV. 0
logo
Asahi Kasei Microsystem...
AK7864 AKM-AK7864 Datasheet
217Kb / 12P
   3 channel LED driver with Charge Pump
AK7864A AKM-AK7864A Datasheet
294Kb / 13P
   3 channel LED driver with Charge Pump
logo
Texas Instruments
LP5569 TI1-LP5569_18 Datasheet
2Mb / 93P
[Old version datasheet]   Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
LP5569 TI1-LP5569 Datasheet
983Kb / 86P
[Old version datasheet]   Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com