Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74SSQEA32882 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74SSQEA32882
Szczegółowy opis  28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS PARITY TEST ONE PAIR TO FOUR PAIR DIFFERENTIAL CLOCK PLL DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74SSQEA32882 Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74SSQEA32882 Datasheet HTML 1Page - Texas Instruments SN74SSQEA32882 Datasheet HTML 2Page - Texas Instruments SN74SSQEA32882 Datasheet HTML 3Page - Texas Instruments SN74SSQEA32882 Datasheet HTML 4Page - Texas Instruments SN74SSQEA32882 Datasheet HTML 5Page - Texas Instruments SN74SSQEA32882 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION/ORDERING INFORMATION
SN74SSQEA32882
www.ti.com...................................................................................................................................................................................................... SCAS879 – JUNE 2009
28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS PARITY TEST
ONE PAIR TO FOUR PAIR DIFFERENTIAL CLOCK PLL DRIVER
The SN74SSQEA32882 has two basic modes of
operation associated with the Quad Chip Select
• JEDEC SSTE32882 Compliant
Enable (QCSEN) input.
• 1-to-2 Register Outputs and 1-to-4 Clock Pair
First, when the QCSEN input pin is open or pulled
Outputs Support Stacked DDR3 DIMMs
high, the component has two chip select inputs,
• CKE Powerdown mode for optimized system
DCS0 and DCS1, and two copies of each chip select
power consumption
output, QACS0, QACS1, QBCS0 and QBCS1. This
• 1.5V/1.35V Phase Lock Loop Clock Driver
mode is the QuadCS disabled mode. Alternatively,
when the QCSEN input pin is pulled low, the
Buffers One Differential Clock Pair (CK and
component has four chip select inputs DCS[3:0], and
CK) and Distributes to Four Differential
four chip select outputs, QCS[3:0]. This mode is the
Outputs
QuadCS enabled mode.
• 1.5V/1.35V CMOS Inputs
When QCSEN is high or floating, the device also
• Checks Parity on Command and Address
supports an operating mode that allows a single
(CS-gated) Data Inputs
device to be mounted on the back side of a DIMM
• Supports Four Chip Selects
array. This device can then be configured to keep the
input bus termination (IBT) feature enabled for all
• Configurable Driver Strength
input
signals
independent
of
MIRROR.
The
SN74SSQEA32882. operates from a differential clock
(CK and CK). Data are registered at the crossing of
• DDR3 Registered DIMMs up to DDR3-1600
CK going high and CK going low. This data can either
• DDR3L Registered DIMMs up to DDR3L-1333
be re-driven to the outputs or used to access internal
• Single-, Dual- and Quad-Rank RDIMM
control registers. Details are covered in the Function
Tables (each flip-flop) with QCSEN = low.
Input bus data integrity is protected by a parity
function. All address and command input signals are
This JEDEC SSTE32882-compliant, 28-bit 1:2 or
summed; the last bit of the sum is then compared to
26-bit 1:2 and 4-bit 1:1 registering clock driver with
the parity signal delivered by the system at the
parity is designed for operation on DDR3 registered
PAR_IN input one clock cycle later. If these two
DIMMs with with VDD of 1.5 V and on DDR3L
values do not match, the device pulls the open drain
registered DIMMs with VDD of 1.35 V.
output ERROUT low. The control signals (DCKE0,
The
SN74SSQEA32882
implements
different
DCKE1, DODT0, DODT1, and DCS[n:0]) are not part
power-saving mechanisms to reduce thermal power
of this computation.
dissipation and to support system power-down states.
The package design is optimal for high-density
Power consumption is further reduced by disabling
DIMMs. By aligning input and output positions
unused outputs.
towards DIMM finger-signal ordering and SDRAM
All inputs are 1.5V and 1.35V CMOS-compatible. All
ballout, the device de-scrambles the DIMM traces
outputs are optimized to drive DRAM signals on
and
allows
low
crosstalk
designs
with
low
terminated traces in DDR3 RDIMM applications.
interconnect latency. Edge-controlled outputs reduce
Clock outputs Yn and Yn and control net outputs
ringing and improve signal eye opening at the
DxCKEn, DxCSn, and DxODTn can each be driven
SDRAM inputs.
with a different strength and skew to optimize signal
integrity,
compensate
for
different
loading,
and
balance signal travel speed.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - SN74SSQEA32882

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74SSQE32882 TI-SN74SSQE32882 Datasheet
336Kb / 8P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS PARITY TEST ONE PAIR TO FOUR PAIR DIFFERENTIAL CLOCK PLL DRIVER
SN74SSQE32882 TI-SN74SSQE32882 Datasheet
433Kb / 10P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS PARITY TEST ONE PAIR TO FOUR PAIR DIFFERENTIAL CLOCK PLL DRIVER
SN74SSQE32882 TI-SN74SSQE32882 Datasheet
433Kb / 10P
[Old version datasheet]   28-BIT RIGISTERED BUFFER WITH ADDRESS PARITY TEST ONE PAIR TO FOUR PAIR DIFFERENTIAL CLOCK PLL DRIVER
SN74SSQE32882 TI1-SN74SSQE32882 Datasheet
744Kb / 10P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS PARITY TEST ONE PAIR TO FOUR PAIR DIFFERENTIAL CLOCK PLL DRIVER
SN74SSQE32882ZALR TI-SN74SSQE32882ZALR Datasheet
336Kb / 8P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS PARITY TEST ONE PAIR TO FOUR PAIR DIFFERENTIAL CLOCK PLL DRIVER
More results

Podobny opis - SN74SSQEA32882

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74SSQE32882 TI-SN74SSQE32882 Datasheet
336Kb / 8P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS PARITY TEST ONE PAIR TO FOUR PAIR DIFFERENTIAL CLOCK PLL DRIVER
SN74SSQEC32882 TI1-SN74SSQEC32882 Datasheet
498Kb / 9P
[Old version datasheet]   28-Bit to 56-Bit Registered Buffer With Address Parity Test One Pair to Four Pair Differential Clock PLL Driver
SN74SSQE32882 TI1-SN74SSQE32882_17 Datasheet
744Kb / 10P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS PARITY TEST ONE PAIR TO FOUR PAIR DIFFERENTIAL CLOCK PLL DRIVER
SN74SSQE32882 TI-SN74SSQE32882_1 Datasheet
433Kb / 10P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS PARITY TEST ONE PAIR TO FOUR PAIR DIFFERENTIAL CLOCK PLL DRIVER
SN74SSQEB32882 TI1-SN74SSQEB32882 Datasheet
489Kb / 9P
[Old version datasheet]   28-Bit to 56-Bit Registered Buffer With Address Parity Test One Pair to Four Pair Differential Clock PLL Driver
SN74SSTE32882 TI-SN74SSTE32882 Datasheet
274Kb / 7P
[Old version datasheet]   28-Bit to 56-Bit Registered Buffer With Address Parity Test and One Pair to Four Pair Differential Clock PLL Driver
SN74SSQE32882 TI-SN74SSQE32882_10 Datasheet
433Kb / 10P
[Old version datasheet]   28-BIT RIGISTERED BUFFER WITH ADDRESS PARITY TEST ONE PAIR TO FOUR PAIR DIFFERENTIAL CLOCK PLL DRIVER
74SSTUB32868A TI1-74SSTUB32868A Datasheet
770Kb / 25P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868 TI1-74SSTUB32868_15 Datasheet
981Kb / 26P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32865AZJBR TI-74SSTUB32865AZJBR Datasheet
728Kb / 21P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com