Zakładka z wyszukiwarką danych komponentów |
|
TS3A27518EZQSR Arkusz danych(PDF) 1 Page - Texas Instruments |
|
TS3A27518EZQSR Arkusz danych(HTML) 1 Page - Texas Instruments |
1 / 26 page 1 FEATURES APPLICATIONS N.C. – Notinternallyconnected RTWPACKAGE (TOP VIEW) COM3 COM2 COM1 V + GND COM4 NO5 NO4 NO6 NC4 NC5 EN 1 2 3 4 5 6 7 24 8 23 15 14 13 12 19 11 20 10 21 9 22 16 17 18 1 24 2 23 3 22 4 21 5 20 6 19 7 18 8 17 9 16 10 15 11 14 12 13 PW PACKAGE (TOP VIEW) IN1 NC3 NC6 NC4 EN NC5 NO5 NO4 NO6 NO3 IN2 NO2 NC2 NC1 N.C. COM1 GND COM2 COM3 V + COM4 COM5 NO1 COM6 ZQSPACKAGE (TOP VIEW) 1 2 3 4 5 A B C D E TS3A27518E www.ti.com........................................................................................................................................................... SCDS260B – MARCH 2009 – REVISED MAY 2009 6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS • 1.65-V to 3.6-V Single-Supply Operation • Isolation in Powerdown Mode, V + = 0 • Low Capacitance Switches, 21.5 pF (Typical) • Bandwidth up to 240 MHz for High-Speed Rail-to-Rail Signal Handling • Crosstalk and Off Isolation of -62dB • 1.8-V Logic Threshold Compatibility for Control Inputs • 3.6-V Tolerant Control Inputs • Latch-Up Performance Exceeds 100-mA Per JESD 78, Class II • ESD Performance Tested Per JESD 22 – 2500-V Human-Body Model (A114-B, Class II) – 1500-V Charged-Device Model (C101) • ESD Performance: NC/NO Ports – ±6-kV Contact Discharge (IEC 61000-4-2) • 24-QFN (4 × 4 mm), 24-BGA (3 × 3 mm) and 24-TSSOP (7.9 × 6.6 mm) Packages • SD/SDIO and MMC Two Port MUX • PC VGA Video MUX/Video Systems • Audio and Video Signal Routing ZQS PIN ASSIGNMENTS 1 2 3 4 5 A COM1 NC2 N.C. NC3 NC6 B COM2 NC1 IN1 NC4 C COM3 V+ GND EN NC5 D COM4 COM6 IN2 NO5 NO4 E COM5 NO1 NO2 NO3 NO6 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2009, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Podobny numer części - TS3A27518EZQSR |
|
Podobny opis - TS3A27518EZQSR |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |