Zakładka z wyszukiwarką danych komponentów |
|
TS3A27518EPWR Arkusz danych(PDF) 6 Page - Texas Instruments |
|
|
TS3A27518EPWR Arkusz danych(HTML) 6 Page - Texas Instruments |
6 / 26 page ELECTRICAL CHARACTERISTICS FOR 2.5-V SUPPLY (1) TS3A27518E SCDS260B – MARCH 2009 – REVISED MAY 2009........................................................................................................................................................... www.ti.com V+ = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Analog Switch Analog signal VCOM, 0 V+ Ω range VNO, VNC 25°C 5.5 9.6 ON-state 0 ≤ (VNC or VNO) ≤ V+, Switch ON, ron 2.3 V Ω resistance ICOM = –32 mA, See Figure 15 Full 11.5 ON-state 25°C 0.3 0.8 VNC or VNO = 1.6 V, Switch ON, resistance match Δron 2.3 V Ω ICOM = –32 mA, See Figure 15 Full 0.9 between channels ON-state 25°C 0.91 2.2 0 ≤ (VNC or VNO) ≤ V+, Switch ON, resistance ron(flat) 2.3 V Ω ICOM = –32 mA, See Figure 16 Full 2.3 flatness VNC or VNO = 0.5 V, 25°C –0.3 0.04 0.3 VCOM = 2.3 V, INC(OFF), or 2.7 V INO(OFF) Full –6 6 VNC or VNO = 2.3 V, NC, NO VCOM = 0.5 V, Switch OFF, OFF leakage µA See Figure 16 VNC or VNO = 0 to 2.7 V, 25°C –0.6 0.02 0.6 current VCOM =2.7 V to 0, INC(PWROFF), or 0 V INO(PWROFF) Full –10 10 VNC or VNO = 2.7 V to 0, VCOM = 0 to 2.7 V, VNC or VNO = 0.5 V, 25°C –0.7 0.02 0.7 VCOM = 2.3 V, ICOM(OFF) or 2.7 V Full –1 1 VNC or VNO = 2.3 V, COM VCOM = 0.5 V, Switch OFF, OFF leakage µA See Figure 16 VNC or VNO = 2.7 V to 0, 25°C –0.7 0.02 0.7 current VCOM = 0 to 2.7 V, ICOM(PWROFF) or 0 V Full –7.2 7.2 VNC or VNO = 0 to 2.7 V, VCOM = 2.7 V to 0, NC, NO VNC or VNO = 0.5 V or 2.3 25°C –2.1 0.03 2.1 INO(ON), Switch ON, ON leakage V, 2.7 V µA INC(ON) See Figure 17 Full –6 6 current VCOM = Open, VNC or VNO = Open, 25°C –2 0.02 2 COM VCOM = 0.5 V, Switch ON, ON leakage ICOM(ON) or 2.7 V µA See Figure 17 Full –5.7 5.7 current VNC or VNO = Open, VCOM = 2.3 V, Digital Control Inputs (IN1, IN2, EN)(2) Input logic high VIH VI = V+ or GND Full 2.7 V 1.15 3.6 V Input logic low VIL Full 2.7 V 0 0.55 V 25°C -0.1 0.01 0.1 Input leakage current IIH, IIL VI = V+ or 0 2.7 V µA Full –2.1 2.1 Dynamic 25°C 2.5 V 17.2 36.8 VCOM = V+, CL = 35 pF, Turn-on time tON ns RL = 50 Ω, See Figure 19 Full 2.3 V to 2.7 V 42.5 25°C 2.5 V 17.1 29.8 VCOM = V+, CL = 35 pF, Turn-off time tOFF ns RL = 50 Ω, See Figure 19 Full 2.3 V to 2.7 V 34.4 25°C 2.5 V 4.5 13 30 Break-before- VNC = VNO = V+/2, CL = 35 pF, tBBM ns make time RL = 50 Ω, See Figure 20 Full 2.3 V to 2.7 V 33.3 VGEN = 0, CL = 0.1 nF, Charge injection QC 25°C 2.5 V 0.47 pC RGEN = 0, See Figure 24 NC, NO CNC(OFF), VNC or VNO = V+ or GND, See Figure 18 25°C 2.5 V 13.5 pF OFF capacitance CNO(OFF) Switch OFF, COM VNC or VNO = V+ or GND, CCOM(OFF) See Figure 18 2.5 V 9 pF OFF capacitance Switch OFF, (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum (2) All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. 6 Submit Documentation Feedback Copyright © 2009, Texas Instruments Incorporated Product Folder Link(s): TS3A27518E |
Podobny numer części - TS3A27518EPWR |
|
Podobny opis - TS3A27518EPWR |