Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NE1617ADS Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części NE1617ADS
Szczegółowy opis  Temperature monitor for microprocessor systems
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

NE1617ADS Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button NE1617ADS Datasheet HTML 3Page - NXP Semiconductors NE1617ADS Datasheet HTML 4Page - NXP Semiconductors NE1617ADS Datasheet HTML 5Page - NXP Semiconductors NE1617ADS Datasheet HTML 6Page - NXP Semiconductors NE1617ADS Datasheet HTML 7Page - NXP Semiconductors NE1617ADS Datasheet HTML 8Page - NXP Semiconductors NE1617ADS Datasheet HTML 9Page - NXP Semiconductors NE1617ADS Datasheet HTML 10Page - NXP Semiconductors NE1617ADS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
NE1617A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 30 July 2009
7 of 27
NXP Semiconductors
NE1617A
Temperature monitor for microprocessor systems
[1]
Any pull-up/pull-down resistor used to connect to GND or VDD should be ≤ 2kΩ.
8.3 Registers
The device contains more than 9 registers. They are used to store the data of device
set-up and operation results. Depending on the bus communication (either read or write
operations), each register may be called by different names because each register may
have different sub-addresses or commands for read and write operations. For example,
the configuration register is called as WC for write mode and as RC for read mode.
Table 4 shows the names, commands and functions of all registers as well as the register
POR states.
Remark: Attempting to write to a read-command or read from a write-command will
produce an invalid result. The reserved registers are used for factory test purposes and
should not be written.
VDD
GND
1001 100
VDD
n.c.
1001 101
VDD
VDD
1001 110
Table 3.
Device slave address …continued
n.c. = not connected
ADD0[1]
ADD1[1]
Address byte
Table 4.
Register assignments
Register name
Command byte
POR state
Function
RIT
00h
0000 0000
read internal or local temp byte
RET
01h
0000 0000
read external or remote temp byte
RS
02h
n/a
read status byte
RC
03h
0000 0000
read configuration byte
RCR
04h
0000 0010
read conversion rate byte
RIHL
05h
0111 1111
read internal temp high limit byte
RILL
06h
1100 1001
read internal temp low limit byte
REHL
07h
0111 1111
read external temp high limit byte
RELL
08h
1100 1001
read external temp low limit byte
WC
09h
n/a
write configuration byte
WCR
0Ah
n/a
write conversion rate byte
WIHL
0Bh
n/a
write internal temp high limit byte
WILL
0Ch
n/a
write internal temp low limit byte
WEHL
0Dh
n/a
write external temp high limit byte
WELL
0Eh
n/a
write external temp low limit byte
OSHT
0Fh
n/a
one-shot command
-
10h
n/a
reserved
-
11h
n/a
reserved
-
12h
n/a
reserved
-
13h
n/a
reserved


Podobny numer części - NE1617ADS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
NE1617ADS PHILIPS-NE1617ADS Datasheet
133Kb / 17P
   Temperature monitor for microprocessor systems
2004 Oct 05
More results

Podobny opis - NE1617ADS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
NE1617 PHILIPS-NE1617 Datasheet
162Kb / 16P
   Temperature monitor for microprocessor systems
1999 Mar 19
NE1617A PHILIPS-NE1617A Datasheet
133Kb / 17P
   Temperature monitor for microprocessor systems
2004 Oct 05
NE1618 PHILIPS-NE1618 Datasheet
137Kb / 16P
   Temperature monitor for microprocessor systems
2002 Jan 04
logo
Analog Devices
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10/99
EVAL-ADM1022 AD-EVAL-ADM1022 Datasheet
346Kb / 14P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. B
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
   Low Cost Microprocessor System Temperature Monitor
REV. 0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
logo
Microchip Technology
TC1232 MICROCHIP-TC1232_14 Datasheet
583Kb / 24P
   Microprocessor Monitor
10/28/13
TC1232 MICROCHIP-TC1232 Datasheet
275Kb / 20P
   Microprocessor Monitor
2005
logo
ON Semiconductor
NCP1232 ONSEMI-NCP1232 Datasheet
95Kb / 8P
   Microprocessor Monitor
May, 2000 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com