Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC17133 Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części UC17133
Szczegółowy opis  Smart Power Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

UC17133 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button UC17133 Datasheet HTML 2Page - Texas Instruments UC17133 Datasheet HTML 3Page - Texas Instruments UC17133 Datasheet HTML 4Page - Texas Instruments UC17133 Datasheet HTML 5Page - Texas Instruments UC17133 Datasheet HTML 6Page - Texas Instruments UC17133 Datasheet HTML 7Page - Texas Instruments UC17133 Datasheet HTML 8Page - Texas Instruments UC17133 Datasheet HTML 9Page - Texas Instruments UC17133 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
UC17131/2/3
UC27131/2/3
UC37131/2/3
OUTPUT
DRIVER
DISABLED
ENABLED
V
CDEL
VCC
tINT
ENABLED
INDETERMINATE
STATE
t
D(ON)
t
t
t
V
CDEL_MAX =5.8V
LED
V
FAULT_H
t
t
D(OFF)
V
FAULT_H =4.9V
DISABLED
V
FAULT_L =1.0V
t
D(ON)
Figure 3b. Power interrupt fault operation, high side configuration, VIN = 5VDC.
APPLICATION INFORMATION (cont.)
UDG-98030
OUTPUT
DRIVER
V
CDEL
I
LOAD
tSC
t
t
t
LED
t
tR(OFF)
4.9V
Figure 3c. Overcurrent fault operation.
UDG-98031
UNITRODE CORPORATION
7 CONTINENTAL BOULEVARD
• MERRIMACK, NH 03054
TEL (603) 424-2410
• FAX (603) 424-3460


Podobny numer części - UC17133

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC17133 TI-UC17133 Datasheet
145Kb / 12P
[Old version datasheet]   Smart Power Switch
UC17133J TI1-UC17133J Datasheet
121Kb / 13P
[Old version datasheet]   Smart Power Switch
More results

Podobny opis - UC17133

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC37132N TI1-UC37132N Datasheet
121Kb / 13P
[Old version datasheet]   Smart Power Switch
UC17131 TI-UC17131_V01 Datasheet
145Kb / 12P
[Old version datasheet]   Smart Power Switch
logo
Infineon Technologies A...
BTS410E2-E3062A INFINEON-BTS410E2-E3062A Datasheet
324Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D Datasheet
262Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
BTS118D INFINEON-BTS118D Datasheet
336Kb / 10P
   Smart Lowside Power Switch
2004-03-05
BTS410E2 INFINEON-BTS410E2 Datasheet
321Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
BTS412B2 INFINEON-BTS412B2 Datasheet
170Kb / 14P
   Smart Highside Power Switch
03.97
logo
Siemens Semiconductor G...
OBTS141 SIEMENS-OBTS141 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS941 INFINEON-BTS941 Datasheet
182Kb / 11P
   Smart Lowside Power Switch
02.12.1998
BTS3134N INFINEON-BTS3134N Datasheet
208Kb / 10P
   Smart Lowside Power Switch
2002-09-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com