Zakładka z wyszukiwarką danych komponentów |
|
Z0103MN Arkusz danych(PDF) 1 Page - NXP Semiconductors |
|
Z0103MN Arkusz danych(HTML) 1 Page - NXP Semiconductors |
1 / 12 page Z0103MN Logic level four-quadrant triac Rev. 03 — 5 August 2009 Product data sheet 1. Product profile 1.1 General description Passivated sensitive gate 4-Q triac in a SOT223 surface-mountable plastic package 1.2 Features and benefits Direct interfacing to logic level ICs Direct interfacing to low power gate drive circuits High blocking voltage of 600V Sensitive gate in four quadrants Surface-mountable package 1.3 Applications General purpose low power motor control Home appliances Industrial process control Low power AC Fan controllers 1.4 Quick reference data Table 1. Quick reference Symbol Parameter Conditions Min Typ Max Unit VDRM repetitive peak off-state voltage - - 600 V IT(RMS) RMS on-state current half sine wave; Tsp ≤ 89 °C; see Figure 1 and 4 --1 A Static characteristics IGT gate trigger current VD =12V; Tj =25°C; T2+ G-; see Figure 6 --3 mA VD =12V; Tj =25°C; T2- G- --3 mA VD =12V; Tj =25°C; T2+ G+ --3 mA VD =12V; Tj =25°C; T2- G+ --5 mA |
Podobny numer części - Z0103MN |
|
Podobny opis - Z0103MN |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |