Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC0710LG Arkusz danych(PDF) 7 Page - Sanyo Semicon Device

Numer części LC0710LG
Szczegółowy opis  Monaural CODEC Audio I/F Video Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC0710LG Arkusz danych(HTML) 7 Page - Sanyo Semicon Device

Back Button LC0710LG Datasheet HTML 3Page - Sanyo Semicon Device LC0710LG Datasheet HTML 4Page - Sanyo Semicon Device LC0710LG Datasheet HTML 5Page - Sanyo Semicon Device LC0710LG Datasheet HTML 6Page - Sanyo Semicon Device LC0710LG Datasheet HTML 7Page - Sanyo Semicon Device LC0710LG Datasheet HTML 8Page - Sanyo Semicon Device LC0710LG Datasheet HTML 9Page - Sanyo Semicon Device LC0710LG Datasheet HTML 10Page - Sanyo Semicon Device LC0710LG Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LA07410LG
No.A1345-7/36
Pin Function
(Note) I/O: I => input, Is => Schmitt input, O => output, IO s=> Schmitt input/output
Pin No.
Pin name
I/O
Function
Equivalent circuit
B3
MICPWR
O
Microphone power supply output (2.3V)
B1
MICINP
I
Microphone amplifier input (+ side)
70k
B2
MICINN
I
Microphone amplifier input (- side)
70k
C3
VDDA
Analog block power supply (3V)
C1
VREF
O
3V analog power supply reference voltage output
C2
VSSA
Analog block ground (0V)
D1
LOUT1
O
Line output 1
D2
LOUT2
O
Line output 2
D3
BEEP
I
BEEP signal input, mixed to speaker amplifier
E1
SPKIN
I
Speaker amplifier input
5k
E1
D3
5k
107k
10k
5k
Continued on next page.


Podobny numer części - LC0710LG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC07410LG SANYO-LC07410LG Datasheet
479Kb / 36P
   Monaural CODEC Audio I/F Video Driver
LC074146LP SANYO-LC074146LP Datasheet
529Kb / 31P
   CMOS IC Monaural CODECAudio I/F Video driver IC
LC07422T SANYO-LC07422T Datasheet
105Kb / 10P
   CMOS IC Audio CODEC with Video Driver
LC07424LP SANYO-LC07424LP Datasheet
637Kb / 32P
   CMOS IC Audio CODEC with Video Driver
More results

Podobny opis - LC0710LG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC07410LG SANYO-LC07410LG Datasheet
479Kb / 36P
   Monaural CODEC Audio I/F Video Driver
LC074146LP SANYO-LC074146LP Datasheet
529Kb / 31P
   CMOS IC Monaural CODECAudio I/F Video driver IC
logo
Asahi Kasei Microsystem...
AK4571 AKM-AK4571 Datasheet
309Kb / 54P
   USB I/F Audio CODEC
logo
Rohm
BU7812KN ROHM-BU7812KN Datasheet
299Kb / 5P
   Monaural audio interface with CODEC
logo
YAMAHA CORPORATION
YMF753 YAMAHA-YMF753 Datasheet
185Kb / 26P
   AC97 Revision2.2 Audio CODEC with Digital Audio I/F
logo
Sanyo Semicon Device
LC07424LP SANYO-LC07424LP Datasheet
637Kb / 32P
   CMOS IC Audio CODEC with Video Driver
LC07422T SANYO-LC07422T Datasheet
105Kb / 10P
   CMOS IC Audio CODEC with Video Driver
logo
Rohm
BU26154MUV ROHM-BU26154MUV_15 Datasheet
1Mb / 90P
   Monaural Audio CODEC with Touch Panel Interface
logo
YAMAHA CORPORATION
YMF743 YAMAHA-YMF743 Datasheet
170Kb / 24P
   AC??7 Revsion2.1 Audio CODEC with Digital Audio I/F
logo
Intersil Corporation
TW2819 INTERSIL-TW2819 Datasheet
116Kb / 2P
   Multichannel H.264 Audio/Video Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com