Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC0710LG Arkusz danych(PDF) 5 Page - Sanyo Semicon Device

Numer części LC0710LG
Szczegółowy opis  Monaural CODEC Audio I/F Video Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC0710LG Arkusz danych(HTML) 5 Page - Sanyo Semicon Device

  LC0710LG Datasheet HTML 1Page - Sanyo Semicon Device LC0710LG Datasheet HTML 2Page - Sanyo Semicon Device LC0710LG Datasheet HTML 3Page - Sanyo Semicon Device LC0710LG Datasheet HTML 4Page - Sanyo Semicon Device LC0710LG Datasheet HTML 5Page - Sanyo Semicon Device LC0710LG Datasheet HTML 6Page - Sanyo Semicon Device LC0710LG Datasheet HTML 7Page - Sanyo Semicon Device LC0710LG Datasheet HTML 8Page - Sanyo Semicon Device LC0710LG Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LA07410LG
No.A1345-5/36
DAC Filter Characteristics
Ratings
Parameter
Conditions
min
typ
max
unit
Remarks
Resolution
16
Bit
Passband
±0.015dB
0
0.4535fs
21.8kHz@fs = 48kHz
Stopband
0.5465fs
26.2kHz@fs = 48kHz
Passband ripple
±0.015
dB
Stopband attenuation
-63
dB
Output data delay
48
1/fs
HPF cutoff frequency
-3dB
0.0000385fs
Hz
1.85Hz@fs = 48kHz
Switching Characteristics
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
PLL
PLL used
12
27
MHz
CKIN frequency
fCKI
EXT input present
2.012
24.576
MHz
FBCLK = 0
64fs
BCLK frequency
fBCK
FBCLK = 1
32fs
BCLK duty cycle
dtBK
45
50
55
%
LRCK frequency
fLR
7.86
48
kHz
LRCK duty cycle
dtLR
45
50
55
%
CLK transition time
trCK
Rise time, MCLKIN/BCLK/LRCK inputs present
10
ns
CLK transition time
tfCK
Fall time, MCLKIN/BCLK/LRCK inputs present
10
ns
Package Dimensions
unit : mm (typ)
3370
SANYO : FLGA40(4.4X3.6)
3.6
FE
D C B A
0.55
0.3
0.5
TOP VIEW
SIDE VIEW
BOTTOM VIEW


Podobny numer części - LC0710LG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC07410LG SANYO-LC07410LG Datasheet
479Kb / 36P
   Monaural CODEC Audio I/F Video Driver
LC074146LP SANYO-LC074146LP Datasheet
529Kb / 31P
   CMOS IC Monaural CODECAudio I/F Video driver IC
LC07422T SANYO-LC07422T Datasheet
105Kb / 10P
   CMOS IC Audio CODEC with Video Driver
LC07424LP SANYO-LC07424LP Datasheet
637Kb / 32P
   CMOS IC Audio CODEC with Video Driver
More results

Podobny opis - LC0710LG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC07410LG SANYO-LC07410LG Datasheet
479Kb / 36P
   Monaural CODEC Audio I/F Video Driver
LC074146LP SANYO-LC074146LP Datasheet
529Kb / 31P
   CMOS IC Monaural CODECAudio I/F Video driver IC
logo
Asahi Kasei Microsystem...
AK4571 AKM-AK4571 Datasheet
309Kb / 54P
   USB I/F Audio CODEC
logo
Rohm
BU7812KN ROHM-BU7812KN Datasheet
299Kb / 5P
   Monaural audio interface with CODEC
logo
YAMAHA CORPORATION
YMF753 YAMAHA-YMF753 Datasheet
185Kb / 26P
   AC97 Revision2.2 Audio CODEC with Digital Audio I/F
logo
Sanyo Semicon Device
LC07424LP SANYO-LC07424LP Datasheet
637Kb / 32P
   CMOS IC Audio CODEC with Video Driver
LC07422T SANYO-LC07422T Datasheet
105Kb / 10P
   CMOS IC Audio CODEC with Video Driver
logo
Rohm
BU26154MUV ROHM-BU26154MUV_15 Datasheet
1Mb / 90P
   Monaural Audio CODEC with Touch Panel Interface
logo
YAMAHA CORPORATION
YMF743 YAMAHA-YMF743 Datasheet
170Kb / 24P
   AC??7 Revsion2.1 Audio CODEC with Digital Audio I/F
logo
Intersil Corporation
TW2819 INTERSIL-TW2819 Datasheet
116Kb / 2P
   Multichannel H.264 Audio/Video Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com