Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC1851 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części UC1851
Szczegółowy opis  Programmable, Off-Line, PWM Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

UC1851 Arkusz danych(HTML) 1 Page - Texas Instruments

  UC1851 Datasheet HTML 1Page - Texas Instruments UC1851 Datasheet HTML 2Page - Texas Instruments UC1851 Datasheet HTML 3Page - Texas Instruments UC1851 Datasheet HTML 4Page - Texas Instruments UC1851 Datasheet HTML 5Page - Texas Instruments UC1851 Datasheet HTML 6Page - Texas Instruments UC1851 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UC1851
UC2851
UC3851
Programmable, Off-Line, PWM Controller
FEATURES
All Control, Driving, Monitoring, and Protection
Functions Included
Low-Current Off Line Start Circuit
Voltage Feed Forward or Current Mode Control
High Current Totem Pole Output
50% Absolute Max Duty Cycle
PWM Latch for Single Pulse Per Period
Pulse-by-Pulse Current Limiting plus Shutdown
for Over-Current Fault
No Start-Up or Shutdown Transients
Slow Turn-On Both Initially and After Fault
Shutdown
Shutdown Upon Over or Under Voltage Sensing
Latch Off or Continuous Retry After Fault
1% Reference Accuracy
500kHz Operation
18 Pin DIL or 20 Pin PLCC Package
DESCRIPTION
The UC1851 family of PWM controllers are optimized for off-
line primary side control. These devices include a high current
totem pole output stage and a toggle flip-flop for absolute 50%
duty cycle limiting. In all other respects this line of controllers is
pin for pin compatible with the UC1841 series. Inclusion of all
major housekeeping functions in these high performance con-
trollers makes them ideal for use in cost sensitive applications.
Important features of these controllers include low current
start-up, linear feed-forward for constant volt-second operation,
and compatibility with both voltage or current mode control. In
addition, these devices include a programmable start thresh-
old, as well as programmable over-voltage, under-voltage, and
over current fault thresholds. The fault latch on these devices
can be configured for automatic restart, or latched off response
to a fault.
These devices are packaged in 18-pin plastic or ceramic dual-
in-line packages, or for surface mount applications, a 20 Pin
PLCC. The UC1851 is characterized for -55
°C to +125°C op-
eration while the UC2851 and UC3851 are designed for -40
°C
to +85
°C and 0°C to +70°C, respectively.
BLOCK DIAGRAM
10/94


Podobny numer części - UC1851

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1851 TI1-UC1851 Datasheet
768Kb / 12P
[Old version datasheet]   All Control, Driving, Monitoring, and Protection Functions Included
UC1851J TI1-UC1851J Datasheet
772Kb / 11P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
UC1851J TI1-UC1851J Datasheet
768Kb / 12P
[Old version datasheet]   All Control, Driving, Monitoring, and Protection Functions Included
UC1851J883B TI1-UC1851J883B Datasheet
772Kb / 11P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
UC1851J883B TI1-UC1851J883B Datasheet
768Kb / 12P
[Old version datasheet]   All Control, Driving, Monitoring, and Protection Functions Included
More results

Podobny opis - UC1851

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SLUS208 TI1-SLUS208 Datasheet
942Kb / 11P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
SLUS226 TI1-SLUS226 Datasheet
772Kb / 11P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
UC1841 TI-UC1841 Datasheet
923Kb / 9P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
logo
STMicroelectronics
UC1840 STMICROELECTRONICS-UC1840 Datasheet
447Kb / 10P
   PROGRAMMABLE, OFF-LIINE, PWM CONTROLLER
logo
Infineon Technologies A...
ICE2QR0665 INFINEON-ICE2QR0665_10 Datasheet
658Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller
Ver 2.3, April 27, 2010
logo
Dialog Semiconductor
IW1690 DIALOG-IW1690 Datasheet
879Kb / 13P
   Low-Power Off-line Digital PWM Controller
IW1815 DIALOG-IW1815 Datasheet
355Kb / 6P
   Off-Line Digital Green-Mode PWM Controller
IW1692 DIALOG-IW1692 Datasheet
1Mb / 18P
   Low-Power Off-line Digital PWM Controller
logo
Infineon Technologies A...
ICE2QR4765 INFINEON-ICE2QR4765_10 Datasheet
812Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller
Ver 2.1, February 5, 2010
logo
Dialog Semiconductor
IW1689 DIALOG-IW1689 Datasheet
973Kb / 17P
   Low-Power Off-line Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com