Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC1914 Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części UC1914
Szczegółowy opis  5V to 35V Hot Swap Power Manager
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

UC1914 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button UC1914 Datasheet HTML 6Page - Texas Instruments UC1914 Datasheet HTML 7Page - Texas Instruments UC1914 Datasheet HTML 8Page - Texas Instruments UC1914 Datasheet HTML 9Page - Texas Instruments UC1914 Datasheet HTML 10Page - Texas Instruments UC1914 Datasheet HTML 11Page - Texas Instruments UC1914 Datasheet HTML 12Page - Texas Instruments UC1914 Datasheet HTML 13Page - Texas Instruments UC1914 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
UC1914
UC2914
Resistive Load:
()
()
CT
RV
I
R
T
R
V
R
PL
CC
MAX
LOAD
START
PL
CC
PL
min
=
•+
+•
10
2
2
4
RC
LOAD
LOAD
Output Current Softstart
The external MOSFET output current can be increased
at a user-defined rate to ensure that the output voltage
comes up in a controlled fashion by adding capacitor
CSS, as shown in Fig. 5. The chip does place one con-
straint on the soft start time and that is that the charge
pump time constant has to be much less than the
softstart time constant to ensure proper soft start opera-
tion. The time constant determining the startup time of
the charge pump is given by:
τ
CP
OUT
PUMP
RC
=•
ROUT is the output impedance of the charge pump given
by:
R
fCP
OUT
PUMP
=
1
where fPUMP is the charge pump frequency (125kHz) and
CP = CP1 = CP2 are the charge pump flying capacitors.
For typical values of CP1, CP2 and CPUMP (0.01µF) and
a switching frequency of 125kHz, the output impedance
is 800
Ω and the charge pump time constant is 8µs. The
charge pump should be close to being fully charged in 3
time constants or 24
µs. By placing a capacitor from VCC
to IMAX, the voltage at IMAX, which sets the maximum
output current of the FET, will exponentially decay from
VCC to the desired value set by R1 and R2. The output
current of the MOSFET will be controlled via soft start as
long as the soft start time constant (
τSS) is much greater
than the charge pump time constant
τCP, given by
()
τ
SS
SS
RR
C
=•
12
Minimizing Total Dropout Under Low Voltage
Operation
In a typical application, the UC3914 will be used to con-
trol the output current of an external NMOS during hot
swapping situations. Once the load has been fully
charged, the desired output voltage on the load, VOUT,
will be required to be as close to VCC as possible to
minimize total dropout. For a resistive load, RLOAD, the
output voltage is given by:
V
R
RR
R
VCC
OUT
LOAD
LOAD
SENSE
DS on
=
++
()
RSENSE was picked to set the fault current, IFAULT.
RDS(on), the on-resistance of the NMOS, should be made
as small as possible to ensure VOUT is as close to VCC
as possible. For a given NMOS, the manufacturer will
specify the RDS(on) for a certain VGS (maybe 7V to 10V).
The source potential of the NMOS is VOUT. In order to
ensure sufficient VGS, this requires the gate of the
NMOS, which is the output of the linear amplifier, to be
many volts higher than VCC. The UC3914 provides the
capability to generate this voltage through the addition of
3 capacitors, CP1, CP2 and CPUMP as shown in Fig. 6.
These capacitors should be used in conjunction with the
complementary output drivers and internal diodes in-
cluded on-chip to create a charge pump or voltage
tripler. The circuit boosts VCC by utilizing capacitors
CP1, CP2 and CPUMP in such a way that the voltage at
VPUMP approximately equals (3 • VCC )–(5•VDIODE), al-
most tripling the input supply voltage to the chip.
APPLICATION INFORMATION (cont.)
6
11
12
9
8
7
C
PUMP
L
O
A
D
C
LOAD
V
OUT
M1
2
OUT
VOUTS
VPUMP
VCC
R2
18
16
C
SS
R1
C1
IMAX
REF
OSC
PMP
5
OSCB
PMPB
CP2
CP1
Figure 5. MOSFET soft start diagram.
UDG-98160
Figure 6. Charge pump block diagram.
UDG-97058


Podobny numer części - UC1914

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1910 TI-UC1910 Datasheet
222Kb / 6P
[Old version datasheet]   4-Bit DAC and Voltage Monitor
UC1910 TI1-UC1910 Datasheet
250Kb / 7P
[Old version datasheet]   4-Bit DAC and Voltage Monitor
UC1910 TI1-UC1910_08 Datasheet
250Kb / 7P
[Old version datasheet]   4-Bit DAC and Voltage Monitor
More results

Podobny opis - UC1914

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UCC1919 TI-UCC1919 Datasheet
127Kb / 11P
[Old version datasheet]   3V to 8V Hot Swap Power Manager
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC3917D TI1-UCC3917D Datasheet
1Mb / 25P
[Old version datasheet]   Positive Floating Hot-Swap Power Manager
TPS2306 TI-TPS2306 Datasheet
407Kb / 28P
[Old version datasheet]   DUAL SEQUENCING HOT SWAP POWER MANAGER
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
[Old version datasheet]   15V Programmable Hot Swap Power Manager
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
[Old version datasheet]   Negative Voltage Hot Swap Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com