Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SD1049 Arkusz danych(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Numer części 2SD1049
Szczegółowy opis  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Strona internetowa  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SD1049 Arkusz danych(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SD1049 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SD1049 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SD1049 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Specification
www.jmnic.com
JMnic
Silicon NPN Power Transistors
2SD1049
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO
Collector-emitter breakdown voltage
IC=10mA ;RBE=
80
V
VCBO
Collector-base breakdown voltage
IC=0.1mA ;IE=0
120
V
VEBO
Emitter-base breakdown voltage
IE=0.1mA ;IC=0
7
V
VCEsat
Collector-emitter saturation voltage
IC=25A IB=2.5A
1.5
V
VBEsat
Base-emitter saturation voltage
IC=25A IB=2.5A
2.0
V
ICBO
Collector cut-off current
VCB=120V IE=0
0.1
mA
IEBO
Emitter cut-off current
VEB=7V; IC=0
0.1
mA
hFE
DC current gain
IC=25A ; VCE=5V
20
Rth(j-c)
Thermal resistance
Junction to case
1.55
/W
Switching times
ton
Turn-on time
1.0
μ
s
tstg
Storage time
2.5
μ
s
tf
Fall time
IC=25A IB1=-IB2=2.5A
RL=3Ω;PW=20μs;
Duty≤2%
0.4
μ
s


Podobny numer części - 2SD1049

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fuji Electric
2SD1049 FUJI-2SD1049 Datasheet
102Kb / 3P
   TRIPLE DIFFUSED PLANER TYPE HIGH CURRENT HIGH SPEED SWITCHING
logo
List of Unclassifed Man...
2SD1049 ETC1-2SD1049 Datasheet
81Kb / 2P
   High speed switching transistor
logo
Savantic, Inc.
2SD1049 SAVANTIC-2SD1049 Datasheet
144Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1049 ISC-2SD1049 Datasheet
167Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SD1049 NJSEMI-2SD1049 Datasheet
126Kb / 1P
   TRIPLE DIFFUSED PLANER TYPE HIGH CURRENT, HIGH SPEED SWITCHING
More results

Podobny opis - 2SD1049

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com